Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

23Z108SM Datasheet(PDF) 9 Page - Pulse A Technitrol Company

Part # 23Z108SM
Description  For Adapter Cards, MAUs, Hubs, and Motherboard Applications
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

23Z108SM Datasheet(HTML) 9 Page - Pulse A Technitrol Company

Back Button 23Z108SM Datasheet HTML 2Page - Pulse A Technitrol Company 23Z108SM Datasheet HTML 3Page - Pulse A Technitrol Company 23Z108SM Datasheet HTML 4Page - Pulse A Technitrol Company 23Z108SM Datasheet HTML 5Page - Pulse A Technitrol Company 23Z108SM Datasheet HTML 6Page - Pulse A Technitrol Company 23Z108SM Datasheet HTML 7Page - Pulse A Technitrol Company 23Z108SM Datasheet HTML 8Page - Pulse A Technitrol Company 23Z108SM Datasheet HTML 9Page - Pulse A Technitrol Company 23Z108SM Datasheet HTML 10Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
www.pulseeng.com
9
EC100.N (1/10)
USA 858 674 8100Germany 49 7032 7806 0Singapore 65 6287 8998Shanghai 86 21 62787060China 86 755 33966678Taiwan 886 3 4356768
.265
6,73
.350
8,89
.360
9,14
.050
TYP
1,27
23ZXXXSM
DATE CODE CTRY ORIGIN
.450
11,43
.215
5,46
.004/0,10
16 Surfaces
16X
.005
to
.010
0,13
0,25
.018
TYP
0,46
0°-8°
.020
0,51
± 0,10
.350
8,89
.050
1,27
.070
1,78
.400
10,16
.260
6,60
.030
0,76
SUGGESTED PAD LAYOUT
Weight . . . . . . . . . . . . 0.85 grams
Tube . . . . . . . . . . . . . . . . .50/tube
Tape & Reel . . . . . . . . . . 750/reel
Dimensions: Inches
mm
Unless otherwise specified, all tolerances are ± .005
0,13
Through Hole Mechanicals - (continued)
SMT5
DATE CODE
CTRY ORIGIN
1.000 MAX
25,40
.390 MAX
9,91
.130 + .020 - .010
3,30
0,51 0,25
4X .100
2,54
.215 MAX
5,46
.300
7,62
.300
7,62
.700
17,78
STAND-OFF
4 PLCS
12Xø .020
0,51
Through Hole Mechanicals
TH1
TH2
Weight . . . . . . . . . . . . 2.18 grams
Tube . . . . . . . . . . . . . . . . 20/tube
Dimensions:
Inches
Unless otherwise specified, all tolerances are ±
.010
mm
0,25
Weight . . . . . . . . . . . . 2.17 grams
Tube . . . . . . . . . . . . . . . . 20/tube
ISOLATION TRANSFORMERS


Similar Part No. - 23Z108SM

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
23Z108SM PULSE-23Z108SM Datasheet
750Kb / 10P
   LAN ISOLATION TRANSFORMER CATALOG
23Z108SM PULSE-23Z108SM Datasheet
740Kb / 10P
   LAN ISOLATION TRANSFORMER CATALOG
23Z108SM PULSE-23Z108SM Datasheet
740Kb / 10P
   LAN ISOLATION TRANSFORMER CATALOG
More results

Similar Description - 23Z108SM

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
E2001QNL PULSE-E2001QNL Datasheet
192Kb / 4P
   Fully Integrated for Adapter, Hub, and Motherboard Applications
PE-68026QNL PULSE-PE-68026QNL Datasheet
192Kb / 4P
   Fully Integrated for Adapter, Hub, and Motherboard Applications
logo
ADL Embedded Solutions
MSMEC104EX ADL-MSMEC104EX Datasheet
192Kb / 1P
   Adapter for Express Cards 34/54
logo
STMicroelectronics
STUSB1600 STMICROELECTRONICS-STUSB1600 Datasheet
1Mb / 69P
   Power hubs and docking stations
November 2016 Rev 1
STUSB1602 STMICROELECTRONICS-STUSB1602 Datasheet
1Mb / 55P
   Power hubs and docking stations
April 2017 Rev 2
logo
Coolgear Inc.
12VDC2A-B COOLGEAR-12VDC2A-B Datasheet
185Kb / 2P
   12v 2A Power supply for Coolgear hubs
logo
Molex Electronics Ltd.
1061052000 MOLEX11-1061052000 Datasheet
42Kb / 1P
   HBMT High Density Backplane Motherboard Adapter Housing
logo
SHANGHAI BELLING CO., L...
BL2553 BELLING-BL2553_14 Datasheet
474Kb / 9P
   USB ports/Hubs
logo
Molex Electronics Ltd.
1061051000 MOLEX-1061051000_V01 Datasheet
42Kb / 1P
   HBMT High Density Backplane Motherboard Adapter Housing, APC, Singlemode and Multimode
1061052000 MOLEX-1061052000_V01 Datasheet
42Kb / 1P
   HBMT High Density Backplane Motherboard Adapter Housing, APC, Singlemode and Multimode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com