Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

37300800000 Datasheet(PDF) 2 Page - Littelfuse

Part # 37300800000
Description  Shok safe casing Vibration resistant Halogen free Lead-free
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

37300800000 Datasheet(HTML) 2 Page - Littelfuse

  37300800000 Datasheet HTML 1Page - Littelfuse 37300800000 Datasheet HTML 2Page - Littelfuse 37300800000 Datasheet HTML 3Page - Littelfuse 37300800000 Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Introduction to Circuit Protection
Introduction to Circuit Protection
Transientology
148
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Radial Lead Fuses
373 Series
TR5® > Fast-Acting > 373 Series
Please refer to www.littelfuse.com/series/373.html for current information.
Average Time Current Curves
Temperature Rerating Curve
CURRENT IN AMPERES
0.001
0.010
0.100
1
10
100
1000
10000
100000
0.100
1
10
100
0.02
Soldering Parameters - Wave Soldering
Dwell Time
0
20
40
60
80
100
120
140
160
180
200
220
240
260
280
300
Time (Seconds)
Cooling Time
Preheat Time
Wave Parameter
Lead-Free Recommendation
Preheat:
100
° C
150
° C
Solder PotTemperature:
260
°
Solder DwellTime:
Recommended Hand-Solder Parameters:
Note: These devices are not recommended for IR or
Convection Reflow process.
Recommended Process Parameters:
0
20
40
60
80
100
120
140
-40
-20
0
2040
6080
AMBIENT TEMPERATURE (°C)
23°C


Similar Part No. - 37300800000

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
373008-01 QUALTEK-373008-01 Datasheet
158Kb / 1P
   POWER CORD
More results

Similar Description - 37300800000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
H5AN4G4NBJR ETC2-H5AN4G4NBJR Datasheet
716Kb / 48P
   Lead-Free&Halogen-Free
Rev. 1.7 Mar. 2018
H5AN8G4NCJR ETC2-H5AN8G4NCJR Datasheet
844Kb / 47P
   Lead-Free&Halogen-Free
Rev. 1.5 Mar.2019
logo
Littelfuse
PGB1010603MR LITTELFUSE-PGB1010603MR Datasheet
239Kb / 4P
   PGB1 Series Halogen-Free / Lead-Free
PGB1010402 LITTELFUSE-PGB1010402_12 Datasheet
239Kb / 4P
   PGB1 Series Halogen-Free / Lead-Free
logo
Samsung semiconductor
K4B2G1646F SAMSUNG-K4B2G1646F Datasheet
515Kb / 71P
   96FBGA with Lead-Free & Halogen-Free
logo
Elpida Memory
EDE2108AEBG ELPIDA-EDE2108AEBG Datasheet
498Kb / 73P
   Lead-free (RoHS compliant) and Halogen-free
logo
Littelfuse
1206L150THWR LITTELFUSE-1206L150THWR Datasheet
789Kb / 6P
   RoHS compliant, lead-free and halogen-free
1206L035YR LITTELFUSE-1206L035YR Datasheet
789Kb / 6P
   RoHS compliant, lead-free and halogen-free
logo
Zowie Technology Corpor...
BAS16HT1GH ZOWIE-BAS16HT1GH Datasheet
61Kb / 2P
   Switching Diode Lead free product Halogen-free type
1SS400GH ZOWIE-1SS400GH Datasheet
107Kb / 2P
   Switching Diode Lead free product Halogen-free type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com