Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

250R145 Datasheet(PDF) 1 Page - Littelfuse

Part # 250R145
Description  Fast time - to - trip Access equipment Lan/Wan equipment
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

250R145 Datasheet(HTML) 1 Page - Littelfuse

  250R145 Datasheet HTML 1Page - Littelfuse 250R145 Datasheet HTML 2Page - Littelfuse 250R145 Datasheet HTML 3Page - Littelfuse 250R145 Datasheet HTML 4Page - Littelfuse 250R145 Datasheet HTML 5Page - Littelfuse 250R145 Datasheet HTML 6Page - Littelfuse 250R145 Datasheet HTML 7Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
97
Revised: August 31, 2011
POLY-FUSE® Resettable PTCs
© 2011 Littelfuse, Inc
250R Series
Radial Leaded > 250R Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/250R.html for current information.
The 250R Series is designed to protect against short
duration high voltage fault currents (power cross or power
induction surge) typically found in telecom applications
(250Vrms). The series can be used to help telecom
networking equipment meet the protection requirements
specified in ITU K.20 and K.21.
Electrical Characteristics
Part Number
I
hold
(A)
I
trip
(A)
V
max
V
int / Vop
I
max
(A)
P
d
typ.
(W)
MaximumTime
ToTrip
Resistance
Agency
Approvals
Current
(A)
Time
(Sec.)
R
min
(Ω)
R
typ
(Ω)
R
1max
(Ω)
250R080
0.08
0.16
250/60
3
1
0.35
3
14
22
33
XX
250R080T
0.08
0.16
250/60
3
1
0.35
3
15
22
33
XX
250R120
0.12
0.24
250/60
3
1
1
1.5
4
8
16
XX
250R120-RA
0.12
0.24
250/60
3
1
1
1.0
7
9
16
XX
250R120-RC
0.12
0.24
250/60
3
1
1
0.85
5.4
7.5
14
XX
250R120-RF
0.12
0.24
250/60
3
1
1
0.7
6
10.5
16
XX
250R120-R1
0.12
0.24
250/60
3
1
1
0.8
6
9
16
XX
250R120-R2
0.12
0.24
250/60
3
1
1
0.7
8
10.5
16
XX
250R120-R3
0.12
0.24
250/60
3
1
1
1
8
10
16
XX
250R120T
0.12
0.24
250/60
3
1
1
1.2
7
12
16
XX
250R145
0.145
0.29
250/60
3
1
1
2.5
3
6
14
XX
250R145-RA
0.145
0.29
250/60
3
1
1
5
3
5.5
12
XX
250R145-RB
0.145
0.29
250/60
3
1
1
2.5
4.5
6
14
XX
250R145T
0.145
0.29
250/60
3
1
1
2.0
5.4
7.5
14
XX
250R180
0.18
0.65
250/60
10
1.8
1
21
0.8
2.2
4
XX
250R180T
0.18
0.65
250/60
10
1.8
1
20
1.4
3.9
4.5
XX
Items with T at end of part number = pre-tripped device. See Part Ordering Number System section of this data sheet for additional information.
Description
Features
Applications
range, 60VDC operating
voltage
resistance ranges available
Equipment (CPE)
telecom centers
250R Series
Agency Approvals
AGENCY
AGENCY FILE NUMBER
E183209
R50120008
I
hold
I
trip
V
int
V
op= The device regular operation voltage
I
)
P
d
R
min = Minimum resistance of device in initial (un-soldered) state.
R
typ = Typical resistance of device in initial (un-soldered) state.
R
Caution: Operation beyond the specified rating may result in damage and possible arcing
and flame.


Similar Part No. - 250R145

ManufacturerPart #DatasheetDescription
logo
Littelfuse
250R145 LITTELFUSE-250R145 Datasheet
378Kb / 6P
   POLYFUSE Resettable PTCs Radial Leaded
250R145 LITTELFUSE-250R145 Datasheet
619Kb / 7P
   POLY-FUSE짰 Resettable PTCs Radial Leaded > 250R Series
250R145 LITTELFUSE-250R145 Datasheet
267Kb / 7P
   POLYFUSE짰 Resettable PTCs
250R145 LITTELFUSE-250R145 Datasheet
619Kb / 7P
   POLY-FUSE Resettable PTCs
250R145 LITTELFUSE-250R145 Datasheet
729Kb / 7P
   The 250R Series is designed to protect against short duration high voltage fault currents
More results

Similar Description - 250R145

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT90866 MITEL-MT90866 Datasheet
34Kb / 6P
   WAN Access Switch
logo
ATMEL Corporation
AT28C64X ATMEL-AT28C64X_14 Datasheet
324Kb / 12P
   Fast Read Access Time
AT28C64 ATMEL-AT28C64_14 Datasheet
324Kb / 12P
   Fast Read Access Time
logo
Renesas Technology Corp
RC38612 RENESAS-RC38612 Datasheet
2Mb / 99P
   Radio Access Network Equipment Synchronizer
April 13, 2022
logo
Vitesse Semiconductor C...
VSC8489-10 VITESSE-VSC8489-10 Datasheet
411Kb / 2P
   Dual Channel WAN/LAN/Backplane RXAUI/XAUI to SFP/KR 10 GbE SerDes PHY with VeriTime™
2014
logo
Intel Corporation
82576EB INTEL-82576EB Datasheet
7Mb / 956P
   LAN Access Division
logo
List of Unclassifed Man...
A2111 ETC1-A2111 Datasheet
112Kb / 2P
   10 Gigabit Ethernet LAN/WAN PHY
logo
Littelfuse
16R250G LITTELFUSE-16R250G_10 Datasheet
225Kb / 6P
   100A short circuit rating 15V Operating voltages Fast time-to-trip
logo
Vitesse Semiconductor C...
VSC8486 VITESSE-VSC8486 Datasheet
485Kb / 2P
   10 Gbps XAUI or XGMII to XFI LAN/WAN Transceiver
logo
Omron Electronics LLC
CS1W-MCH71 OMRON-CS1W-MCH71 Datasheet
709Kb / 11P
   Improve Equipment Design Efficiency and Shorten Tact Time
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com