Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2333AIDGKT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2333AIDGKT
Description  1.8V, microPOWER CMOS OPERATIONAL AMPLIFIERS Zero-Drift Series
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2333AIDGKT Datasheet(HTML) 3 Page - Texas Instruments

  OPA2333AIDGKT Datasheet HTML 1Page - Texas Instruments OPA2333AIDGKT Datasheet HTML 2Page - Texas Instruments OPA2333AIDGKT Datasheet HTML 3Page - Texas Instruments OPA2333AIDGKT Datasheet HTML 4Page - Texas Instruments OPA2333AIDGKT Datasheet HTML 5Page - Texas Instruments OPA2333AIDGKT Datasheet HTML 6Page - Texas Instruments OPA2333AIDGKT Datasheet HTML 7Page - Texas Instruments OPA2333AIDGKT Datasheet HTML 8Page - Texas Instruments OPA2333AIDGKT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS: VS = +1.8V to +5.5V
OPA333
OPA2333
SBOS351C – MARCH 2006 – REVISED MAY 2007
Boldface limits apply over the specified temperature range, TA = –40°C to +125°C.
At TA = +25°C, RL = 10kΩ connected to VS/2, VCM = VS/2, and VOUT = VS/2, unless otherwise noted.
OPA333, OPA2333
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
Input Offset Voltage
VOS
VS = +5V
2
10
μV
vs Temperature
dVOS/dT
0.02
0.05
μV/
°C
vs Power Supply
PSRR
VS = +1.8V to +5.5V
1
5
μV/V
Long-Term Stability(1)
See (1)
Channel Separation, dc
0.1
μV/V
INPUT BIAS CURRENT
Input Bias Current
IB
±70
±200
pA
over Temperature
±150
pA
Input Offset Current
IOS
±140
±400
pA
NOISE
Input Voltage Noise, f = 0.01Hz to 1Hz
0.3
μVPP
Input Voltage Noise, f = 0.1Hz to 10Hz
1.1
μVPP
Input Current Noise, f = 10Hz
in
100
fA/
√Hz
INPUT VOLTAGE RANGE
Common-Mode Voltage Range
VCM
(V–) – 0.1
(V+) + 0.1
V
Common-Mode Rejection Ratio
CMRR
(V–) – 0.1V < VCM < (V+) + 0.1V
106
130
dB
INPUT CAPACITANCE
Differential
2
pF
Common-Mode
4
pF
OPEN-LOOP GAIN
(V–) + 100mV < VO < (V+) – 100mV, RL =
Open-Loop Voltage Gain
AOL
106
130
dB
10k
FREQUENCY RESPONSE
Gain-Bandwidth Product
GBW
CL = 100pF
350
kHz
Slew Rate
SR
G = +1
0.16
V/
μs
OUTPUT
Voltage Output Swing from Rail
RL = 10kΩ
30
50
mV
over Temperature
RL = 10kΩ
70
mV
Short-Circuit Current
ISC
±5
mA
Capacitive Load Drive
CL
See Typical Characteristics
Open-Loop Output Impedance
f = 350kHz, IO = 0
2
k
POWER SUPPLY
Specified Voltage Range
VS
1.8
5.5
V
Quiescent Current Per Amplifier
IQ
IO = 0
17
25
μA
over Temperature
28
μA
Turn-On Time
VS = +5V
100
μs
TEMPERATURE RANGE
Specified Range
–40
+125
°C
Operating Range
–40
+150
°C
Storage Range
–65
+150
°C
Thermal Resistance
θJA
°C/W
SOT23-5
200
°C/W
MSOP-8, SO-8
150
°C/W
DFN-8
50
°C/W
SC70-5
250
°C/W
(1)
300-hour life test at +150
°C demonstrated randomly distributed variation of approximately 1μV.
3
Submit Documentation Feedback


Similar Part No. - OPA2333AIDGKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2333AIDGKT TI1-OPA2333AIDGKT Datasheet
1Mb / 42P
[Old version datasheet]   CMOS Operational Amplifiers, Zero-Drift Series
OPA2333AIDGKT TI1-OPA2333AIDGKT Datasheet
1Mb / 42P
[Old version datasheet]   1.8-V, microPower, CMOS Operational Amplifiers, Zero-Drift Series
OPA2333AIDGKTG4 TI1-OPA2333AIDGKTG4 Datasheet
1Mb / 42P
[Old version datasheet]   CMOS Operational Amplifiers, Zero-Drift Series
OPA2333AIDGKTG4 TI1-OPA2333AIDGKTG4 Datasheet
1Mb / 42P
[Old version datasheet]   1.8-V, microPower, CMOS Operational Amplifiers, Zero-Drift Series
More results

Similar Description - OPA2333AIDGKT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AS2333 DIODES-AS2333 Datasheet
746Kb / 16P
   1.8V, MICROPOWER CMOS ZERO-DRIFT OPERATIONAL AMPLIFIERS
January 2021 Rev. 3 - 2
logo
Burr-Brown (TI)
OPA333 BURR-BROWN-OPA333 Datasheet
474Kb / 18P
   1.8V, microPOWER CMOS OPERATIONAL AMPLIFIERS Zer-PI Drift Series
logo
Texas Instruments
OPA333A-EP TI-OPA333A-EP Datasheet
610Kb / 19P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIERS ZERO-DRIFT SERIES
OPA333 TI1-OPA333_17 Datasheet
1Mb / 42P
[Old version datasheet]   1.8-V, microPower, CMOS Operational Amplifiers, Zero-Drift Series
OPA333 TI-OPA333_15 Datasheet
1Mb / 33P
[Old version datasheet]   1.8-V, microPower, CMOS Operational Amplifiers, Zero-Drift Series
OPA333A-EP TI-OPA333A-EP_09 Datasheet
575Kb / 19P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIERS ZERO-DRIFT SERIES
OPA333 TI1-OPA333 Datasheet
1Mb / 42P
[Old version datasheet]   CMOS Operational Amplifiers, Zero-Drift Series
TLV333 TI1-TLV333 Datasheet
918Kb / 34P
[Old version datasheet]   CMOS Operational Amplifiers Zero-Drift
logo
Renesas Technology Corp
ISL28233I RENESAS-ISL28233I Datasheet
1Mb / 19P
   Dual Micropower, Zero-Drift, RRIO Operational Amplifiers
November 17, 2011
logo
Linear Technology
LTC2055 LINER-LTC2055 Datasheet
190Kb / 12P
   Single/Dual Micropower Zero-Drift Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com