Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

250R145-RB Datasheet(PDF) 7 Page - Littelfuse

Part # 250R145-RB
Description  Fast time - to - trip Access equipment Lan/Wan equipment
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

250R145-RB Datasheet(HTML) 7 Page - Littelfuse

  250R145-RB Datasheet HTML 1Page - Littelfuse 250R145-RB Datasheet HTML 2Page - Littelfuse 250R145-RB Datasheet HTML 3Page - Littelfuse 250R145-RB Datasheet HTML 4Page - Littelfuse 250R145-RB Datasheet HTML 5Page - Littelfuse 250R145-RB Datasheet HTML 6Page - Littelfuse 250R145-RB Datasheet HTML 7Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
103
Revised: August 31, 2011
POLY-FUSE® Resettable PTCs
© 2011 Littelfuse, Inc
250R Series
Radial Leaded > 250R Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/250R.html for current information.
Dimension
EIA Mark
IEC Mark
Dimensions
Dim. (mm)
Tol. (mm)
Carrier tape width
WW
18
W
4
W
0
11
min.
Top distance between tape edges
W
6
W
2
3
Sprocket hole position
W
5
W
1
9
D
0
D
0
4
Abscissa to plane (straight lead)
HH
18.5
Abscissa to plane (kinked lead)
H
0
H
0
16
Abscissa to top
H
1
H
1
32.2
Overall width without lead protrusion
C
1
42.5
Overall width with lead protrusion
C
2
43.2
L
1
l
1
1.0
Protrusion of cut out
LL
11
l
2
l
2
Not specified
P
0
P
0
12.7
P
0
P
0
25.4
Pitch tolerance
20
consecutive.
12.7
25.4
Tape thickness
tt
0.9
Tape thickness with splice
t
1
2.0
Splice sprocket hole alignment
0
Body lateral deviation
Δh
Δh
0
Body tape plane deviation
Δp
Δp
0
P
1
P
1
3.81
FF
5.1
Tape and Ammo Specifications
Devices taped using EIA468-B/IE286-2 standards. See table below and Figure 1 for details.
Tape and Ammo Diagram
A
B
A1
L1
P0
D0
F
L
W4
H0
I2
H1
W5
W
Reference plane
Δh
Δh
H1
H
C1
C2
Δh
Δp
Direction of unreeling
Cross section A - B
t
Figure 1


Similar Part No. - 250R145-RB

ManufacturerPart #DatasheetDescription
logo
Littelfuse
250R145-RB LITTELFUSE-250R145-RB Datasheet
378Kb / 6P
   POLYFUSE Resettable PTCs Radial Leaded
250R145-RB LITTELFUSE-250R145-RB Datasheet
619Kb / 7P
   POLY-FUSE짰 Resettable PTCs Radial Leaded > 250R Series
250R145-RB LITTELFUSE-250R145-RB Datasheet
267Kb / 7P
   POLYFUSE짰 Resettable PTCs
250R145-RB LITTELFUSE-250R145-RB Datasheet
619Kb / 7P
   POLY-FUSE Resettable PTCs
250R145-RB LITTELFUSE-250R145-RB Datasheet
729Kb / 7P
   The 250R Series is designed to protect against short duration high voltage fault currents
More results

Similar Description - 250R145-RB

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT90866 MITEL-MT90866 Datasheet
34Kb / 6P
   WAN Access Switch
logo
ATMEL Corporation
AT28C64X ATMEL-AT28C64X_14 Datasheet
324Kb / 12P
   Fast Read Access Time
AT28C64 ATMEL-AT28C64_14 Datasheet
324Kb / 12P
   Fast Read Access Time
logo
Renesas Technology Corp
RC38612 RENESAS-RC38612 Datasheet
2Mb / 99P
   Radio Access Network Equipment Synchronizer
April 13, 2022
logo
Vitesse Semiconductor C...
VSC8489-10 VITESSE-VSC8489-10 Datasheet
411Kb / 2P
   Dual Channel WAN/LAN/Backplane RXAUI/XAUI to SFP/KR 10 GbE SerDes PHY with VeriTime™
2014
logo
Intel Corporation
82576EB INTEL-82576EB Datasheet
7Mb / 956P
   LAN Access Division
logo
List of Unclassifed Man...
A2111 ETC1-A2111 Datasheet
112Kb / 2P
   10 Gigabit Ethernet LAN/WAN PHY
logo
Littelfuse
16R250G LITTELFUSE-16R250G_10 Datasheet
225Kb / 6P
   100A short circuit rating 15V Operating voltages Fast time-to-trip
logo
Vitesse Semiconductor C...
VSC8486 VITESSE-VSC8486 Datasheet
485Kb / 2P
   10 Gbps XAUI or XGMII to XFI LAN/WAN Transceiver
logo
Omron Electronics LLC
CS1W-MCH71 OMRON-CS1W-MCH71 Datasheet
709Kb / 11P
   Improve Equipment Design Efficiency and Shorten Tact Time
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com