Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FRP1015 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FRP1015
Description  Ultra-fast POWER planar??Rectifiers 10-20 A, 50-200 V
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FRP1015 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FRP1015 Datasheet HTML 1Page - Fairchild Semiconductor FRP1015 Datasheet HTML 2Page - Fairchild Semiconductor FRP1015 Datasheet HTML 3Page - Fairchild Semiconductor FRP1015 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image


Similar Part No. - FRP1015

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FRP1600 FAIRCHILD-FRP1600 Datasheet
109Kb / 4P
   Ultra-fast POWER planar??Rectifiers 16 A, 50-200 V
FRP1600CC FAIRCHILD-FRP1600CC Datasheet
110Kb / 4P
   Ultra-fast POWERplanar??Rectifiers 16 A, 50-200 V
FRP1605 FAIRCHILD-FRP1605 Datasheet
109Kb / 4P
   Ultra-fast POWER planar??Rectifiers 16 A, 50-200 V
FRP1605CC FAIRCHILD-FRP1605CC Datasheet
110Kb / 4P
   Ultra-fast POWERplanar??Rectifiers 16 A, 50-200 V
FRP1610 FAIRCHILD-FRP1610 Datasheet
109Kb / 4P
   Ultra-fast POWER planar??Rectifiers 16 A, 50-200 V
More results

Similar Description - FRP1015

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FRP1600 FAIRCHILD-FRP1600 Datasheet
109Kb / 4P
   Ultra-fast POWER planar??Rectifiers 16 A, 50-200 V
FRP800 FAIRCHILD-FRP800 Datasheet
108Kb / 4P
   Ultra-fast POWERplanar??Rectifiers 8 A, 50-200 V
FRP1600CC FAIRCHILD-FRP1600CC Datasheet
110Kb / 4P
   Ultra-fast POWERplanar??Rectifiers 16 A, 50-200 V
FRM3200CC FAIRCHILD-FRM3200CC Datasheet
113Kb / 4P
   Ultra-fast POWERplanar??Rectifiers 32 A, 50-200V
logo
ON Semiconductor
MURS105 ONSEMI-MURS105 Datasheet
195Kb / 6P
   Power Rectifier, Ultra-Fast Recovery, 1 A, 50-600 V
August, 2023 - Rev. 18
logo
Gulf Semiconductor
UGSP06D GULFSEMI-UGSP06D Datasheet
81Kb / 2P
   Ultra fast Plastic Power Rectifiers VOLTAGE: 200 CURRENT: 6.0A
logo
STMicroelectronics
STPS10200SF STMICROELECTRONICS-STPS10200SF Datasheet
307Kb / 8P
   200 V, 10 A power Schottky rectifier
Rev 1 - December 2020
logo
Unisonic Technologies
UTT200N02 UTC-UTT200N02 Datasheet
197Kb / 6P
   200 A, 20 V N-CHANNEL POWER MOSFET
logo
Microsemi Corporation
1N6073 MICROSEMI-1N6073 Datasheet
70Kb / 2P
   ULTRA FAST POWER RECTIFIERS
logo
New Jersey Semi-Conduct...
1N6073 NJSEMI-1N6073 Datasheet
103Kb / 1P
   ULTRA FAST POWER RECTIFIERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com