Electronic Components Datasheet Search |
|
L15S4 Datasheet(PDF) 7 Page - Littelfuse |
|
L15S4 Datasheet(HTML) 7 Page - Littelfuse |
7 / 9 page POWR-GARD® Fuse Datasheet Special Purpose ©June 2011 Littelfuse www.littelfuse.com 7 alTernaTe dimenSion SemiconducTor FuSeS 600 VAC/DC • Very Fast-Acting • 5-40 Amperes 690 VAC/700 VDC • Very Fast-Acting • 10-100 Amperes Specifications Voltage Rating: AC: 600 V DC: 600 V Interrupting Rating: AC: 200 kA DC: 100 kA Ampere Range: 5 – 40 A Approvals: UL Recognized ampere raTing liTTelFuSe caTalog numBer mounTing Type maximum clearing i2T @600 Vac (a2S x 103) WaTTS loSS @ raTed currenT (W) 5 LA60Q5-2 2 60 0.7 8 LA60Q8-2 2 70 1.1 10 LA60Q10-2 2 110 1.6 12 LA60Q12-2 2 150 2 15 LA60Q15-2 2 180 3 20 LA60Q20-2 2 330 4.4 25 LA60Q25-2 2 440 5.5 30 LA60Q30-2 2 860 5.6 35 LA60Q35-2 2 1300 6.4 40 LA60Q40-2 2 1800 7 1 ½ 13 /32 Description Littelfuse LA60Q semiconductor protection fuses feature a 600 volt AC/DC rating in a compact size (1 1⁄2” x 13⁄32”). LA60Q also has the lowest I2t of all similar fuses and excellent cycling ability. Applications include inverters and small equipment requiring extremely fast response to faults, without the need to carry sustained heavy overloads. Dimensions in inches Contact Littelfuse for characteristic curves. Description Littelfuse LA70QS semiconductor fuses were developed to provide improved performance required by today’s new equipment. The LA70QS features lower I2t, improved cycling, and lower watts loss. It is the best choice for the protection of dynamic solid-state equipment. Dimensions in inches (mm) Please see website for dimensions: www.littelfuse.com/la70qs Specifications Voltage Rating: AC: 690 V DC: 700 V Interrupting Rating: AC: 200 kA DC: 100 kA Ampere Range: 10 – 100 A Approvals: UL Recognized CSA Certified Web Resources TC Curves, downloadable CAD drawings and other technical information: www.littelfuse.com/la70qs Recommended Fuseholders CYH series for non-striker fuses LA70QS(amp)22F .. pg. 173 CYH1451 series for LA70QS(amp)14F ...................... pg. 173 Web Resources TC Curves, downloadable CAD drawings and other technical information: www.littelfuse.com/la60qs ampere raTing liTTelFuSe caTalog numBer (no STriKer) liTTelFuSe caTalog numBer (WiTh STriKer) Body Size maximum clearing i2T @700 Vac (a2S x 103) WaTTS loSS @ raTed currenT (W) 10 LA70QS10-14F LA70QS10-14FI 14 x 51 0.04 3.5 12 LA70QS12-14F LA70QS12-14FI 14 x 51 0.06 4.4 16 LA70QS16-14F LA70QS16-14FI 14 x 51 0.10 4.8 20 LA70QS20-14F LA70QS20-14FI 14 x 51 0.16 5.2 25 LA70QS25-14F LA70QS25-14FI 14 x 51 0.27 5.8 32 LA70QS32-14F LA70QS32-14FI 14 x 51 1.50 7.0 40 LA70QS40-14F LA70QS40-14FI 14 x 51 0.70 10.7 50 LA70QS50-14F LA70QS50-14FI 14 x 51 1.50 11.6 20 LA70QS20-22F LA70QS20-22FI 22 x 58 0.076 8.0 25 LA70QS25-22F LA70QS25-22FI 22 x 58 0.125 10.0 32 LA70QS32-22F LA70QS32-22FI 22 x 58 0.27 11.0 40 LA70QS40-22F LA70QS40-22FI 22 x 58 0.48 13.0 50 LA70QS50-22F LA70QS50-22FI 22 x 58 0.80 14.9 63 LA70QS63-22F LA70QS63-22FI 22 x 58 1.85 16.0 80 LA70QS80-22F LA70QS80-22FI 22 x 58 3.80 17.8 100 LA70QS100-22F LA70QS100-22FI 22 x 58 8.00 19.0 LA60Q Series Semiconductor Fuses LA70QS Series French Cylindrical Fuses |
Similar Part No. - L15S4 |
|
Similar Description - L15S4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |