Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P1553ACLRP Datasheet(PDF) 5 Page - Littelfuse

Part # P1553ACLRP
Description  Low voltage overshoot Balanced overvoltage protection
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P1553ACLRP Datasheet(HTML) 5 Page - Littelfuse

  P1553ACLRP Datasheet HTML 1Page - Littelfuse P1553ACLRP Datasheet HTML 2Page - Littelfuse P1553ACLRP Datasheet HTML 3Page - Littelfuse P1553ACLRP Datasheet HTML 4Page - Littelfuse P1553ACLRP Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SIDACtor® ProtectionThyristors
175
Revised: February 22, 2011
© 2011 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to www.littelfuse.com for current information.
Baseband Protection (Voice-DS1)
Packing Options
Package
Type
Description
Packaging
Quantity
Added Suffix
Industry Standard
A
Modified TO-220
Tape and Reel Pack
700
RP
EIA-468-B
Modified TO-220
Bulk Pack
500
N / A
(no suffix required)
EIA-468-B
Modified TO-220
Type 60 Lead Form
Bulk Pack
500
60
(special order item, contact
factory for details)
N/A
Tape and Reel Specification — Modified TO-220
1.626
(41.15)
0.720
(18.29)
0.360
(9.14)
0.240
(6.10)
0.019
(0.5)
0.750 ± 0.010
(19.05 ± 0.25)
0.500
(12.7)
0.100
(2.54)
0.100
(2.54)
14.173 (360.0)
Dimensions are in inches
(and millimeters).
1.968
(50.0)
Direction of Feed
Dimensions - Modified TO-220
D
F
P
G
A
O
Temperature
Measurement
Point
PIN 3
PIN 2
PIN 1
J
H
L
K
M
N
The modifiedTO-220 package is designed to
meet mechanical standards as set forth in
JEDEC publication number 95.
Inches
Millimeters
Min
Max
Min
Max
A
0.400
0.410
10.16 10.42
D
0.360
0.375
9.14
9.53
F
0.110
0.130
2.80
3.30
G
0.540
0.575
13.71 14.61
H
0.025
0.035
0.63
0.89
J
0.195
0.205
4.95
5.21
K
0.095
0.105
2.41
2.67
L
0.060
0.075
1.52
1.90
M
0.070
0.085
1.78
2.16
N
0.018
0.024
0.46
0.61
O
0.178
0.188
4.52
4.78
P
0.290
0.310
7.37
7.87


Similar Part No. - P1553ACLRP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P1553ACL LITTELFUSE-P1553ACL Datasheet
144Kb / 5P
   SIDACtor짰 Protection Thyristors Baseband Protection (Voice-DS1)
P1553ACL LITTELFUSE-P1553ACL Datasheet
167Kb / 5P
   Baseband Protection (Voice-DS1)
P1553ACLXX LITTELFUSE-P1553ACLXX Datasheet
144Kb / 5P
   The series provides a single port through-hole solution that enables voice
P1553ACLXX LITTELFUSE-P1553ACLXX Datasheet
159Kb / 4P
   The SIDACtor짰 Primary Protection Balanced Series Modified TO-220 are thyristor devices designed
More results

Similar Description - P1553ACLRP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
A0709SCLRP LITTELFUSE-A0709SCLRP Datasheet
2Mb / 4P
   Low voltage overshoot
P2703AA LITTELFUSE-P2703AA Datasheet
144Kb / 5P
   Balanced overvoltage
P3100SCRP LITTELFUSE-P3100SCRP Datasheet
2Mb / 5P
   Low voltage overshoot, Low on-state voltage, Low capacitance
logo
Power-One
QAS050ZG POWER-ONE-QAS050ZG Datasheet
87Kb / 3P
   Overvoltage Protection
logo
STMicroelectronics
STEVAL-ISA026V1 STMICROELECTRONICS-STEVAL-ISA026V1 Datasheet
91Kb / 4P
   Overvoltage protection
December 2007 Rev 1
logo
Texas Instruments
TS5A623157 TI-TS5A623157 Datasheet
738Kb / 25P
[Old version datasheet]   DUAL 10-廓 SPDT ANALOG SWITCH WITH UNDERSHOOT/OVERSHOOT VOLTAGE PROTECTION
TS5A623157 TI1-TS5A623157_14 Datasheet
1Mb / 25P
[Old version datasheet]   DUAL 10-廓 SPDT ANALOG SWITCH WITH UNDERSHOOT/OVERSHOOT VOLTAGE PROTECTION
logo
ON Semiconductor
NCP346 ONSEMI-NCP346_06 Datasheet
361Kb / 15P
   Overvoltage Protection IC
September, 2006 ??Rev. 6
logo
Linear Technology
LTC4360-1 LINER-LTC4360-1 Datasheet
319Kb / 12P
   Overvoltage Protection Controller
LTC1696 LINER-LTC1696 Datasheet
221Kb / 12P
   Overvoltage Protection Controller
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com