Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

166.7000.4752 Datasheet(PDF) 2 Page - Littelfuse

Part # 166.7000.4752
Description  FKS ATO STYLE BLADE FUSE RATED 80V UL 248 Special Purpose Fuses
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

166.7000.4752 Datasheet(HTML) 2 Page - Littelfuse

  166.7000.4752 Datasheet HTML 1Page - Littelfuse 166.7000.4752 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
//htmlimg2.alldatasheet.net/htmldatasheet2/525756/LITTELFUSE/166.7000.4752/1218/2/166.7000.4752.png


Similar Part No. - 166.7000.4752

ManufacturerPart #DatasheetDescription
logo
Littelfuse
166.7000.475 LITTELFUSE-166.7000.475 Datasheet
47Kb / 1P
   FKS-fuse-links for rated voltage up to 80 V
More results

Similar Description - 166.7000.4752

ManufacturerPart #DatasheetDescription
logo
Littelfuse
142.6185.4102 LITTELFUSE-142.6185.4102 Datasheet
290Kb / 2P
   TAC ATO STYLE BLADE FUSE RATED 58V Blade contacts
0257001 LITTELFUSE-0257001 Datasheet
178Kb / 2P
   ATO Blade Fuse Rated 32V
0FHA0001ZXJ LITTELFUSE-0FHA0001ZXJ Datasheet
586Kb / 1P
   INLINE FUSE HOLDER FOR ATO STYLE BLADE FUSE
FUSESTRIPS48V LITTELFUSE-FUSESTRIPS48V Datasheet
534Kb / 1P
   FUSE STRIPS RATED 48V - SPECIAL PURPOSE FUSES
ATO30BP LITTELFUSE-ATO30BP Datasheet
1Mb / 3P
   ATO® Blade Fuses - Aftermarket Rated 32V
11/15/2022
142.6185.410 LITTELFUSE-142.6185.410 Datasheet
290Kb / 2P
   TAC ATO STYLE BLADE FUSE RATED 58V Copper alloy, gal. Sn plated
482 LITTELFUSE-482 Datasheet
67Kb / 2P
   Blade Terminal & Special Purpose Fuses
178.4265.0002 LITTELFUSE-178.4265.0002_V01 Datasheet
1Mb / 3P
   FLR PCB FUSE HOLDER FOR ATO짰 STYLE BLADE FUSE RATED 58V/80V
Rev: 052716
0242.050 LITTELFUSE-0242.050 Datasheet
86Kb / 1P
   Blade Terminal & Special Purpose Fuses
481 LITTELFUSE-481 Datasheet
38Kb / 1P
   Blade Terminal & Special Purpose Fuses
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com