Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE-0402CD5N1KTT Datasheet(PDF) 7 Page - Pulse A Technitrol Company

Part # PE-0402CD5N1KTT
Description  WIRE-WOUND RF CHIP INDUCTORS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PE-0402CD5N1KTT Datasheet(HTML) 7 Page - Pulse A Technitrol Company

Back Button PE-0402CD5N1KTT Datasheet HTML 3Page - Pulse A Technitrol Company PE-0402CD5N1KTT Datasheet HTML 4Page - Pulse A Technitrol Company PE-0402CD5N1KTT Datasheet HTML 5Page - Pulse A Technitrol Company PE-0402CD5N1KTT Datasheet HTML 6Page - Pulse A Technitrol Company PE-0402CD5N1KTT Datasheet HTML 7Page - Pulse A Technitrol Company PE-0402CD5N1KTT Datasheet HTML 8Page - Pulse A Technitrol Company PE-0402CD5N1KTT Datasheet HTML 9Page - Pulse A Technitrol Company PE-0402CD5N1KTT Datasheet HTML 10Page - Pulse A Technitrol Company PE-0402CD5N1KTT Datasheet HTML 11Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
WIRE-WOUND
RF CHIP INDUCTORS
Performance Specifications
Samplers are subjected to random
vibration as per NAVMAT P9492
Inductors are subjected to one half
sine wave pulse (8700 g's for
0.3 ms) in each directional axis
for a total of 18 shocks
Reflow Inductors on to test pads
using 63 Sn/37 Pb solder paste
(IR Reflow profile = 200°C for
30 seconds or peak 235°C for 20
seconds)
Mechanical Testing
Tape and Reel Specifications
A
C
B
D
E
P1
P2
P3
W
H
T
Packaging Specifications
Series
Parts per
Reel Dimensions (mm)
Tape Dimensions (mm)
Reel
A
B
C
D
E
W
P1
P2
P3
H
T
0402CD
3000
178
50
13
14.4
8.4
8
2
4
4
1.1
0.3
0603CD
2000
178
50
13
14.4
8.4
8
2
4
4
1.7
0.3
0805CD
2000
178
50
13
14.4
8.4
8
2
4
4
2.1
0.3
0805CM
2000
178
50
13
14.4
8.4
8
2
4
4
2.1
0.3
0805FT
2000
178
50
13
14.4
8.4
8
2
4
4
2.1
0.3
1008CD
1600
178
50
13
14.4
8.4
8
2
4
4
2.6
0.3
1008CM
1600
178
50
13
14.4
8.4
8
2
4
4
2.6
0.3
1008CQ
1600
178
50
13
14.4
8.4
8
2
4
4
2.6
0.3
1206CD
3000
330
101
13
18.4
12.4
12
2
4
4
2.0
0.4
NOTE: P1, P2 and P3 are same for all chip inductor series. Keeping the same dimensions for guide hole and pocket pitch (P1), pocket pitch (P2), guide
hole pitch (P3) and tape width (8mm) for all series, enables the packaging machine to maintain the same settings while changing models. The only differ-
ence between the series are the parts per reel which contribute to a different length of tapes/reel per model.
Vibration (Random)
Mechanical Shock
Moisture Resistance
There shall be no deformation
or change in appearance
Inductance shall not change
by more than ±5%
Q values shall not change
by more than ±10%
The inductors shall withstand
a minimum force of 1000 g's in any
direction using a dynamometer
force guage.
USA 858 674 8100 •• Germany 49 7032 7806 0 •• Singapore 65 6287 8998 •• Shanghai 86 21 62787060 •• China 86 755 33966678 •• Taiwan 886 3 4356768
www.pulseeng.com
5
WC701.L (4/10)


Similar Part No. - PE-0402CD5N1KTT

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-0402CD5N1KTG PULSE-PE-0402CD5N1KTG Datasheet
201Kb / 5P
   RF CHIP INDUCTORS
More results

Similar Description - PE-0402CD5N1KTT

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
TREM322522N TOKEN-TREM322522N Datasheet
393Kb / 6P
   TREM RF Chip Wire Wound Inductors
TREC322522N TOKEN-TREC322522N Datasheet
379Kb / 5P
   TREC Chip Wire Wound RF Inductors
logo
Sumida Corporation
5501 SUMIDA-5501 Datasheet
355Kb / 4P
   Wire Wound Chip Inductors
5506 SUMIDA-5506 Datasheet
391Kb / 3P
   Wire Wound Chip Inductors
5514 SUMIDA-5514 Datasheet
382Kb / 3P
   Wire Wound Chip Inductors
logo
Taiyo Yuden (U.S.A.), I...
LB2518T220K TAIYO-YUDEN-LB2518T220K Datasheet
137Kb / 1P
   Wire-wound Chip Inductors
LB2518T221M TAIYO-YUDEN-LB2518T221M Datasheet
143Kb / 1P
   Wire-wound Chip Inductors
LB3218T331M TAIYO-YUDEN-LB3218T331M Datasheet
143Kb / 1P
   Wire-wound Chip Inductors
LB2518T331M TAIYO-YUDEN-LB2518T331M Datasheet
143Kb / 1P
   Wire-wound Chip Inductors
logo
Central Technologies
CT0603HCF CT-CT0603HCF Datasheet
377Kb / 1P
   Wire-wound Chip Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com