Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE-1206CCMC601STS Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # PE-1206CCMC601STS
Description  2-LINE CHIP STYLE COMMON MODE CHOKES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PE-1206CCMC601STS Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  PE-1206CCMC601STS Datasheet HTML 1Page - Pulse A Technitrol Company PE-1206CCMC601STS Datasheet HTML 2Page - Pulse A Technitrol Company PE-1206CCMC601STS Datasheet HTML 3Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Part Number
Common Mode
DC
Rated
Rated
Withstanding
Insulation
Impedance
Resistance
Voltage
Current
Voltage
Resistance
Tolerance (25%)
@ 100MHz (
Ω)(Ω MAX)
(Vdc)
(mA MAX)
(Vdc)
(M
Ω MIN)
0805CCMCXTH
−− EPOXY COATING −− 0805 SIZE
PE-0805CCMC670STH
67
0.35
50
330
125
10
PE-0805CCMC900STH
90
0.40
50
300
125
10
PE-0805CCMC121STH
120
0.45
50
280
125
10
PE-0805CCMC181STH
180
0.50
50
250
125
10
0805CCMCXTS
−− MAGNETIC SHIELD −− 0805 SIZE
PE-0805CCMC670STS
67
0.25
50
400
125
10
PE-0805CCMC900STS
90
0.35
50
330
125
10
PE-0805CCMC121STS
120
0.30
50
370
125
10
PE-0805CCMC181STS
180
0.35
50
330
125
10
PE-0805CCMC261STS
260
0.40
50
300
125
10
PE-0805CCMC361STS
360
0.45
50
280
125
10
1206CCMCXTS
−− MAGNETIC SHIELD −− 1206 SIZE
PE-1206CCMC900STS
90
0.30
50
370
125
10
PE-1206CCMC161STS
160
0.40
50
340
125
10
PE-1206CCMC261STS
260
0.50
50
310
125
10
PE-1206CCMC601STS
600
0.80
50
260
125
10
PE-1206CCMC102STS
1000
1.00
50
230
125
10
PE-1206CCMC222STS
2200
1.20
50
200
125
10
NOTE: These part numbers are lead-free and RoHS compliant. No additional suffix or identifier is required.
Electrical Specifications @ 25°C
2-LINE CHIP STYLE
COMMON MODE CHOKES
ChipChokeCCMC Series
Available in 0805 (2012) and 1206 (3216) size
For USB2.0 and other high speed differential signal
lines (IEEE1394, LVDS)
Suppression of common mode noise without
attenuating the signal
Large range of common mode impedance to fit with
signal frequency and noise level
Magnetic shield versions available for lower Rdc and
higher current features
Mechanicals
NOTE:
= ELECTRODE
( ) = Reference Value
Unit of Measurement: mm
(0.4)
(0.4)
(1)
(2)
(4)
(3)
(0.45)
(0.45)
2.0 ± 0.2
1.2 ± 0.2
1.2 ± 0.1
0805 TS
0.4
0.90
0.80 0.90
1.30
2.60
1206 TS
3.2 ± 0.2
1.6 ± 0.2
1.9 ± 0.2
(0.6)
(0.6)
(1)
(2)
(4)
(3)
(0.6)
(0.6)
0.4
1.10
1.60
1.10
1.60
3.80
(0.4)
(0.4)
(1)
(2)
(4)
(3)
(0.45)
(0.45)
2.0 ± 0.2
1.2 ± 0.2
1.0 ± 0.1
0805 TH
0.4
0.90
0.80 0.90
1.30
2.60
2.2 ± 0.2
1.3 ± 0.2
USA 858 674 8100 •• UK 44 1483 401 700 •• France 33 3 84 35 04 04 •• Singapore 65 6287 8998 •• Shanghai 86 21 32181071 •• China 86 769 5538070 •• Taiwan 886 2 26980228
www.pulseeng.com
W712.C (8/05)


Similar Part No. - PE-1206CCMC601STS

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-1206CCMC601STS PULSE-PE-1206CCMC601STS Datasheet
709Kb / 5P
   Available in 0805 (2012) and 1206 (3216)size For USB2.0 and other high speed diffrential signal lines (IEEE1394, LVDS)
PE-1206CCMC601STS PULSE-PE-1206CCMC601STS Datasheet
1Mb / 4P
   2-Line Chip Style Common Mode Chokes
More results

Similar Description - PE-1206CCMC601STS

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
W712 PULSE-W712_16 Datasheet
1Mb / 4P
   2-Line Chip Style Common Mode Chokes
logo
List of Unclassifed Man...
HM19 ETC1-HM19 Datasheet
115Kb / 2P
   Toroid Style Common-Mode Chokes
HM18 ETC-HM18 Datasheet
103Kb / 3P
   EE Style Common-Mode Chokes
logo
Coilcraft lnc.
CMT1-5.0-1L COILCRAFT-CMT1-5.0-1L Datasheet
118Kb / 3P
   Common Mode Line Chokes
E3490-AL COILCRAFT-E3490-AL_13 Datasheet
276Kb / 2P
   Common Mode Line Chokes
CMT1-5.0-1L COILCRAFT-CMT1-5.0-1L_13 Datasheet
125Kb / 5P
   Common Mode Line Chokes
E3490-AL COILCRAFT-E3490-AL Datasheet
110Kb / 2P
   Common Mode Line Chokes
P3213-AL COILCRAFT-P3213-AL Datasheet
139Kb / 3P
   Common Mode Line Chokes
F5585-AL COILCRAFT-F5585-AL Datasheet
97Kb / 2P
   Common Mode Line Chokes
logo
Bi technologies
HM19 BITECH-HM19 Datasheet
115Kb / 2P
   Toroid Style Common-Mode Chokes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com