Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

80408000000 Datasheet(PDF) 3 Page - Littelfuse

Part # 80408000000
Description  Low internal resistance internally approved Shock safe casing
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

80408000000 Datasheet(HTML) 3 Page - Littelfuse

  80408000000 Datasheet HTML 1Page - Littelfuse 80408000000 Datasheet HTML 2Page - Littelfuse 80408000000 Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/804.html for current information.
TE-UMF 804 Series
Universal Modular Fuses
TE > Time Lag > 804 Series
Product Characteristics
Operating Temperature
-40ºC to +125ºC (consider de-rating)
Climatic Category
-40ºC/+85ºC/21 days
(EN 60068-1, -2-1, -2-2, -2-78)
Stock Conditions
+10ºC to +60ºC
relative humidity 75% yearly
value for 30 days – 95%
Vibration Resistance
24 cycles at 15 min. each (EN60028-2-6)
Materials
Lead Pull Strength
10 N (EN 60068-2-21)
Solderability
260ºC, ≤ 3s. (Wave)
350ºC, ≤ 1s. (Soldering Iron)
Soldering Heat
Resistance
260ºC, 10s. (IEC 60068-2-20)
350ºC, 3s. (Soldering Iron)
Dimensions
Part Numbering System
Packaging
Packaging Option
Packaging Specification
Quantity
Quantity &
Packaging Code
Reel Size
804 Series
N/A
1,000
000
N/A
N/A
1,000
044
N/A
804
000
xxxx
Packaging Code
Amp Code
Series
0000 Tape/Ammopack (1000 pcs)
0440 Short Leads - Bulk (1000 pcs)
Refer to Amp Code column of
Electrical Characteristics Table


Similar Part No. - 80408000000

ManufacturerPart #DatasheetDescription
logo
Heyco.
8040 HEYCO-8040 Datasheet
299Kb / 1P
   Quick Connect Terminals
logo
Schurter Inc.
8040.0001 SCHURTER-8040.0001 Datasheet
227Kb / 2P
   Heavy Duty Fuse Clip, 6.3x32 mm, 600 VAC/VDC, 32 A
8040.0003 SCHURTER-8040.0003 Datasheet
227Kb / 2P
   Heavy Duty Fuse Clip, 6.3x32 mm, 600 VAC/VDC, 32 A
8040.2002.01 SCHURTER-8040.2002.01 Datasheet
425Kb / 3P
   Heavy Duty Fuse Clip, 10.3x38 mm, 1000 VDC/ 600 VAC - 15 A (UL)
22.09.2021
8040.2012.01 SCHURTER-8040.2012.01 Datasheet
425Kb / 3P
   Heavy Duty Fuse Clip, 10.3x38 mm, 1000 VDC/ 600 VAC - 15 A (UL)
22.09.2021
More results

Similar Description - 80408000000

ManufacturerPart #DatasheetDescription
logo
Littelfuse
02450001H LITTELFUSE-02450001H Datasheet
123Kb / 1P
   Shock-Safe Panel Mount Type
logo
Axiomtek Co., Ltd.
FIC-60 AXIOMTEK-FIC-60 Datasheet
208Kb / 1P
   Anti-vibration & shock resistance
logo
Golledge Electronics Lt...
MCSO6V GOLLEDGE-MCSO6V Datasheet
550Kb / 4P
   Excellent shock & vibration resistance
MCSOFW GOLLEDGE-MCSOFW Datasheet
549Kb / 4P
   Excellent shock & vibration resistance
MCSOH GOLLEDGE-MCSOH_18 Datasheet
563Kb / 4P
   Excellent shock & vibration resistance
CC2A-T1A GOLLEDGE-CC2A-T1A Datasheet
555Kb / 5P
   High shock & vibration resistance
MCSO6 GOLLEDGE-MCSO6 Datasheet
551Kb / 5P
   Excellent shock & vibration resistance
MCSO6FV GOLLEDGE-MCSO6FV Datasheet
551Kb / 4P
   Excellent shock & vibration resistance
MCSO6FW GOLLEDGE-MCSO6FW Datasheet
551Kb / 4P
   Excellent shock & vibration resistance
MCSO6W GOLLEDGE-MCSO6W Datasheet
546Kb / 4P
   Excellent shock & vibration resistance
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com