Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE-0402CD9N5KTT Datasheet(PDF) 5 Page - Pulse A Technitrol Company

Part # PE-0402CD9N5KTT
Description  WIRE-WOUND RF CHIP INDUCTORS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PE-0402CD9N5KTT Datasheet(HTML) 5 Page - Pulse A Technitrol Company

  PE-0402CD9N5KTT Datasheet HTML 1Page - Pulse A Technitrol Company PE-0402CD9N5KTT Datasheet HTML 2Page - Pulse A Technitrol Company PE-0402CD9N5KTT Datasheet HTML 3Page - Pulse A Technitrol Company PE-0402CD9N5KTT Datasheet HTML 4Page - Pulse A Technitrol Company PE-0402CD9N5KTT Datasheet HTML 5Page - Pulse A Technitrol Company PE-0402CD9N5KTT Datasheet HTML 6Page - Pulse A Technitrol Company PE-0402CD9N5KTT Datasheet HTML 7Page - Pulse A Technitrol Company PE-0402CD9N5KTT Datasheet HTML 8Page - Pulse A Technitrol Company PE-0402CD9N5KTT Datasheet HTML 9Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
WIRE-WOUND
RF CHIP INDUCTORS
Selection Guides
Electrical Specifications
Part
Inductance
Number
Size
Construction
(nH)
0402CD
0402
Wirewound
1.0 to 120
0603CD
0603
Wirewound
1.6 to 390
0805CD
0805
Wirewound
2.8 to 1500
0805CM
0805
Wirewound
3.3 to 820
0805FT
0805
Wirewound
1000 to 68000
1008CD
1008
Wirewound
9.7 to 8200
1008CM
1008
Wirewound
10 to 4700
1008CQ
1008
Wirewound
4.1 to 390
1206CD
1206
Wirewound
3.3 to 1200
Competition Cross Reference
Pulse Wire-wound Inductors
Type
Competition
0402CD
0603CD
0805CD
0805FT
1008CQ
1008CD
1206CD
Coilcraft
0402CS
0603CS
0805CS/
1008HQ
1008CS/
1206CS
HS/HT
HT/CT
Wire
Murata
LQW1608A
LQN21A
Wound
Taiyo
LB2012T
LEM_2520T
Yuden
TDK
NL2016
NLH2520
1
10
100
1
10
100
1000
CD Series: Standard 100% compatible with other market leaders.
CM Series: Offers improved electrical performance or alternative inductance values to Pulse CD series.
CQ Series: Offers high Q and high Idc series.
FT Series: Ferrite core offers higher inductance values.
USA 858 674 8100 •• Germany 49 7032 7806 0 •• Singapore 65 6287 8998 •• Shanghai 86 21 62787060 •• China 86 755 33966678 •• Taiwan 886 3 4356768
www.pulseeng.com
3
WC701.L (4/10)


Similar Part No. - PE-0402CD9N5KTT

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-0402CD9N5KTG PULSE-PE-0402CD9N5KTG Datasheet
201Kb / 5P
   RF CHIP INDUCTORS
More results

Similar Description - PE-0402CD9N5KTT

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
TREM322522N TOKEN-TREM322522N Datasheet
393Kb / 6P
   TREM RF Chip Wire Wound Inductors
TREC322522N TOKEN-TREC322522N Datasheet
379Kb / 5P
   TREC Chip Wire Wound RF Inductors
logo
Sumida Corporation
5501 SUMIDA-5501 Datasheet
355Kb / 4P
   Wire Wound Chip Inductors
5506 SUMIDA-5506 Datasheet
391Kb / 3P
   Wire Wound Chip Inductors
5514 SUMIDA-5514 Datasheet
382Kb / 3P
   Wire Wound Chip Inductors
logo
Taiyo Yuden (U.S.A.), I...
LB2518T220K TAIYO-YUDEN-LB2518T220K Datasheet
137Kb / 1P
   Wire-wound Chip Inductors
LB2518T221M TAIYO-YUDEN-LB2518T221M Datasheet
143Kb / 1P
   Wire-wound Chip Inductors
LB3218T331M TAIYO-YUDEN-LB3218T331M Datasheet
143Kb / 1P
   Wire-wound Chip Inductors
LB2518T331M TAIYO-YUDEN-LB2518T331M Datasheet
143Kb / 1P
   Wire-wound Chip Inductors
logo
Central Technologies
CT0603HCF CT-CT0603HCF Datasheet
377Kb / 1P
   Wire-wound Chip Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com