Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA15QS80-4 Datasheet(PDF) 5 Page - Littelfuse

Part # LA15QS80-4
Description  Traditional Semiconductor Fuses Very Fast-Acting 1 ??1200 Amperes
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LA15QS80-4 Datasheet(HTML) 5 Page - Littelfuse

  LA15QS80-4 Datasheet HTML 1Page - Littelfuse LA15QS80-4 Datasheet HTML 2Page - Littelfuse LA15QS80-4 Datasheet HTML 3Page - Littelfuse LA15QS80-4 Datasheet HTML 4Page - Littelfuse LA15QS80-4 Datasheet HTML 5Page - Littelfuse LA15QS80-4 Datasheet HTML 6Page - Littelfuse LA15QS80-4 Datasheet HTML 7Page - Littelfuse LA15QS80-4 Datasheet HTML 8Page - Littelfuse LA15QS80-4 Datasheet HTML 9Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
POWR-GARD® Fuse Datasheet
Special Purpose
©June 2011 Littelfuse
www.littelfuse.com
5
alTernaTe dimenSion SemiconducTor FuSeS
300 VAC • Very Fast-Acting • 35-4500 Amperes
Specifications
Voltage Rating:
AC: 300 V
DC: 300 V
Interrupting Rating:
200 kA
Ampere Range:
35 – 4500 A
Approvals:
UL Recognized
ampere
raTing
liTTelFuSe
caTalog
numBer
mounTing
Type
maximum
clearing i2T
@300 Vac
(a2S x 103)
WaTTS loSS
@ raTed
currenT
(W)
35
LA30QS35-4
4
0.9
6.4
40
LA30QS40-4
4
1.2
7
50
LA30QS50-4
4
2
9.9
60
LA30QS60-4
4
2.7
11.6
70
LA30QS70-4
4
1.6
11
80
LA30QS80-4
4
2.6
11
90
LA30QS90-4
4
3.2
13
100
LA30QS100-4
4
4.1
13
100
LA30QS100-4TI
4TI
4.1
13
125
LA30QS125-4
4
6.3
16
130
LA30QS130-4
4
6.3
16
150
LA30QS150-4
4
9.3
19
150
LA30QS150-4TI
4TI
9.3
19
175
LA30QS175-4
4
10
27
200
LA30QS200-4
4
15
30
200
LA30QS200-4TI
4TI
15
30
225
LA30QS225-4
4
22
33
250
LA30QS250-4
4
25
41
250
LA30QS250-4TI
4TI
25
41
300
LA30QS300-4
4
37
47
300
LA30QS300-4TI
4TI
37
47
350
LA30QS350-4
4
62
49
400
LA30QS400-4
4
83
56
400
LA30QS400-4IL
4IL
83
56
400
LA30QS400-4TI
4TI
83
56
450
LA30QS450-4
4
130
53
ampere
raTing
liTTelFuSe
caTalog
numBer
mounTing
Type
maximum
clearing i2T
@300 Vac
(a2S x 103)
WaTTS loSS
@ raTed
currenT (W)
500
LA30QS500-4
4
160
59
550
LA30QS550-4
4
190
65
600
LA30QS600-4
4
230
69
600
LA30QS600-4TI
4TI
230
69
600
LA30QS600-4IL
4IL
230
69
700
LA30QS700-4
4
260
90
700
LA30QS700-128
128
260
73
800
LA30QS800-4
4
330
108
800
LA30QS800-4IL
4IL
330
108
800
LA30QS800-128
128
330
84
1000
LA30QS1000-128
128
460
105
1000
LA30QS1000-128IL
128IL
460
105
1200
LA30QS1200-128
128
880
110
1500
LA30QS1500-128
128
1400
140
1500
LA30QS1500-128IL
128IL
1400
140
1600
LA30QS1600-128
128
1690
150
2000
LA30QS2000-128
128
2600
190
2000
LA30QS2000-128IL
128IL
2600
190
2500
LA30QS2500-128
128
4000
230
2500
LA30QS2500-128IL
128IL
4000
230
3000
LA30QS3000-128
128
4700
340
3500
LA30QS3500-128
128
6500
380
3500
LA30QS3500-128IL
128IL
6500
380
4000
LA30QS4000-128
128
8600
450
4500
LA30QS4500-128
128
11000
500
Figure 1
Figure 2
Figure 3
Figure 4
Dimensions for reference only
.
ampere
raTing
mounTing
Type
Figure
no.
dimenSionS in incheS (mm in parenTheSeS)
Tap
a
B
c
d
e
F
g
h
35 – 60
4
1
3.19 (81.0)
0.81 (20.6)
1.63 (41.4)
2.50 (63.5)
2.25 (57.5)
0.34 (8.6)
0.72 (18.3)
0.13 (3.3)
70 – 200
4
2
3.13 (79.5)
1.22 (31.0)
1.63 (41.4)
2.44 (62.0)
2.31 (58.7)
0.31 (7.9)
1.00 (25.4)
0.19 (4.8)
225 – 700
4, 4IL*
2
3.84 (97.5)
1.50 (38.1)
1.59 (40.1)
2.91 (73.9)
2.28 (57.9)
0.41 (10.4)
1.00 (25.4)
0.25 (6.4)
700 – 1200
128
3
2.59 (65.8)
3.00 (76.2)
2.34 (59.4)
2.50 (63.5)
1.50 (38.1)
3
8-24-12 deep
1500 – 2500
128, 128IL*
4
2.59 (65.8)
3.50 (88.9)
2.34 (59.4)
3.00 (76.2)
1.50 (38.1)
1.50 (38.1)
3
8-24-12 deep
3000 – 4500
128, 128IL*
4
2.59 (65.8)
4.50 (114)
2.34 (59.4)
3.75 (95.3)
1.50 (38.1)
1.50 (38.1)
1
2-20-12 deep
*Optional Trigger Actuator (IL). Optional Trigger Indicator (TI) see web for dimensions.
Web Resources
TC Curves, downloadable CAD drawings and other technical
information: www.littelfuse.com/la30qs
Dimensions
LA30QS Series


Similar Part No. - LA15QS80-4

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LA15QS80-4 LITTELFUSE-LA15QS80-4 Datasheet
112Kb / 2P
   Special Purpose Fuses
LA15QS80-4 LITTELFUSE-LA15QS80-4 Datasheet
775Kb / 8P
   Traditional Semiconductor Fuses
LA15QS80-4 LITTELFUSE-LA15QS80-4 Datasheet
113Kb / 2P
   LA15QS Semiconductor Fuses
2005
LA15QS80-4TI LITTELFUSE-LA15QS80-4TI Datasheet
112Kb / 2P
   Special Purpose Fuses
LA15QS80-4TI LITTELFUSE-LA15QS80-4TI Datasheet
775Kb / 8P
   Traditional Semiconductor Fuses
More results

Similar Description - LA15QS80-4

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LA120X61 LITTELFUSE-LA120X61 Datasheet
96Kb / 1P
   1200 VAC ??Very Fast Acting ??1/2 ??30 Amperes
2005
L15S001 LITTELFUSE-L15S001 Datasheet
775Kb / 8P
   Traditional Semiconductor Fuses
logo
Eaton All Rights Reserv...
GBB EATON-GBB Datasheet
213Kb / 2P
   1??" x 1 1??" Very-fast acting ceramic tube fuses
logo
Cooper Bussmann, Inc.
JJN-10 COOPER-JJN-10 Datasheet
183Kb / 2P
   T-Tron짰 Very Fast Acting Fuses
JJN-100 COOPER-JJN-100 Datasheet
163Kb / 3P
   T-Tron Very Fast Acting Fuses
logo
Littelfuse
LA060URD32LI1250 LITTELFUSE-LA060URD32LI1250 Datasheet
627Kb / 10P
   L15S SERIES TRADITIONAL HIGH-SPEED 150 V ac ? Very Fast-Acting ? 1?1000 A
Rev: 041819
logo
CamdenBoss Ltd.
CFB2470FF CAMDENBOSS-CFB2470FF Datasheet
257Kb / 1P
   2.4x7mm micro miniature very fast acting axial fuses
logo
List of Unclassifed Man...
KTU-601 ETC1-KTU-601 Datasheet
664Kb / 4P
   fast-acting fuses
logo
Littelfuse
0448010.MR LITTELFUSE-0448010.MR Datasheet
289Kb / 4P
   Surface Mount Fuses NANO2짰 > Very Fast-Acting > 448 Series
0448012.MR LITTELFUSE-0448012.MR Datasheet
289Kb / 4P
   Surface Mount Fuses NANO2 > Very Fast-Acting > 448 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com