Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

16R500G Datasheet(PDF) 5 Page - Littelfuse

Part # 16R500G
Description  100A short circuit rating 15V Operating voltages Fast time-to-trip
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

16R500G Datasheet(HTML) 5 Page - Littelfuse

  16R500G Datasheet HTML 1Page - Littelfuse 16R500G Datasheet HTML 2Page - Littelfuse 16R500G Datasheet HTML 3Page - Littelfuse 16R500G Datasheet HTML 4Page - Littelfuse 16R500G Datasheet HTML 5Page - Littelfuse 16R500G Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
73
Revised: July 12, 2010
POLYFUSE® Resettable PTCs
© 2010 Littelfuse, Inc
16R Series
Radial Leaded > 16R Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/16R.html for current information.
Packaging Options
Part Number
Ordering Number
I
hold
(A)
I
hold
Code
Packaging
Option
Quantity
Quantity &
Packaging Codes
16R250G
16R250GU
2.50
250
Bulk
500
U
16R250GPR
Tape and Ammo
2000
PR
16R300G
16R300GU
3.00
300
Bulk
500
U
16R300GPR
Tape and Ammo
2000
PR
16R400G
16R400GU
4.00
400
Bulk
500
U
16R400GPR
Tape and Ammo
2000
PR
16R500G
16R500GU
5.00
500
Bulk
500
U
16R500GPR
Tape and Ammo
2000
PR
16R600G
16R600GU
6.00
600
Bulk
500
U
16R600GDR
Tape and Ammo
1500
DR
16R700G
16R700GF
7.00
700
Bulk
200
F
16R700GKLF
16R700GMR
Tape and Ammo
1000
MR
16R700GKLMR
16R800G
16R800GF
8.00
800
Bulk
200
F
16R800GMR
Tape and Ammo
1000
MR
16R900G
16R900GF
9.00
900
Bulk
200
F
16R900GMR
Tape and Ammo
1000
MR
16R1000G
16R1000GF
10.00
1000
Bulk
200
F
16R1000GMR
Tape and Ammo
1000
MR
16R1100G
16R1100GF
11.00
1100
Bulk
200
F
16R1100GMR
Tape and Ammo
1000
MR
16R1200G
16R1200GH
12.00
1200
Bulk
100
H
16R1200GMR
Tape and Ammo
1000
MR
16R1400G
16R1400GH
14.00
1400
Bulk
100
H
Part Ordering Number System
PACKAGING STYLE
I
HOLD CURRENT CODE (SEE TABLE BELOW)
QUANTITY CODE: F=200 H=100 M=1000 D=1500 P=2000 U=500
BLANK: Bulk
R: Tape & Ammo
16 R 700 G KL M R
TYPE: G (16VDC)
Kinked Lead Device Option Identifier (16R700GKL product only)
R: RADIAL
SERIES
VOLTAGE RATING (VDC)


Similar Part No. - 16R500G

ManufacturerPart #DatasheetDescription
logo
Littelfuse
16R500G LITTELFUSE-16R500G Datasheet
148Kb / 6P
   POLYFUSE Resettable PTCs
16R500G LITTELFUSE-16R500G Datasheet
225Kb / 6P
   POLYFUSE짰 Resettable PTCs
16R500G LITTELFUSE-16R500G Datasheet
781Kb / 6P
   Littelfuse 16R Series Radial Leaded PTCs are designed to provide resettable overcurrent protection serving a wide range of electronics applications
16R500GPR LITTELFUSE-16R500GPR Datasheet
225Kb / 6P
   POLYFUSE짰 Resettable PTCs
16R500GU LITTELFUSE-16R500GU Datasheet
225Kb / 6P
   POLYFUSE짰 Resettable PTCs
More results

Similar Description - 16R500G

ManufacturerPart #DatasheetDescription
logo
Littelfuse
250R080 LITTELFUSE-250R080 Datasheet
619Kb / 7P
   Fast time - to - trip Access equipment Lan/Wan equipment
logo
Teledyne Technologies I...
ZD24CC TELEDYNE-ZD24CC Datasheet
481Kb / 3P
   Short-Circuit Protected with Trip Status
logo
Renesas Technology Corp
RJH60V1BDPE RENESAS-RJH60V1BDPE Datasheet
108Kb / 10P
   Short circuit withstand time (6s typ.)
logo
M.S. Kennedy Corporatio...
MSK5502-12 MSK-MSK5502-12 Datasheet
334Kb / 6P
   Available in 12V and 15V Output Voltages
logo
Schneider Electric
QOU31001042 SCHNEIDER-QOU31001042 Datasheet
139Kb / 2P
   QOU Miniature Circuit Breaker, 100A, 3P, 240V, 10kA, Shunt Trip
logo
Renesas Technology Corp
RJH1CV6DPQ-E0 RENESAS-RJH1CV6DPQ-E0_13 Datasheet
182Kb / 10P
   Short circuit withstand time (5 us typ.)
logo
Schneider Electric
QOU31001021 SCHNEIDER-QOU31001021 Datasheet
139Kb / 2P
   QOU Miniature Circuit Breaker, 100A, 3P, 240V, 10kA, Shunt Trip
logo
TT Electronics.
QDN005 TTELEC-QDN005 Datasheet
286Kb / 3P
   Low operating and clamping voltages
logo
International Rectifier
IRG4BC10KDPBF IRF-IRG4BC10KDPBF_15 Datasheet
274Kb / 11P
   High short circuit rating optimized for motor control
CPV364MM IRF-CPV364MM Datasheet
80Kb / 2P
   Short Circuit Rated Fast IGBT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com