Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF240 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MRF240
Description  RF POWER TRANSISTORS NPN SILICON
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF240 Datasheet(HTML) 3 Page - Motorola, Inc

  MRF240 Datasheet HTML 1Page - Motorola, Inc MRF240 Datasheet HTML 2Page - Motorola, Inc MRF240 Datasheet HTML 3Page - Motorola, Inc MRF240 Datasheet HTML 4Page - Motorola, Inc MRF240 Datasheet HTML 5Page - Motorola, Inc MRF240 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
MRF240
MOTOROLA RF DEVICE DATA
Figure 2. Power Gain versus Frequency
Figure 3. Output Power versus Input Power
Figure 4. Output Power versus Supply Voltage
Figure 5. Output Power versus Supply Voltage
Figure 6. Output Power versus Supply Voltage
12
11
10
9
8
7
140
150
160
170
180
190
f, FREQUENCY (MHz)
60
50
40
30
20
8
10
12
14
16
18
VCC, SUPPLY VOLTAGE (VOLTS)
9
11
13
15
17
VCC = 13.6 V
160 MHz
4 W
Pout = 40 W
VCC = 13.6 V
12.5 W
Pin = 5 W
75 MHz
Pin = 5 W
60
50
40
30
20
8
10
12
14
16
18
VCC, SUPPLY VOLTAGE (VOLTS)
9
11
13
15
17
50
40
30
20
10
1
2
3
4
5
6
Pin, INPUT POWER (WATTS)
60
50
40
30
20
8
10
12
14
16
18
VCC, SUPPLY VOLTAGE (VOLTS)
9
11
13
15
17
Pin = 5 W
f = 145 MHz
3 W
4 W
3 W
f = 145 MHz
f = 160 MHz
f = 175 MHz
4 W
3 W


Similar Part No. - MRF240

ManufacturerPart #DatasheetDescription
logo
eleflow technologies co...
MRF240 ELEFLOW-MRF240 Datasheet
52Kb / 1P
   NPN Silicon RF power transistor
logo
Advanced Semiconductor
MRF240A ASI-MRF240A Datasheet
17Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
More results

Similar Description - MRF240

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF1946 MOTOROLA-MRF1946 Datasheet
141Kb / 6P
   RF POWER TRANSISTORS NPN SILICON
MRF422 MOTOROLA-MRF422 Datasheet
97Kb / 4P
   RF POWER TRANSISTORS NPN SILICON
logo
New Jersey Semi-Conduct...
2N6082 NJSEMI-2N6082 Datasheet
83Kb / 1P
   NPN SILICON RF POWER TRANSISTORS
logo
Motorola, Inc
MRF401 MOTOROLA-MRF401 Datasheet
497Kb / 3P
   NPN SILICON RF POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
2N6083 NJSEMI-2N6083 Datasheet
130Kb / 1P
   NPN SILICON RF POWER TRANSISTORS
logo
Motorola, Inc
MRF314 MOTOROLA-MRF314 Datasheet
113Kb / 6P
   RF POWER TRANSISTORS NPN SILICON
logo
Tyco Electronics
MRF314 MACOM-MRF314 Datasheet
200Kb / 5P
   RF POWER TRANSISTORS NPN SILICON
logo
New Jersey Semi-Conduct...
MRF652 NJSEMI-MRF652 Datasheet
81Kb / 1P
   NPN Silicon RF Power Transistors
logo
Motorola, Inc
MRF421 MOTOROLA-MRF421 Datasheet
102Kb / 4P
   RF POWER TRANSISTORS NPN SILICON
MRF891 MOTOROLA-MRF891 Datasheet
116Kb / 4P
   RF POWER TRANSISTORS NPN SILICON
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com