Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

30R110 Datasheet(PDF) 4 Page - Littelfuse

Part # 30R110
Description  The 30R Series radial leaded device is designed to provide overcurrent
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

30R110 Datasheet(HTML) 4 Page - Littelfuse

  30R110 Datasheet HTML 1Page - Littelfuse 30R110 Datasheet HTML 2Page - Littelfuse 30R110 Datasheet HTML 3Page - Littelfuse 30R110 Datasheet HTML 4Page - Littelfuse 30R110 Datasheet HTML 5Page - Littelfuse 30R110 Datasheet HTML 6Page - Littelfuse 30R110 Datasheet HTML 7Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
78
Revised: July 12, 2010
POLYFUSE® Resettable PTCs
© 2010 Littelfuse, Inc.
30R Series
Radial Leaded > 30R Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/30R.html for current information.
A
E
B
C
D
Dimensions
Part Number
A
B
C
D
E
Physical Characteristics
Inches
mm
Inches
mm
Inches
mm
Inches
mm
Inches
mm
Lead (dia)
Material
Max.
Max.
Max.
Max.
Typ.
Typ.
Min.
Min.
Max.
Max.
Inches
mm
30R090
0.29
7.40
0.48
12.20
0.20
5.10
0.30
7.60
0.12
3.00
0.02
0.51
Sn/CuFe
30R110
0.29
7.40
0.56
14.20
0.20
5.10
0.30
7.60
0.12
3.00
0.02
0.51
Sn/CuFe
30R135
0.35
8.90
0.53
13.50
0.20
5.10
0.30
7.60
0.12
3.00
0.02
0.51
Sn/CuFe
30R160
0.35
8.90
0.60
15.20
0.20
5.10
0.30
7.60
0.12
3.00
0.02
0.51
Sn/CuFe
30R185
0.40
10.20
0.62
15.70
0.20
5.10
0.30
7.60
0.12
3.00
0.02
0.51
Sn/CuFe
30R250
0.45
11.40
0.72
18.30
0.20
5.10
0.30
7.60
0.12
3.00
0.02
0.51
Sn/Cu
30R300
0.45
11.40
0.76
19.20
0.20
5.10
0.30
7.60
0.12
3.00
0.03
0.81
Sn/Cu
30R400
0.55
14.00
0.87
22.00
0.20
5.10
0.30
7.60
0.12
3.00
0.03
0.81
Sn/Cu
30R500
0.55
14.00
1.01
25.60
0.40
10.20
0.30
7.60
0.12
3.00
0.03
0.81
Sn/Cu
30R600
0.65
16.50
1.06
26.80
0.40
10.20
0.30
7.60
0.12
3.00
0.03
0.81
Sn/Cu
30R700
0.75
19.10
1.13
28.60
0.40
10.20
0.30
7.60
0.12
3.00
0.03
0.81
Sn/Cu
30R800
0.85
21.60
1.22
31.10
0.40
10.20
0.30
7.60
0.12
3.00
0.03
0.81
Sn/Cu
30R900
0.95
24.10
1.24
31.60
0.40
10.20
0.30
7.60
0.12
3.00
0.03
0.81
Sn/Cu
30
110U
XXXX
Voltage Rating
Current Rating
Date Code
(Contact Littelfuse
for additional
information)
Littelfuse
Trademark
Single Sided Marking
Part Marking System


Similar Part No. - 30R110

ManufacturerPart #DatasheetDescription
logo
Littelfuse
30R110 LITTELFUSE-30R110 Datasheet
182Kb / 7P
   POLYFUSE짰 Resettable PTCs Radial Leaded > 30R Series
30R110 LITTELFUSE-30R110 Datasheet
182Kb / 7P
   POLYFUSE Resettable PTCs Radial Leaded 30R Series
30R110 LITTELFUSE-30R110 Datasheet
259Kb / 7P
   POLYFUSE Resettable PTCs
30R110 LITTELFUSE-30R110 Datasheet
171Kb / 8P
   POLYFUSE Resettable PTCs
30R110-PB LITTELFUSE-30R110-PB Datasheet
171Kb / 8P
   POLYFUSE Resettable PTCs
More results

Similar Description - 30R110

ManufacturerPart #DatasheetDescription
logo
Littelfuse
USBR LITTELFUSE-USBR Datasheet
1Mb / 5P
   The USBR Series radial leaded device is designed to provide overcurrent protection for USB applications where space is not a concern
30R400UF LITTELFUSE-30R400UF Datasheet
182Kb / 7P
   POLYFUSE Resettable PTCs Radial Leaded 30R Series
30R600UF LITTELFUSE-30R600UF Datasheet
182Kb / 7P
   POLYFUSE짰 Resettable PTCs Radial Leaded > 30R Series
72R LITTELFUSE-72R Datasheet
731Kb / 7P
   The 72R Series is designed to provide overcurrent protection to 72Vdc maximum voltage with a maximum 40A short circuit rating
16R LITTELFUSE-16R Datasheet
781Kb / 6P
   Littelfuse 16R Series Radial Leaded PTCs are designed to provide resettable overcurrent protection serving a wide range of electronics applications
SLD8S LITTELFUSE-SLD8S Datasheet
1Mb / 6P
   The SLD8S Series is SMTO-263 packaged with leaded modification and is designed to provide precision overvoltage protection for sensitive electronics
logo
JMK Inc.
0237 JMK-0237 Datasheet
239Kb / 1P
   The 237 Series is designed to provide more aggressive performance than the 220 or 221 series.
logo
National Semiconductor ...
LM3753 NSC-LM3753_1 Datasheet
1Mb / 20P
   Evaluation Board evaluation board is designed to provide
logo
STMicroelectronics
UM0313 STMICROELECTRONICS-UM0313 Datasheet
1Mb / 33P
   The EK302DL is an evaluation kit designed to provide the user with a complete
logo
National Semiconductor ...
LM5027A NSC-LM5027A Datasheet
584Kb / 28P
   Evaluation Board evaluation board is designed to provide
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com