Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2016L030 Datasheet(PDF) 4 Page - Littelfuse

Part # 2016L030
Description  The 2016L Series PTC provides surface mount overcurrent High voltage
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

2016L030 Datasheet(HTML) 4 Page - Littelfuse

  2016L030_11 Datasheet HTML 1Page - Littelfuse 2016L030_11 Datasheet HTML 2Page - Littelfuse 2016L030_11 Datasheet HTML 3Page - Littelfuse 2016L030_11 Datasheet HTML 4Page - Littelfuse 2016L030_11 Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
48
Revised: May 5, 2011
POLY-FUSE® Resettable PTCs
© 2011 Littelfuse, Inc.
Surface Mount > 2016L Series
2016L Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/2016L.html for current information.
Part Ordering Number System
PACKAGING STYLE
L: LITTELFUSE SURFACE MOUNT PPTC
QUANTITY CODE: D=1500 M=1000 P=2000
R: Tape & Reel
2016 L xxx /xx D R
SERIES
DEVICE SIZE CODE (0.20 x 0.16 inch)
I
HOLD HOLD CURRENT CODE
(Refer to Electrical Characteristics Table)
SPECIAL VOLTAGE RATING ITEM
(Not applicable to all parts. Refer to Electrical
Characteristics Table for additional information)
Packaging
Dimensions (mm)
C
Top
View
Pad
Layout
Side
View
Bottom
View
4.60 mm
(.181”)
3.40 mm
(.133”)
1.50 mm
(.059”)
D
MARKING CODE VARIES
WITH AMPERAGE AND VOLTAGE RATING
SEE ELECTRICAL CHARACTERISTICS CHART
SHOWN ARE:
- 1.1A/15V RATING (LEFT)
- 1.1A/33V RATING (RIGHT)
E
A
B
100
100
100
-33
Part
Number
AB
C
D
E
Inches
mm
Inches
mm
Inches
mm
Inches
mm
Inches
mm
Min
Max Min Max Min
Max Min Max Min
Max
Min
Max Min
Max
Min Max Min Max Min
Max
2016L030
0.19
0.21 4.72 5.44 0.15
0.17
3.7
4.43
0.03
0.05
0.75
1.25
0.01
0.06
0.3
1.5
0.01 0.03 0.25 0.65
2016L050
0.05
0.08
1.2
2
0.05
0.08
1.2
2
2016L100
0.02
0.03
0.5
0.75
0.03
0.05
0.75
1.25
2016L150
0.03
0.06
0.75
1.55
2016L200
0.02
0.03
0.5
0.75
Part Number
Ordering Number
Halogen
Free
I
hold
(A)
I
hold Code
Voltage
Option
Packaging
Option
Quantity
Quantity &
Packaging Codes
2016L030
Yes
0.30
030
1500
2016L050
Yes
0.55
050
1000
Yes
0.75
075
1000
2016L100
Yes
1.10
110
2000
Yes
1.10
110
1500
2016L150
Yes
1.50
150
1500
2016L200
Yes
2.00
200
2000


Similar Part No. - 2016L030_11

ManufacturerPart #DatasheetDescription
logo
Littelfuse
2016L030DR LITTELFUSE-2016L030DR Datasheet
150Kb / 5P
   POLYFUSE짰 Resettable PTCs
2016L030DR LITTELFUSE-2016L030DR Datasheet
768Kb / 5P
   POLY-FUSE Resettable PTCs
2016L030 LITTELFUSE-2016L030_08 Datasheet
150Kb / 5P
   POLYFUSE짰 Resettable PTCs
More results

Similar Description - 2016L030_11

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1812L010 LITTELFUSE-1812L010 Datasheet
820Kb / 6P
   The 1812L Series PTC provides surface mount overcurrent protection for applications
1210L005WR LITTELFUSE-1210L005WR Datasheet
802Kb / 6P
   The 1210L Series PTC provides surface mount overcurrent protection for applications where space is at a premium and resettable protection is desired.
0402L LITTELFUSE-0402L Datasheet
815Kb / 5P
   The 0402L Series PTC provides surface mount overcurrent protection for applications where space is at a premium and resettable protection is desired
1206L012WR LITTELFUSE-1206L012WR Datasheet
797Kb / 6P
   The 1206L Series PTC provides surface mount overcurrent protection for applications where space is at a premium and resettable protection is desired.
0603L LITTELFUSE-0603L Datasheet
909Kb / 5P
   The 0603L Series PTC provides surface mount overcurrent protection for applications where space is at a premium and resettable protection is desired
1210L LITTELFUSE-1210L Datasheet
910Kb / 6P
   The 1210L Series PTC provides surface mount overcurrent protection for applications where space is at a premium and resettable protection is desired
logo
Murata Manufacturing Co...
PTGL18AR6R8M6B72B0 MURATA1-PTGL18AR6R8M6B72B0_V01 Datasheet
415Kb / 3P
   PTC for Overcurrent Protection
12/12/2022
PTGL07AS121M0N51A0 MURATA1-PTGL07AS121M0N51A0_V01 Datasheet
345Kb / 3P
   PTC for Overcurrent Protection
12/12/2022
PTGL07AS121M0N51B0 MURATA1-PTGL07AS121M0N51B0_V01 Datasheet
335Kb / 3P
   PTC for Overcurrent Protection
12/12/2022
PTGL07AS150K6B51B0 MURATA1-PTGL07AS150K6B51B0_V01 Datasheet
439Kb / 3P
   PTC for Overcurrent Protection
12/08/2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com