Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2016L050 Datasheet(PDF) 2 Page - Littelfuse

Part # 2016L050
Description  The 2016L Series PTC provides surface mount overcurrent High voltage
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

2016L050 Datasheet(HTML) 2 Page - Littelfuse

  2016L050 Datasheet HTML 1Page - Littelfuse 2016L050 Datasheet HTML 2Page - Littelfuse 2016L050 Datasheet HTML 3Page - Littelfuse 2016L050 Datasheet HTML 4Page - Littelfuse 2016L050 Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
46
Revised: May 5, 2011
POLY-FUSE® Resettable PTCs
© 2011 Littelfuse, Inc.
Surface Mount > 2016L Series
2016L Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/2016L.html for current information.
Ambient Operation Temperature
Part Number
Hold Current (A)
2016L030
0.45
0.40
0.35
0.30
0.25
0.23
0.20
0.18
0.14
2016L050
0.93
0.80
0.65
0.50
0.38
0.32
0.25
0.19
0.09
1.21
1.06
0.91
0.75
0.61
0.54
0.45
0.38
0.26
2016L100
1.66
1.47
1.29
1.10
0.91
0.83
0.73
0.64
0.50
1.66
1.47
1.29
1.10
0.91
0.83
0.73
0.64
0.50
2016L150
2.26
2.00
1.76
1.50
1.24
1.13
1.00
0.87
0.68
2016L200
2.80
2.50
2.19
2.00
1.84
1.74
1.50
1.34
1.14
Temperature Rerating
Temperature Rerating Curve
-40
-30
-20
-10
0
10
20
30
40
5060
70
80 85
10%
30%
50%
70%
90%
110%
130%
150%
170%
Temperature (°C)
B
2106L030
2106L050
2106L100
AB
Line/Part Number:
2106L100\33
2016L150
2016L200
A
B
A
Average Time Current Curves
0.01
0.1
1
10
100
0.1
1
10
Current in Amperes
2016L


Similar Part No. - 2016L050

ManufacturerPart #DatasheetDescription
logo
Littelfuse
2016L050 LITTELFUSE-2016L050 Datasheet
341Kb / 4P
   POLYFUSE짰 Resettable PTCs
2016L050 LITTELFUSE-2016L050 Datasheet
4Mb / 74P
   POLYFUSE짰 Resettable PTCs Surface Mount
2016L050 LITTELFUSE-2016L050 Datasheet
150Kb / 5P
   POLYFUSE짰 Resettable PTCs
2016L050 LITTELFUSE-2016L050 Datasheet
768Kb / 5P
   POLY-FUSE Resettable PTCs
2016L050MR LITTELFUSE-2016L050MR Datasheet
150Kb / 5P
   POLYFUSE짰 Resettable PTCs
More results

Similar Description - 2016L050

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1812L010 LITTELFUSE-1812L010 Datasheet
820Kb / 6P
   The 1812L Series PTC provides surface mount overcurrent protection for applications
1210L005WR LITTELFUSE-1210L005WR Datasheet
802Kb / 6P
   The 1210L Series PTC provides surface mount overcurrent protection for applications where space is at a premium and resettable protection is desired.
0402L LITTELFUSE-0402L Datasheet
815Kb / 5P
   The 0402L Series PTC provides surface mount overcurrent protection for applications where space is at a premium and resettable protection is desired
1206L012WR LITTELFUSE-1206L012WR Datasheet
797Kb / 6P
   The 1206L Series PTC provides surface mount overcurrent protection for applications where space is at a premium and resettable protection is desired.
0603L LITTELFUSE-0603L Datasheet
909Kb / 5P
   The 0603L Series PTC provides surface mount overcurrent protection for applications where space is at a premium and resettable protection is desired
1210L LITTELFUSE-1210L Datasheet
910Kb / 6P
   The 1210L Series PTC provides surface mount overcurrent protection for applications where space is at a premium and resettable protection is desired
logo
Murata Manufacturing Co...
PTGL18AR6R8M6B72B0 MURATA1-PTGL18AR6R8M6B72B0_V01 Datasheet
415Kb / 3P
   PTC for Overcurrent Protection
12/12/2022
PTGL07AS121M0N51A0 MURATA1-PTGL07AS121M0N51A0_V01 Datasheet
345Kb / 3P
   PTC for Overcurrent Protection
12/12/2022
PTGL07AS121M0N51B0 MURATA1-PTGL07AS121M0N51B0_V01 Datasheet
335Kb / 3P
   PTC for Overcurrent Protection
12/12/2022
PTGL07AS150K6B51B0 MURATA1-PTGL07AS150K6B51B0_V01 Datasheet
439Kb / 3P
   PTC for Overcurrent Protection
12/08/2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com