Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS6S1565RB-YDTU Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FS6S1565RB-YDTU
Description  Fairchild Power Switch(FPS)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FS6S1565RB-YDTU Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FS6S1565RB-YDTU Datasheet HTML 1Page - Fairchild Semiconductor FS6S1565RB-YDTU Datasheet HTML 2Page - Fairchild Semiconductor FS6S1565RB-YDTU Datasheet HTML 3Page - Fairchild Semiconductor FS6S1565RB-YDTU Datasheet HTML 4Page - Fairchild Semiconductor FS6S1565RB-YDTU Datasheet HTML 5Page - Fairchild Semiconductor FS6S1565RB-YDTU Datasheet HTML 6Page - Fairchild Semiconductor FS6S1565RB-YDTU Datasheet HTML 7Page - Fairchild Semiconductor FS6S1565RB-YDTU Datasheet HTML 8Page - Fairchild Semiconductor FS6S1565RB-YDTU Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
FS6S1565RB
3
Electrical Characteristics (SFET part)
(Ta=25
°C unless otherwise specified)
Note:
Pulse test : Pulse width
≤ 300µS, duty 2%
1. L=13uH, starting Tj=25
°C
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Drain-source breakdown voltage
BVDSS
VGS = 0V, ID = 250
µA
650
-
-
V
Zero gate voltage drain current
IDSS
VDS = 650V, VGS = 0V
-
-
200
µA
VDS = 520V
VGS = 0V, TC = 125
°C
-
-
300
µA
Static drain-source on resistance (note)
RDS(ON)
VGS = 10V, ID = 7.5A
-
0.5
0.65
Forward transconductance (note)
gfs
VDS = 50V, ID = 7.5A
-
-
-
S
Input capacitance
Ciss
VGS = 0V, VDS = 25V,
f = 1MHz
-
2580
-
pF
Output capacitance
Coss
-
270
-
Reverse transfer capacitance
Crss
-
50
-
Turn on delay time
td(on)
VDD = 325V, ID = 15A
(MOSFET switching
time are essentially
independent of
operating temperature)
-50
-
nS
Rise time
tr
-
155
-
Turn off delay time
td(off)
-
270
-
Fall time
tf
-
125
-
Total gate charge
(gate-source+gate-drain)
Qg
VGS = 10V, ID = 15A,
VDS = 520V (MOSFET
Switching time are
Essentially independent of
Operating temperature)
-90
-
nC
Gate source charge
Qgs
-
15
-
Gate drain (Miller) charge
Qgd
-
45
-
Single Pulsed Avalanche current (1)
IAS
VCC = VFB = VSS = GND
-
37
-
A
S
1
R
----
=


Similar Part No. - FS6S1565RB-YDTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FS6S1565RB-YDTU FAIRCHILD-FS6S1565RB-YDTU Datasheet
770Kb / 12P
   Fairchild Power Switch(FPS)
More results

Similar Description - FS6S1565RB-YDTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA1M0265R FAIRCHILD-KA1M0265R Datasheet
89Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0680B FAIRCHILD-KA1M0680B Datasheet
144Kb / 12P
   Fairchild Power Switch(FPS)
KA5X0165RXX FAIRCHILD-KA5X0165RXX Datasheet
102Kb / 12P
   Fairchild Power Switch(FPS)
FS6X1220R FAIRCHILD-FS6X1220R Datasheet
471Kb / 16P
   Fairchild Power Switch (FPS)
FS6S0965RCB FAIRCHILD-FS6S0965RCB Datasheet
572Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0880BF FAIRCHILD-KA1M0880BF Datasheet
95Kb / 10P
   Fairchild Power Switch(FPS)
KA5Q0740RT FAIRCHILD-KA5Q0740RT_04 Datasheet
292Kb / 12P
   Fairchild Power Switch(FPS)
FS8S0765RCB FAIRCHILD-FS8S0765RCB_06 Datasheet
1Mb / 19P
   Fairchild Power Switch (FPS??
FS6X0420R FAIRCHILD-FS6X0420R Datasheet
732Kb / 15P
   Fairchild Power Switch (FPS)
KA1M0565RYDTU FAIRCHILD-KA1M0565RYDTU Datasheet
94Kb / 10P
   Fairchild Power Switch(FPS)
KA5M0965Q FAIRCHILD-KA5M0965Q_03 Datasheet
729Kb / 12P
   Fairchild Power Switch(FPS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com