Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V85MLA1210N Datasheet(PDF) 4 Page - Littelfuse

Part # V85MLA1210N
Description  RoHS compliant Rated for surge current (8 x 20 us)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V85MLA1210N Datasheet(HTML) 4 Page - Littelfuse

  V85MLA1210N Datasheet HTML 1Page - Littelfuse V85MLA1210N Datasheet HTML 2Page - Littelfuse V85MLA1210N Datasheet HTML 3Page - Littelfuse V85MLA1210N Datasheet HTML 4Page - Littelfuse V85MLA1210N Datasheet HTML 5Page - Littelfuse V85MLA1210N Datasheet HTML 6Page - Littelfuse V85MLA1210N Datasheet HTML 7Page - Littelfuse V85MLA1210N Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Varistor Products
©2011 Littelfuse, Inc.
Revision: November 30, 2011
MLA Varistor Series
Surface Mount Multilayer Varistors (MLVs) > MLA Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/ML.html or MLA.html for current information.
Limit V-I Characteristic for V3.5MLA1206 to V68MLA1206
Limit V-I Characteristic for V3.5MLA0805 to V26MLA0805
1
10
100
1000
10μA
100μA
1mA
10mA
100mA
1A
10A
100A
1000A
V5.5MLA0805
V3.5MLA0805
V14MLA0805
V18MLA0805
V26MLA0805
Current (A)
Limit V-I Characteristic for V18MLA1210 to V120MLA1210
1
10
100
1000
10μA
100μA
1mA
10mA
100mA
1A
10A
100A
1000A
Current (A)
V68MLA1206
V56MLA1206
V42MLA1206
V33MLA1206
V26MLA1206
V18MLA1206
V14MLA1206
V5.5MLA1206
V3.5MLA1206
1mA
10μA
100μA
CURRENT (A)
10mA
100mA
1A
10A
100A
1000A
MAXIMUM CLAMPING VOLTAGE
MAXIMUM LEAKAGE
V60MLA1210
V85MLA1210
V120MLA1210
V48MLA1210, V48MLA1210L
V30MLA1210, V30MLA1210L
V26MLA1210
V18MLA1210
100
10
1000
1
Figure 7
Figure 8
Figure 9


Similar Part No. - V85MLA1210N

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V85MLA1210N LITTELFUSE-V85MLA1210N Datasheet
265Kb / 8P
   Surface Mount Multilayer Varistors
V85MLA1210N LITTELFUSE-V85MLA1210N Datasheet
678Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) MLA Series
V85MLA1210N LITTELFUSE-V85MLA1210N Datasheet
678Kb / 8P
   Surface Mount Multilayer Varistors (MLVs)
V85MLA1210N LITTELFUSE-V85MLA1210N Datasheet
678Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) MLA Series
V85MLA1210N LITTELFUSE-V85MLA1210N Datasheet
875Kb / 8P
   MLA Varistor Seriesv
More results

Similar Description - V85MLA1210N

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
PDQ24499 LSTD-PDQ24499 Datasheet
619Kb / 2P
   IP67 Rated and RoHS compliant
logo
Dialight Corporation
521-8132F DIALIGHT-521-8132F Datasheet
85Kb / 1P
   3mm LOW CURRENT LED RoHS COMPLIANT
logo
First Silicon Co., Ltd
FTVS0571P FS-FTVS0571P Datasheet
326Kb / 4P
   1200W peak pulse power (8/20 us)
2022. 03. 02 Revision No : 1
logo
Abracon Corporation
ASAK ABRACON-ASAK Datasheet
1Mb / 3P
   Suitable for RoHS compliant reflow
11.09.15
logo
Bi technologies
SWTW BITECH-SWTW Datasheet
232Kb / 6P
   Tactile Switches 6 x 6 mm and 8 x 8mm Sealed, Washable RoHS Compliant
logo
TT Electronics.
SWTW TTELEC-SWTW Datasheet
170Kb / 6P
   Tactile Switches 6 x 6 mm and 8 x 8mm Sealed, Washable RoHS Compliant
logo
Littelfuse
P0080SDL LITTELFUSE-P0080SDL Datasheet
154Kb / 3P
   High Surge Current (D-rated) SIDACtor짰 Device
P0080SD LITTELFUSE-P0080SD Datasheet
122Kb / 2P
   High Surge Current (D-rated) SIDACtor Device
logo
International Rectifier
IRF6612TRPBF IRF-IRF6612TRPBF Datasheet
249Kb / 10P
   RoHs Compliant
logo
Assmann Electronics Inc...
V7236A1 ASSMANN-V7236A1 Datasheet
107Kb / 1P
   RoHS compliant
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com