Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FZT651TA Datasheet(PDF) 1 Page - Diodes Incorporated

Part # FZT651TA
Description  60V NPN SILICON PLANAR HIGH PERFORMANCE TRANSISTOR IN SOT223
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FZT651TA Datasheet(HTML) 1 Page - Diodes Incorporated

  FZT651TA Datasheet HTML 1Page - Diodes Incorporated FZT651TA Datasheet HTML 2Page - Diodes Incorporated FZT651TA Datasheet HTML 3Page - Diodes Incorporated FZT651TA Datasheet HTML 4Page - Diodes Incorporated FZT651TA Datasheet HTML 5Page - Diodes Incorporated FZT651TA Datasheet HTML 6Page - Diodes Incorporated FZT651TA Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
FZT651
Document Number DS33149 Rev. 4 - 2
1 of 7
www.diodes.com
October 2012
© Diodes Incorporated
A Product Line of
Diodes Incorporated
FZT651
60V NPN SILICON PLANAR HIGH PERFORMANCE TRANSISTOR IN SOT223
Features
BVCEO > 60V
Maximum continuous current IC = 3A
Low Saturation Voltage
Complementary PNP Type – FZT751
Lead-Free Finish; RoHS compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
PPAP capable (Note 4)
Mechanical Data
Case: SOT223
Case material: molded plastic. “Green” molding compound.
UL Flammability Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish - Matte Tin Plated Leads, Solderable per
MIL-STD-202, Method 208
Weight: 0.112 grams (approximate)
Ordering Information (Notes 4 & 5)
Product
Compliance
Marking
Reel size (inches)
Tape width (mm)
Quantity per reel
FZT651TA
AEC-Q101
FZT651
7
12
1,000
FZT651QTA
Automotive
FZT651
7
12
1,000
FZT651TC
AEC-Q101
FZT651
13
12
4,000
FZT651QTC
Automotive
FZT651
13
12
4,000
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied.
2. See http://www.diodes.com for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and Lead-free. 
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. Automotive products are AEC-Q101 qualified and are PPAP capable. Automotive, AEC-Q101 and standard products are electrically and thermally
the same, except where specified.
5. For packaging details, go to our website at http://www.diodes.com
Marking Information
FZT651 = Product Type Marking Code
SOT223
Top View
Device Symbol
Top View
Pin-Out
 
Green
FZT
651


Similar Part No. - FZT651TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FZT651 ZETEX-FZT651 Datasheet
93Kb / 2P
   NPN SILICON PLANAR HIGH PERFORMANCE TRANSISTORS
logo
Guangdong Kexin Industr...
FZT651 KEXIN-FZT651 Datasheet
38Kb / 2P
   NPN Silicon Planar High Performance Transistors
logo
Diodes Incorporated
FZT651 DIODES-FZT651 Datasheet
105Kb / 2P
   SOT223 NPN SILICON PLANAR
FZT651Q DIODES-FZT651Q Datasheet
526Kb / 7P
   60V NPN HIGH PERFORMANCE TRANSISTOR IN SOT223
FZT651QTA DIODES-FZT651QTA Datasheet
526Kb / 7P
   60V NPN HIGH PERFORMANCE TRANSISTOR IN SOT223
More results

Similar Description - FZT651TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FZT651 DIODES-FZT651_15 Datasheet
501Kb / 7P
   60V NPN HIGH PERFORMANCE TRANSISTOR IN SOT223
FZT651Q DIODES-FZT651Q Datasheet
526Kb / 7P
   60V NPN HIGH PERFORMANCE TRANSISTOR IN SOT223
FZT651Q DIODES-FZT651Q_15 Datasheet
526Kb / 7P
   60V NPN HIGH PERFORMANCE TRANSISTOR IN SOT223
FZT653TA DIODES-FZT653TA Datasheet
108Kb / 2P
   SOT223 NPN SILICON PLANAR HIGH PERFORMANCE TRANSISTOR
FZT649 DIODES-FZT649 Datasheet
103Kb / 2P
   SOT223 NPN SILICON PLANAR HIGH PERFORMANCE TRANSISTOR
FZT653 DIODES-FZT653 Datasheet
108Kb / 2P
   SOT223 NPN SILICON PLANAR HIGH PERFORMANCE TRANSISTOR
FZT655 DIODES-FZT655 Datasheet
102Kb / 2P
   SOT223 NPN SILICON PLANAR HIGH PERFORMANCE TRANSISTOR
logo
List of Unclassifed Man...
FZT849TA ETC2-FZT849TA Datasheet
72Kb / 3P
   SOT223 NPN SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTOR
logo
Diodes Incorporated
FZT869TA DIODES-FZT869TA Datasheet
39Kb / 2P
   SOT223 NPN SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTOR
logo
Zetex Semiconductors
FZT857 ZETEX-FZT857_03 Datasheet
39Kb / 3P
   SOT223 NPN SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE)TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com