Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI3050-E1-GM Datasheet(PDF) 7 Page - Silicon Laboratories

Part # SI3050-E1-GM
Description  PROGRAMMABLE VOICE DAA SOLUTIONS
Download  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3050-E1-GM Datasheet(HTML) 7 Page - Silicon Laboratories

Back Button SI3050-E1-GM Datasheet HTML 3Page - Silicon Laboratories SI3050-E1-GM Datasheet HTML 4Page - Silicon Laboratories SI3050-E1-GM Datasheet HTML 5Page - Silicon Laboratories SI3050-E1-GM Datasheet HTML 6Page - Silicon Laboratories SI3050-E1-GM Datasheet HTML 7Page - Silicon Laboratories SI3050-E1-GM Datasheet HTML 8Page - Silicon Laboratories SI3050-E1-GM Datasheet HTML 9Page - Silicon Laboratories SI3050-E1-GM Datasheet HTML 10Page - Silicon Laboratories SI3050-E1-GM Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 128 page
background image
Si3050 + Si3011/18/19
Rev. 1.5
7
Table 3. DC Characteristics, VD = 3.0 to 3.6 V
(VD = 3.0 to 3.6 V, TA = 0 to 70 °C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
High Level Input Voltage1
VIH
2.0
V
Low Level Input Voltage1
VIL
——
0.8
V
High Level Output Voltage
VOH
IO =–2mA
2.4
V
Low Level Output Voltage
VOL
IO = 2 mA
0.35
V
AOUT High Level Voltage
VAH
IO =10mA
2.4
V
AOUT Low Level Voltage
VAL
IO =10mA
0.35
V
Input Leakage Current
IL
–10
10
µA
Power Supply Current, Digital2
ID
VD pin
8.5
10
mA
Total Supply Current, Sleep Mode2
ID
PDN = 1, PDL = 0
5.0
6.0
mA
Total Supply Current, Deep Sleep2,3
ID
PDN = 1, PDL = 1
1.3
1.5
mA
Notes:
1. VIH/VIL do not apply to C1A/C2A.
2. All inputs at 0.4 or VD – 0.4 (CMOS levels). All inputs are held static except clock and all outputs unloaded
(Static IOUT = 0mA).
3. RGDT is not functional in this state.


Similar Part No. - SI3050-E1-GM

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI3050-E1-GM SKYWORKS-SI3050-E1-GM Datasheet
1Mb / 128P
   PROGRAMMABLE VOICE DAA SOLUTIONS
Rev. 1.5 August 24, 2021
More results

Similar Description - SI3050-E1-GM

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI3050 SKYWORKS-SI3050 Datasheet
1Mb / 128P
   PROGRAMMABLE VOICE DAA SOLUTIONS
Rev. 1.5 August 24, 2021
logo
Silicon Laboratories
SI3011 SILABS-SI3011 Datasheet
3Mb / 128P
   PROGRAMMABLE VOICE DAA SOLUTIONS
SI3050-KT SILABS-SI3050-KT Datasheet
1Mb / 112P
   GLOBAL VOICE DAA
SI3216 SILABS-SI3216 Datasheet
234Kb / 2P
   Broadband AND Voice Telephony Solutions
logo
CML Microcircuits
CMX885 CMLMICRO-CMX885 Datasheet
1Mb / 69P
   Programmable Voice Scrambler
CMX148 CMLMICRO-CMX148 Datasheet
1Mb / 75P
   Programmable Voice Scrambler
logo
IXYS Corporation
CYG2111 IXYS-CYG2111 Datasheet
138Kb / 5P
   Cybergate DAA
CYG2110 IXYS-CYG2110 Datasheet
490Kb / 4P
   Cybergate DAA
CYG2217 IXYS-CYG2217 Datasheet
124Kb / 4P
   Cybergate DAA
CYG2320 IXYS-CYG2320 Datasheet
136Kb / 5P
   Cybergate DAA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com