Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LXX06D6 Datasheet(PDF) 5 Page - Littelfuse

Part # LXX06D6
Description  6 Amp bi-directional solid state switch series is designed for AC switching
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LXX06D6 Datasheet(HTML) 5 Page - Littelfuse

  LXX06D6 Datasheet HTML 1Page - Littelfuse LXX06D6 Datasheet HTML 2Page - Littelfuse LXX06D6 Datasheet HTML 3Page - Littelfuse LXX06D6 Datasheet HTML 4Page - Littelfuse LXX06D6 Datasheet HTML 5Page - Littelfuse LXX06D6 Datasheet HTML 6Page - Littelfuse LXX06D6 Datasheet HTML 7Page - Littelfuse LXX06D6 Datasheet HTML 8Page - Littelfuse LXX06D6 Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
65
Revised: June 24, 2011 04:57 PM
©2011 Littelfuse, Inc
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
6 Amp Sensitive, Standard & Alternistor (High Commutation) Triacs
Lxx06xx & Qxx06xx & Qxx06xHx Series
Figure 3: Normalized DC Holding Current
vs. Junction Temperature
Figure 4: Normalized DC Gate Trigger Voltage for
All Quadrants vs. Junction Temperature
Junction Temperature (T
J)- °C
-65
-40
-1510356085110
125
4.0
3.0
2.0
1.0
0.0
Junction Temperature (T
J)- ºC
110
125
85
60
35
10
-40
-40
-65
2.0
0.0
0.5
1.0
1.5
Figure 7: Maximum Allowable Case Temperature
vs. On-State Current (Standard Triac)
Figure 8: Maximum Allowable Case Temperature
vs. On-State Current (Alternistor Triac)
RMS On-State Current (I
T(RMS)) - Amps
7
6
5
4
3
2
1
0
130
120
110
100
90
80
70
60
Qxx06RHy
Qxx06NHy
Qxx06VHy
Qxx06DHy
Qxx06LHy
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 360°
CASE TEMPERATURE: Measured as shown
on Dimensional Drawings
RMS On-State Current (I
T(RMS)) - Amps
02468
10
12
14
16
0
2
4
6
8
10
12
14
16
18
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 360°
Figure 5: Power Dissipation (Typical)
vs. RMS On-State Current
Figure 6: Maximum Allowable Case Temperature
vs. On-State Current (Sensitive Triac)
RMS On-State Current (I
T(RMS)) - Amps
7
6
5
4
3
2
1
0
120
110
100
90
80
70
60
Lxx06Vy
Lxx06Dy
Lxx06Ry
Lxx06Ly
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 360°
CASE TEMPERATURE: Measured as shown
on Dimensional Drawings
RMS On-State Current (I
T(RMS)) - Amps
7
6
5
4
3
2
1
0
130
120
110
100
90
80
70
60
Qxx06Ly
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 360°
CASETEMPERATURE: Measured as shown
on Dimensional Drawings
Qxx06Ry
Qxx06Ny


Similar Part No. - LXX06D6

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LXX06XX LITTELFUSE-LXX06XX Datasheet
759Kb / 14P
   RoHS compliant
More results

Similar Description - LXX06D6

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LXX8E3 LITTELFUSE-LXX8E3 Datasheet
385Kb / 10P
   0.8 Amp bi-directional solid state switch series is designed for AC switching
QXX12LH2 LITTELFUSE-QXX12LH2 Datasheet
923Kb / 8P
   12 Amp bi-directional solid state switch series is designed for AC switching
LXX04L3 LITTELFUSE-LXX04L3 Datasheet
403Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
QXX25R5 LITTELFUSE-QXX25R5 Datasheet
278Kb / 11P
   25 Amp bi-directional solid state switch series is designed for AC switching
Q6004L4 LITTELFUSE-Q6004L4 Datasheet
905Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
QXX10L4 LITTELFUSE-QXX10L4 Datasheet
967Kb / 9P
   10 Amp bi-directional solid state switch series is designed for AC switching
QXX40KH6 LITTELFUSE-QXX40KH6 Datasheet
216Kb / 7P
   40 Amp bi-directional solid state switch series is designed for AC switching
QXX35P5 LITTELFUSE-QXX35P5 Datasheet
925Kb / 9P
   30 Amp / 35 Amp bi-directional solid state switch series is designed for AC switching
LX08L6 LITTELFUSE-LX08L6 Datasheet
435Kb / 14P
   8 Amp bi-directional solid state switch series is designed for AC switching and phase
Q6016LH456 LITTELFUSE-Q6016LH456 Datasheet
974Kb / 9P
   15 Amp and 16 Amp bi-directional solid state switch series is designed for AC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com