Electronic Components Datasheet Search |
|
LXX06V8 Datasheet(PDF) 3 Page - Littelfuse |
|
LXX06V8 Datasheet(HTML) 3 Page - Littelfuse |
3 / 14 page 63 Revised: June 24, 2011 04:57 PM ©2011 Littelfuse, Inc Teccor® brand Thyristors Specifications are subject to change without notice. Please refer to http://www.littelfuse.com for current information. 6 Amp Sensitive, Standard & Alternistor (High Commutation) Triacs Lxx06xx & Qxx06xx & Qxx06xHx Series Electrical Characteristics (T J = 25°C, unless otherwise specified) — Sensitive Triac (4 Quadrants) Symbol Test Conditions Quadrant Value Unit Lxx06x5 Lxx06x6 Lxx06x8 I GT V D = 12V RL = 60 Ω I – II – III IV MAX. 5 5 5 10 10 20 mA V GT ALL MAX. 1.3 V V GD V D = VDRM RL = 3.3 kΩ TJ = 110°C ALL MIN. 0.2 V I H I T = 100mA MAX. 10 10 20 mA dv/dt V D = VDRM Gate Open TJ = 100°C 400V TYP. 30 30 40 V/μs 600V 20 20 30 (dv/dt)c (di/dt)c = 3.2 A/ms T J = 110°C TYP. 1 2 2 V/μs t gt I G = 2 x IGT PW = 15µs IT = 8.5 A(pk) TYP. 3.0 3.0 3.2 μs Symbol Test Conditions Quadrant Value Unit Qxx06x4 Qxx06x5 I GT V D = 12V RL = 60 Ω I – II – III IV MAX. TYP. 25 50 50 75 mA V GT I – II – III MAX. 1.3 V V GD V D = VDRM RL = 3.3 kΩ TJ = 125°C ALL MIN. 0.2 V I H I T = 200mA MAX. 50 50 mA dv/dt V D = VDRM Gate Open TJ = 125°C 400V MIN. 120 V/μs 600V 100 800V 85 V D = VDRM Gate Open TJ = 100°C 1000V 100 (dv/dt)c (di/dt)c = 3.2 A/ms T J = 125°C TYP. 4 4 V/μs t gt I G = 2 x IGT PW = 15µs IT = 8.5 A(pk) TYP. 3.0 3.0 μs Electrical Characteristics (T J = 25°C, unless otherwise specified) — Alternistor Triac (3 Quadrants) Symbol Test Conditions Quadrant Value Unit Qxx06xH3 Qxx06xH4 I GT V D = 12V RL = 60 Ω I – II – III MAX. 10 35 mA V GT I – II – III MAX. 1.3 V V GD V D = VDRM RL = 3.3 kΩ TJ = 125°C I – II – III MIN. 0.2 V I H I T = 100mA MAX. 15 35 mA dv/dt V D = VDRM Gate Open TJ = 125°C Qxx06VHy / Qxx06DHy MIN. 400V 75 400 V/μs 600V 50 300 800V 200 Qxx06LHy / Qxx06RHy / Qxx06NHy 400V 75 450 600V 50 350 800V 250 V D = VDRM Gate Open TJ = 100°C ALL 1000V 150 (dv/dt)c (di/dt)c = 3.2 A/ms T J = 125°C MIN. 20 25 V/μs t gt I G = 2 x IGT PW = 15µs IT = 8.5 A(pk) TYP. 4.0 4.0 μs Note: xx = voltage, x = package, y = sensitivity Electrical Characteristics (T J = 25°C, unless otherwise specified) — Standard Triac |
Similar Part No. - LXX06V8 |
|
Similar Description - LXX06V8 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |