Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI3019-F-FM Datasheet(PDF) 10 Page - Silicon Laboratories

Part # SI3019-F-FM
Description  PROGRAMMABLE VOICE DAA SOLUTIONS
Download  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3019-F-FM Datasheet(HTML) 10 Page - Silicon Laboratories

Back Button SI3019-F-FM Datasheet HTML 6Page - Silicon Laboratories SI3019-F-FM Datasheet HTML 7Page - Silicon Laboratories SI3019-F-FM Datasheet HTML 8Page - Silicon Laboratories SI3019-F-FM Datasheet HTML 9Page - Silicon Laboratories SI3019-F-FM Datasheet HTML 10Page - Silicon Laboratories SI3019-F-FM Datasheet HTML 11Page - Silicon Laboratories SI3019-F-FM Datasheet HTML 12Page - Silicon Laboratories SI3019-F-FM Datasheet HTML 13Page - Silicon Laboratories SI3019-F-FM Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 128 page
background image
Si3050 + Si3011/18/19
10
Rev. 1.5
Figure 2. General Inputs Timing Diagram
Table 6. Switching Characteristics—General Inputs
(VD = 3.0 to 3.6 V, TA = 0 to 70 °C, CL = 20 pF)
Parameter1
Symbol
Min
Typ
Max
Unit
Cycle Time, PCLK
tp
0.12207
3.90625
s
PCLK Duty Cycle
tdty
40
50
60
%
PCLK Jitter Tolerance
tjitter
——
2
ns
Rise Time, PCLK
tr
——
25
ns
Fall Time, PCLK
tf
——
25
ns
PCLK Before RESET
2
tmr
10
cycles
RESET Pulse Width3
trl
250
ns
CS, SCLK Before RESET
tmxr
20
ns
Rise Time, Reset
tr
——
25
ns
Notes:
1. All timing (except Rise and Fall time) is referenced to the 50% level of the waveform. Input test levels are
VIH = VD – 0.4 V, VIL = 0.4 V. Rise and Fall times are referenced to the 20% and 80% levels of the waveform.
2. FSYNC/PCLK relationship must be fixed after RESET

3. The minimum RESET pulse width is the greater of 250 ns or 10 PCLK cycle times.
PC LK
t
f
t
mr
t
p
t
r
V
IH
V
IL
t
rl
RESET
t
mx r
CS , S C LK


Similar Part No. - SI3019-F-FM

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI3019-F-FM SKYWORKS-SI3019-F-FM Datasheet
1Mb / 128P
   PROGRAMMABLE VOICE DAA SOLUTIONS
Rev. 1.5 August 24, 2021
More results

Similar Description - SI3019-F-FM

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI3050 SKYWORKS-SI3050 Datasheet
1Mb / 128P
   PROGRAMMABLE VOICE DAA SOLUTIONS
Rev. 1.5 August 24, 2021
logo
Silicon Laboratories
SI3011 SILABS-SI3011 Datasheet
3Mb / 128P
   PROGRAMMABLE VOICE DAA SOLUTIONS
SI3050-KT SILABS-SI3050-KT Datasheet
1Mb / 112P
   GLOBAL VOICE DAA
SI3216 SILABS-SI3216 Datasheet
234Kb / 2P
   Broadband AND Voice Telephony Solutions
logo
CML Microcircuits
CMX885 CMLMICRO-CMX885 Datasheet
1Mb / 69P
   Programmable Voice Scrambler
CMX148 CMLMICRO-CMX148 Datasheet
1Mb / 75P
   Programmable Voice Scrambler
logo
IXYS Corporation
CYG2111 IXYS-CYG2111 Datasheet
138Kb / 5P
   Cybergate DAA
CYG2110 IXYS-CYG2110 Datasheet
490Kb / 4P
   Cybergate DAA
CYG2217 IXYS-CYG2217 Datasheet
124Kb / 4P
   Cybergate DAA
CYG2320 IXYS-CYG2320 Datasheet
136Kb / 5P
   Cybergate DAA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com