Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APXA160ARA820MH70G Datasheet(PDF) 1 Page - United Chemi-Con, Inc.

Part # APXA160ARA820MH70G
Description  PXANPCAPTM- Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

APXA160ARA820MH70G Datasheet(HTML) 1 Page - United Chemi-Con, Inc.

  APXA160ARA820MH70G Datasheet HTML 1Page - United Chemi-Con, Inc. APXA160ARA820MH70G Datasheet HTML 2Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product specifications in this catalog are subject to change without notice.Request our product specifications before purchase and/or use. Please use our products based on the information contained in this catalog and product specifications.
CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
(at 20
℃, 120Hz)
(at 105
℃)
(at 20
℃ after 2 minutes)
(at 20
℃, 120Hz)
(at 100kHz)
Category
Temperature Range
Rated Voltage Range
Capacitance Tolerance
Surge Voltage
Leakage Current
Low Temperature
Characteristics
(Max. Impedance Ratio)
Endurance
Bias Humidity
Surge Voltage
Failure Rate
Items
-55 to +105
2.5 to 25Vdc
±20% (M)
Rated voltage
×1.15 (Rated voltage 2.5 to 20Vdc, 25Vdc) / Rated voltage×1.00 (Rated voltage 23Vdc)
Shall not exceed values shown in STANDARD RATINGS.
0.12 max.
The following specifications shall be satisfied when the capacitors are restored to 20
℃ after the rated voltage is applied for 2,000 hours
(F46 : 1,000 hours) at 105
℃.
Appearance
No significant damage
Capacitance change
ESR
Leakage current
The following specifications shall be satisfied when the capacitors are restored to 20
℃ after subjecting them to the DC rated voltage at
60
℃, 90 to 95% RH for 1,000 hours(F46 : 500 hours).
Appearance
No significant damage
Capacitance change
ESR
Leakage current
The capacitors shall be subjected to 1,000 cycles each consisting of charge with the surge voltage specified at 105
for 30 seconds
Appearance
No significant damage
Capacitance change
ESR
Leakage current
0.5% per 1,000 hours maximum (Confidence level 60% at 105
)
Characteristics
◆DIMENSIONS [mm]
A15L
39
16V
*Note : If any doubt arises, measure the leakage current after the following voltage treatment.
Voltage treatment : DC rated voltage is applied to the capacitors for 120 minutes at 105.
Super low ESR, impedance and high heat resistance have been obtained by using
conductive polymer as electrolyte
Rated voltage range : 2.5 to 25Vdc, case size range : φ4×5.2L toφ10×12.2L
Suitable for DC-DC converters, voltage regulators and decoupling applications used on
computer motherboards etc.
0.3max.
A
±0.2
W
Note : L+0.1/-0.2 for F46
L
±0.5 for HC0 and JC0
Size code
D55
E60
F46
F55
F60
H70
HC0
J80
JC0
φD
4
5
6.3
6.3
6.3
8
8
10
10
L
5.2
5.7
4.5
5.2
5.7
6.7
12.0
7.7
12.2
A
4.3
5.3
6.6
6.6
6.6
8.3
8.3
10.3
10.3
B
4.3
5.3
6.6
6.6
6.6
8.3
8.3
10.3
10.3
C
5.1
5.9
7.2
7.2
7.2
9.0
9.0
11.0
11.0
W
0.5 to 0.8
0.5 to 0.8
0.5 to 0.8
0.5 to 0.8
0.5 to 0.8
0.7 to 1.1
0.7 to 1.1
0.7 to 1.1
0.7 to 1.1
P
1.0
1.4
1.9
1.9
1.9
3.1
3.1
4.5
4.5
Terminal Code : A
Supplement code
Size code
Capacitance tolerance code
Taping code
Terminal code
Series code
Category
A P X A
A R A
G
M
13
4
2
6
7
8
9
10
13
12
518
17
16
11
15
14
Please refer to "Product code guide (conductive polymer type)"
Lower ESR
PXA
PXE
RoHS Compliant
◆SPECIFICATIONS
Z(-25
℃)/Z(+20℃)
≦1.15
Z(-55
℃)/Z(+20℃)
≦1.25
of the initial value
≦±20%
≦150% of the initial specified value
≦150% of the initial specified value
≦The initial specified value
DF (tan
δ)
DF (tan
δ)
DF (tan
δ)
≦150% of the initial specified value
≦150% of the initial specified value
≦The initial specified value
≦150% of the initial specified value
≦150% of the initial specified value
≦The initial specified value
through a protective resistor(R=1k
Ω) and discharge for 5 minutes 30 seconds.
◆MARKING
L
±0.3 (Note)
◆PART NUMBERING SYSTEM
Capacitance code (ex. 10μF:100,100μF:101)
Voltage code (ex. 6.3V:6R3,10V:100)
EX) 16V39µF
Halogen Free
(1/2)
Surface Mount
Dissipation Factor
(tan
δ)
≦±20% of the initial value
≦±20% of the initial value
PXASeries
NPCAP
TM -
CAT. No. E1001M


Similar Part No. - APXA160ARA820MH70G

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
APXA160ARA820MH70G CHEMI-CON-APXA160ARA820MH70G Datasheet
44Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
APXA160ARA820MH70G CHEMI-CON-APXA160ARA820MH70G Datasheet
308Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
More results

Similar Description - APXA160ARA820MH70G

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
   NBB Series and NDA Series Reliability
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com