Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI4012-C1001GT Datasheet(PDF) 1 Page - Silicon Laboratories

Part # SI4012-C1001GT
Description  Si4012 CRYSTAL-LESS FSK/OOK RF TRANSMITTER
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4012-C1001GT Datasheet(HTML) 1 Page - Silicon Laboratories

  SI4012-C1001GT Datasheet HTML 1Page - Silicon Laboratories SI4012-C1001GT Datasheet HTML 2Page - Silicon Laboratories SI4012-C1001GT Datasheet HTML 3Page - Silicon Laboratories SI4012-C1001GT Datasheet HTML 4Page - Silicon Laboratories SI4012-C1001GT Datasheet HTML 5Page - Silicon Laboratories SI4012-C1001GT Datasheet HTML 6Page - Silicon Laboratories SI4012-C1001GT Datasheet HTML 7Page - Silicon Laboratories SI4012-C1001GT Datasheet HTML 8Page - Silicon Laboratories SI4012-C1001GT Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
Rev 1.1 3/13
Copyright © 2013 by Silicon Laboratories
Si4012
Si4012
Si4012 C RYSTAL- LESS FSK/OOK RF TRANSMITTER
Features
Applications
Description
Silicon Laboratories’ Si4012 is a fully-integrated crystalless CMOS high-data-rate
RF transmitter designed for the sub-GHz ISM band. This chip is optimized for
battery powered applications requiring low standby currents and high output
transmit power.
The device offers advanced radio features including continuous frequency
coverage from 27–960 MHz, adjustable output power of up to +10 dBm, and data
rates up to 100 kbaud in FSK mode. The Si4012’s high level of integration offers
reduced BOM cost while simplifying overall system design.
Functional Block Diagram
Frequency range

27–960 MHz
Output power range

–13 to +10 dBm
Low Power Consumption

OOK
14.2mA @ +10dBm

FSK
19.8mA @ +10dBm
Data rate:

Up to 100 kbaud FSK

Up to 50 kbaud OOK
FSK and OOK modulation
Power supply = 1.8 to 3.6 V
Automatic antenna tuning
Programmable ramp rate
Crystal-less operation

±150 ppm: 0 to 70° C

±250 ppm: –40 to 85° C

Optional crystal input for
applications requiring tighter
tolerances
Ultra low standby current <10 nA
Integrated voltage regulator
255 byte FIFO
Low battery detector
SMBus Interface
–40 to +85 °C temperature range
10-Pin MSOP Package,
RoHs compliant
Low BOM
Wireless MBus T1-mode
Remote control
Home security & alarm
Personal data logging
Toy control
Wireless PC peripherals
Remote meter reading
Remote keyless entry
Home automation
Industrial control
Sensor networks
Health monitors
Si4012
XTAL
LED
LCOSC
PA
Divider
XTAL
OSC
Auto
Tune
FSK
OOK
LPOSC
LDO
POR
BANDGAP
VA
VD
TXP
TXM
VDD
GND
RF Analog Core
Antenna Tune
Modulator
SMBus
Interface
Digital Logic
TX
255 Byte
Data FIFO
Register
Bank
Digital
Controller
Battery
Monitor
Host
MCU
Patents pending
Ordering Information:
See page 43.
Pin Assignments
2
3
6
7
8
4
5
9SCL
SDN
nIRQ
LED
VDD
XTAL
TXP
GND
TXM
1
10 SDA
Si4012
Si4012


Similar Part No. - SI4012-C1001GT

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4012-A0-GT SILABS-SI4012-A0-GT Datasheet
118Kb / 16P
   CRYSTAL-LESS RF TRANSMITTER
More results

Similar Description - SI4012-C1001GT

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4012 SILABS-SI4012 Datasheet
118Kb / 16P
   CRYSTAL-LESS RF TRANSMITTER
logo
Holtek Semiconductor In...
BC2102 HOLTEK-BC2102 Datasheet
1Mb / 15P
   Sub-1GHz OOK/FSK Transmitter
logo
Silicon Laboratories
SI4010-C2 SILABS-SI4010-C2 Datasheet
862Kb / 156P
   CRYSTAL-LESS SOC RF TRANSMITTER
SI4010 SILABS-SI4010 Datasheet
830Kb / 160P
   CRYSTAL-LESS SOC RF TRANSMITTER
SI4010-C2-GT SILABS-SI4010-C2-GT Datasheet
3Mb / 157P
   CRYSTAL-LESS SOC RF TRANSMITTER
Rev. 1.1 8/20
logo
List of Unclassifed Man...
CMT2119AW-ESR ETC2-CMT2119AW-ESR Datasheet
858Kb / 29P
   240 ??960 MHz (G)FSK/OOK Transmitter
logo
Princeton Technology Co...
PT4452 PTC-PT4452 Datasheet
155Kb / 4P
   PLL-based OOK/ASK/FSK Transmitter IC
logo
IET Labs Inc.
CMT2119AW IET-CMT2119AW Datasheet
858Kb / 29P
   240 – 960 MHz (G)FSK/OOK Transmitter
logo
Analog Devices
ADF7901 AD-ADF7901_15 Datasheet
171Kb / 12P
   High Performance ISM Band OOK/FSK Transmitter IC
REV. A
ADF7901 AD-ADF7901_06 Datasheet
171Kb / 12P
   High Performance ISM Band OOK/FSK Transmitter IC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com