Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI4730-D60-GMR Datasheet(PDF) 9 Page - Silicon Laboratories

Part # SI4730-D60-GMR
Description  BROADCAST AM/FM/SW/LW RADIO RECEIVER
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4730-D60-GMR Datasheet(HTML) 9 Page - Silicon Laboratories

Back Button SI4730-D60-GMR Datasheet HTML 5Page - Silicon Laboratories SI4730-D60-GMR Datasheet HTML 6Page - Silicon Laboratories SI4730-D60-GMR Datasheet HTML 7Page - Silicon Laboratories SI4730-D60-GMR Datasheet HTML 8Page - Silicon Laboratories SI4730-D60-GMR Datasheet HTML 9Page - Silicon Laboratories SI4730-D60-GMR Datasheet HTML 10Page - Silicon Laboratories SI4730-D60-GMR Datasheet HTML 11Page - Silicon Laboratories SI4730-D60-GMR Datasheet HTML 12Page - Silicon Laboratories SI4730-D60-GMR Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
Si4730/31/34/35-D60
Rev. 1.1
9
Table 4. 2-Wire Control Interface Characteristics1,2,3
(VA = 2.7 to 5.5 V, VD = 1.62 to 3.6 V, TA = –20 to 85 °C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
SCLK Frequency
fSCL
0—
400
kHz
SCLK Low Time
tLOW
1.3
µs
SCLK High Time
tHIGH
0.6
µs
SCLK Input to SDIO
Setup
(START)
tSU:STA
0.6
µs
SCLK Input to SDIO
Hold
(START)
tHD:STA
0.6
µs
SDIO Input to SCLK
Setup
tSU:DAT
100
ns
SDIO Input to SCLK
Hold4,5
tHD:DAT
0—
900
ns
SCLK input to SDIO
Setup
(STOP)
tSU:STO
0.6
µs
STOP to START Time
tBUF
1.3
µs
SDIO Output Fall Time
tf:OUT
—250
ns
SDIO Input, SCLK Rise/Fall Time
tf:IN
tr:IN
—300
ns
SCLK, SDIO Capacitive Loading
Cb
——
50
pF
Input Filter Pulse Suppression
tSP
50
ns
Notes:
1.
When VD = 0 V, SCLK and SDIO are low impedance.
2.
When selecting 2-wire mode, the user must ensure that a 2-wire start condition (falling edge of SDIO while SCLK is
high) does not occur within 300 ns before the rising edge of RST.
3.
When selecting 2-wire mode, the user must ensure that SCLK is high during the rising edge of RST, and stays high
until after the first start condition.
4.
The Si473x-D60 delays SDIO by a minimum of 300 ns from the VIH threshold of SCLK to comply with the minimum
tHD:DAT specification.
5.
The maximum tHD:DAT has only to be met when fSCL = 400 kHz. At frequencies below 400 KHz, tHD:DAT may be
violated as long as all other timing parameters are met.
20 0.1
Cb
1pF
-----------
+
20 0.1
Cb
1pF
-----------
+


Similar Part No. - SI4730-D60-GMR

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
Si4730-D60-GM SILABS-Si4730-D60-GM Datasheet
1Mb / 42P
   BROADCAST AM/FM/SW/LW RADIO RECEIVER
logo
Skyworks Solutions Inc.
SI4730-D60-GM SKYWORKS-SI4730-D60-GM Datasheet
503Kb / 40P
   BROADCAST AM/FM/SW/LW RADIO RECEIVER
Revision 1.0 to Revision 1.1
More results

Similar Description - SI4730-D60-GMR

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4730-D60-GU SILABS-SI4730-D60-GU Datasheet
1Mb / 42P
   BROADCAST AM/FM/SW/LW RADIO RECEIVER
logo
Skyworks Solutions Inc.
SI4730-D60 SKYWORKS-SI4730-D60 Datasheet
503Kb / 40P
   BROADCAST AM/FM/SW/LW RADIO RECEIVER
Revision 1.0 to Revision 1.1
logo
Silicon Laboratories
SI4831-B30-GU SILABS-SI4831-B30-GU Datasheet
199Kb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
logo
Skyworks Solutions Inc.
SI4820-A10 SKYWORKS-SI4820-A10 Datasheet
830Kb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
Rev. 1.0 September 1, 2021
SI4836-A10 SKYWORKS-SI4836-A10 Datasheet
884Kb / 21P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
Revision 0.1 to Revision 0.8
logo
List of Unclassifed Man...
SI4824-DEMO ETC2-SI4824-DEMO Datasheet
194Kb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
logo
Silicon Laboratories
SI4836-A10 SILABS-SI4836-A10 Datasheet
1Mb / 21P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
SI4831-B30 SILABS-SI4831-B30 Datasheet
1Mb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
SI4820-A10 SILABS-SI4820-A10 Datasheet
1Mb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
SI4825-A10-CS SILABS-SI4825-A10-CS Datasheet
1Mb / 21P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com