Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI5326C-C-GM Datasheet(PDF) 10 Page - Silicon Laboratories

Part # SI5326C-C-GM
Description  ANY FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5326C-C-GM Datasheet(HTML) 10 Page - Silicon Laboratories

Back Button SI5326C-C-GM Datasheet HTML 6Page - Silicon Laboratories SI5326C-C-GM Datasheet HTML 7Page - Silicon Laboratories SI5326C-C-GM Datasheet HTML 8Page - Silicon Laboratories SI5326C-C-GM Datasheet HTML 9Page - Silicon Laboratories SI5326C-C-GM Datasheet HTML 10Page - Silicon Laboratories SI5326C-C-GM Datasheet HTML 11Page - Silicon Laboratories SI5326C-C-GM Datasheet HTML 12Page - Silicon Laboratories SI5326C-C-GM Datasheet HTML 13Page - Silicon Laboratories SI5326C-C-GM Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 72 page
background image
Si5326
10
Rev. 1.0
SPI Specifications
Duty Cycle, SCLK
tDC
SCLK = 10 MHz
40
60
%
Cycle Time, SCLK
tc
100
ns
Rise Time, SCLK
tr
20–80%
25
ns
Fall Time, SCLK
tf
20–80%
25
ns
Low Time, SCLK
tlsc
20–20%
30
ns
High Time, SCLK
thsc
80–80%
30
ns
Delay Time, SCLK Fall
to SDO Active
td1
——
25
ns
Delay Time, SCLK Fall
to SDO Transition
td2
——
25
ns
Delay Time, SS Rise
to SDO Tri-state
td3
——
25
ns
Setup Time, SS to
SCLK Fall
tsu1
25
ns
Hold Time, SS to
SCLK Rise
th1
20
ns
Setup Time, SDI to
SCLK Rise
tsu2
25
ns
Hold Time, SDI to
SCLK Rise
th2
20
ns
Delay Time between
Slave Selects
tcs
25
ns
Table 3. Microprocessor Control (Continued)
(VDD = 1.8 ± 5%, 2.5 ±10%, or 3.3 V ±10%, TA = –40 to 85 °C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit


Similar Part No. - SI5326C-C-GM

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI5326C-C-GM SKYWORKS-SI5326C-C-GM Datasheet
550Kb / 71P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
More results

Similar Description - SI5326C-C-GM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI5369 SILABS-SI5369 Datasheet
518Kb / 84P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5368 SKYWORKS-SI5368 Datasheet
824Kb / 92P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
logo
Silicon Laboratories
SI5324C-C-GM SILABS-SI5324C-C-GM Datasheet
518Kb / 72P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/ JITTER ATTENUATOR
SI5327 SILABS-SI5327 Datasheet
1Mb / 60P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5319 SKYWORKS-SI5319 Datasheet
1Mb / 50P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
SI5327 SKYWORKS-SI5327 Datasheet
1Mb / 60P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
SI5326 SKYWORKS-SI5326 Datasheet
550Kb / 71P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
SI5324 SKYWORKS-SI5324 Datasheet
1Mb / 72P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/ JITTER ATTENUATOR
Rev. 1.1
SI5369 SKYWORKS-SI5369 Datasheet
951Kb / 84P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
logo
Silicon Laboratories
SI5374 SILABS-SI5374 Datasheet
352Kb / 69P
   4-PLL ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com