Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Si4731-D60-GU2 Datasheet(PDF) 11 Page - Silicon Laboratories

Part # Si4731-D60-GU2
Description  BROADCAST AM/FM/SW/LW RADIO RECEIVER
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si4731-D60-GU2 Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button Si4731-D60-GU2 Datasheet HTML 7Page - Silicon Laboratories Si4731-D60-GU2 Datasheet HTML 8Page - Silicon Laboratories Si4731-D60-GU2 Datasheet HTML 9Page - Silicon Laboratories Si4731-D60-GU2 Datasheet HTML 10Page - Silicon Laboratories Si4731-D60-GU2 Datasheet HTML 11Page - Silicon Laboratories Si4731-D60-GU2 Datasheet HTML 12Page - Silicon Laboratories Si4731-D60-GU2 Datasheet HTML 13Page - Silicon Laboratories Si4731-D60-GU2 Datasheet HTML 14Page - Silicon Laboratories Si4731-D60-GU2 Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
Si4730/31/34/35-D60
Rev. 1.1
11
Figure 4. 3-Wire Control Interface Write Timing Parameters
Figure 5. 3-Wire Control Interface Read Timing Parameters
Table 5. 3-Wire Control Interface Characteristics
(VA = 2.7 to 5.5 V, VD = 1.62 to 3.6 V, TA = –20 to 85 °C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
SCLK Frequency
fCLK
0—
2.5
MHz
SCLK High Time
tHIGH
25
ns
SCLK Low Time
tLOW
25
ns
SDIO Input, SEN to SCLK
Setup
tS
20
ns
SDIO Input to SCLK
Hold
tHSDIO
10
ns
SEN Input to SCLK
Hold
tHSEN
10
ns
SCLK
to SDIO Output Valid
tCDV
Read
2
25
ns
SCLK
to SDIO Output High Z
tCDZ
Read
2
25
ns
SCLK, SEN, SDIO, Rise/Fall time
tR, tF
10
ns
Note:
When selecting 3-wire mode, the user must ensure that a rising edge of SCLK does not occur within 300 ns before the
rising edge of RST.
SCLK
70%
30%
SEN
70%
30%
SDIO
A7
A0
70%
30%
tS
tS
tHSDIO
tHSEN
A6-A5,
R/W,
A4-A1
Address In
Data In
D15
D14-D1
D0
tHIGH
tLOW
tR
tF
½ Cycle Bus
Turnaround
SCLK
70%
30%
SEN
70%
30%
SDIO
70%
30%
tHSDIO
tCDV
tCDZ
Address In
Data Out
A7
A0
A6-A5,
R/W,
A4-A1
D15
D14-D1
D0
tS
tS
tHSEN


Similar Part No. - Si4731-D60-GU2

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
Si4731-D60-GU2 SILABS-Si4731-D60-GU2 Datasheet
1Mb / 42P
   BROADCAST AM/FM/SW/LW RADIO RECEIVER
More results

Similar Description - Si4731-D60-GU2

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4730-D60-GU SILABS-SI4730-D60-GU Datasheet
1Mb / 42P
   BROADCAST AM/FM/SW/LW RADIO RECEIVER
logo
Skyworks Solutions Inc.
SI4730-D60 SKYWORKS-SI4730-D60 Datasheet
503Kb / 40P
   BROADCAST AM/FM/SW/LW RADIO RECEIVER
Revision 1.0 to Revision 1.1
logo
Silicon Laboratories
SI4831-B30-GU SILABS-SI4831-B30-GU Datasheet
199Kb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
logo
Skyworks Solutions Inc.
SI4820-A10 SKYWORKS-SI4820-A10 Datasheet
830Kb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
Rev. 1.0 September 1, 2021
SI4836-A10 SKYWORKS-SI4836-A10 Datasheet
884Kb / 21P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
Revision 0.1 to Revision 0.8
logo
List of Unclassifed Man...
SI4824-DEMO ETC2-SI4824-DEMO Datasheet
194Kb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
logo
Silicon Laboratories
SI4836-A10 SILABS-SI4836-A10 Datasheet
1Mb / 21P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
SI4831-B30 SILABS-SI4831-B30 Datasheet
1Mb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
SI4820-A10 SILABS-SI4820-A10 Datasheet
1Mb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
SI4825-A10-CS SILABS-SI4825-A10-CS Datasheet
1Mb / 21P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com