Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5.0SMDJ110A Datasheet(PDF) 4 Page - Littelfuse

Part # 5.0SMDJ110A
Description  The 5.0SMDJ series is designed specifically to protect sensitive electronic
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

5.0SMDJ110A Datasheet(HTML) 4 Page - Littelfuse

  5.0SMDJ110A Datasheet HTML 1Page - Littelfuse 5.0SMDJ110A Datasheet HTML 2Page - Littelfuse 5.0SMDJ110A Datasheet HTML 3Page - Littelfuse 5.0SMDJ110A Datasheet HTML 4Page - Littelfuse 5.0SMDJ110A Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Revision: November 15, 2011, 16:49
©2011 Littelfuse, Inc.
Specifications are subject to change without notice.
Transient Voltage Suppression Diodes
4
Surface Mount – 5000W > 5.0SMDJ series
5.0SMDJ Series
Please refer to http://www.Littelfuse.com/series/5.0SSMDJ.html for current information.
Physical Specifications
Weight
0.007 ounce, 0.21 grams
Case
JEDEC DO214AB. Molded plastic body
over glass passivated junction
Polarity
Color band denotes positive end
(cathode) except Bidirectional.
Terminal
Matte Tin-plated leads, Solderable per
JESD22-B102D
Dimensions
Dimensions
Inches
Millimeters
Min
Max
Min
Max
A
0.114
0.126
2.900
3.200
B
0.260
0.280
6.600
7.110
C
0.220
0.245
5.590
6.220
D
0.079
0.103
2.060
2.620
E
0.030
0.060
0.760
1.520
F
-
0.008
-
0.203
G
0.305
0.320
7.750
8.130
H
0.006
0.012
0.152
0.305
I
0.129
-
3.300
-
J
0.094
-
2.400
-
K
-
0.165
-
4.200
L
0.094
-
2.400
-
Environmental Specifications
Temperature Cycle
JESD22-A104
Pressure Cooker
JESD 22-A102
High Temp. Storage
JESD22-A103
HTRB
JESD22-A108
Thermal Shock
JESD22-A106
Soldering Parameters
Time (t)
Ts(min)
Ts(max)
TL
TP
ts
Preheat
tL
tp
Ramp-up
Critical Zone
TL to TP
Ramp-down
t 25˚C to Peak
25˚C
Reflow Condition
Lead–free assembly
Pre Heat
-Temperature Min (T
s(min))
150°C
-Temperature Max (T
s(max))
200°C
-Time (min to max) (t
s)
60 – 180 secs
Average ramp up rate (LiquidusTemp
(T
L) to peak
3°C/second max
T
S(max) to TL - Ramp-up Rate
3°C/second max
Reflow
-Temperature (T
L) (Liquidus)
217°C
-Time (min to max) (t
s)
60 – 150 seconds
PeakTemperature (T
P)
260+0/-5 °C
Time within 5°C of actual peak
Temperature (t
p)
20 – 40 seconds
Ramp-down Rate
6°C/second max
Time 25°C to peakTemperature (T
P)
8 minutes Max.
Do not exceed
280°C
DO-214AB (SMC J-Bend)
Dimensions in inches and (millimeters)
Cathode Band
B
F
G
H
E
C
D
A
(all dimensions in mm)
I
L
K
J
Solder Pads


Similar Part No. - 5.0SMDJ110A

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
5.0SMDJ110A MDE-5.0SMDJ110A Datasheet
110Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Goodwork Semiconductor ...
5.0SMDJ110A GWSEMI-5.0SMDJ110A Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
HuaXinAn Electronics CO...
5.0SMDJ110A HUAXINAN-5.0SMDJ110A Datasheet
468Kb / 5P
   5000W Transient Voltage Suppressors
logo
Littelfuse
5.0SMDJ110A LITTELFUSE-5.0SMDJ110A Datasheet
145Kb / 5P
   Transient Voltage Suppression Diodes
logo
PACELEADER INDUSTRIAL
5.0SMDJ110A PACELEADER-5.0SMDJ110A Datasheet
345Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 5.0SMDJ110A

ManufacturerPart #DatasheetDescription
logo
SHIKUES Electronics
SMDJ5.0AG SKTECHNOLGY-SMDJ5.0AG Datasheet
482Kb / 4P
   The SMDJ series is designed specifically to protect
logo
Littelfuse
TPSMB LITTELFUSE-TPSMB Datasheet
982Kb / 6P
   The TPSMB series is designed specifically to protect
SMAJ LITTELFUSE-SMAJ Datasheet
991Kb / 6P
   The SMAJ series is designed specifically to protect
logo
SHIKUES Electronics
SMDJ5.0CAG SKTECHNOLGY-SMDJ5.0CAG Datasheet
482Kb / 4P
   The SMDJ series is designed specifically to protect
logo
DONGGUAN YOU FENG WEI E...
SMBJ5.0A-SMBJ440A YFWDIODE-SMBJ5.0A-SMBJ440A Datasheet
1Mb / 5P
   The SMBJ series is designed specifically to protect
logo
Littelfuse
5.0SMDJ LITTELFUSE-5.0SMDJ Datasheet
1,002Kb / 6P
   The 5.0SMDJ series is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events
SMBJ-E LITTELFUSE-SMBJ-E Datasheet
1Mb / 5P
   The SMBJ-E series is designed specifically to protect
SMAJ-E LITTELFUSE-SMAJ-E Datasheet
1Mb / 5P
   The SMAJ-E series is designed specifically to protect
SMA6L LITTELFUSE-SMA6L Datasheet
1Mb / 6P
   The SMA6L series is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events
SMF LITTELFUSE-SMF Datasheet
928Kb / 6P
   The SMF series is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com