Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI32911-A-FS Datasheet(PDF) 1 Page - Silicon Laboratories

Part # SI32911-A-FS
Description  ProSLIC Single-Chip FXS Solution with FXO Option
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI32911-A-FS Datasheet(HTML) 1 Page - Silicon Laboratories

  SI32911-A-FS Datasheet HTML 1Page - Silicon Laboratories SI32911-A-FS Datasheet HTML 2Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ProSLIC
Copyright © 2009 by Silicon Laboratories
4.14.09
RING
TIP
SPI
Control
Interface
PCM/
GCI
Interface
DSP
DTMF &
Tone Gen
Caller ID
Ringing
Generator
ADC
DAC
CODEC
SLIC
Linefeed
Control
Linefeed
Monitor
DC-DC Controller
Line Diagnostics
PLL
PCLK
FSYNC
DRX
DTX
CS
SDI
SDO
SCLK
INT
RST
SPI
Control
Interface
PCM/
GCI
Interface
DSP
DTMF &
Tone Gen
Caller ID
Ringing
Generator
ADC
DAC
CODEC
CODEC
SLIC
Linefeed
Control
Linefeed
Monitor
DC-DC Controller
Line Diagnostics
PLL
PCLK
FSYNC
DRX
DTX
CS
SDI
SDO
SCLK
INT
RST
Si3217x
ADC
DAC
Optional FXO
Isolation
Interface
Control
Si3291x
C1A
C2A
C1B
C2B
Isolation
Interface
Hybrid and
dc
Termination
Ring Detect
Off-Hook
QE
QB
CID
IGND
VREG
DCT
RX
TIP
RING
FXS
FXO
Si3217x and Si3291x
ProSLIC® Single-Chip FXS Solution with FXO Option
Description
The Si3217x is a family of pin-compatible single-channel
ProSLIC products that implement a complete foreign
exchange station (FXS) telephony interface solution in
accordance with all relevant LSSGR, ITU and ETSI
specifications. Select parts in the series also implement
Silicon
Laboratories'
patented
capacitive
isolation
technology to enable seamless connection to Si3291x
series foreign exchange office (FXO) line-side devices. The
Si3217x ProSLIC ICs operate from a 3.3 V supply and
interface to standard PCM/SPI digital interfaces. The
Si3217x
integrated
dc-dc
controller
automatically
generates the optimal battery voltages required for each
line-state. Si3217x ICs are available with voltage ratings of
–110 V or –135 V to support a wide range of ringing
voltages. The Si3217x is available in a 5x7 mm 42-pin QFN
package. The Si3291x is available in a 16-pin SOIC
package.
Si3217x Features
- Performs all BORSCHT functions
- Ideal for short to medium loops
- Global programmability
- Simplified configuration and diagnostics
- Supported by ProSLIC API
- Low power standby operation
- Tracking dc-dc controller
- Patented low-power ringing
- Wideband voice support
- DTMF detection
- Pulse metering
- 3.3 V operation
- Pb-free/RoHS-compliant packaging
Si3291x Features
- Greater than 5 kV isolation
- Global programmability
- Up to +6 dBm TX/RX level
- Parallel handset detection
- Type I and II caller ID support
- Integrated ring detector
- Programmable digital hybrid
Applications
- Customer Premise Equipment (CPE)
- VoIP DSL Gateways and Routers
- Wireless Local Loop (WLL)
- Integrated Access Devices (IAD)
- Analog Terminal Adapters (ATA)
- Small Office/Home Office (SOHO) PBX
Ordering Guide
FXS P/N
Description
Max Vbat
Temperature
Si32176-B-FM
FXS, wideband capable
–110 V
0 to 70 °C
Si32176-B-GM
FXS, wideband capable
–110 V
–40 to 85 °C
Si32177-B-FM
FXS, wideband capable
–135 V
0 to 70 °C
Si32177-B-GM
FXS, wideband capable
–135 V
–40 to 85 °C
Si32178-B-FM
FXS, DTMF detection, wideband capable with FXO support
–110 V
0 to 70 °C
Si32171-B-FM
FXS, DTMF detection, pulse metering
–110 V
0 to 70 °C
Si32171-B-GM
FXS, DTMF detection, pulse metering
–110 V
–-40 to 85 °C
FXO P/N
Region
Ringer Thresholds
On-hook Speeds
RoHS Compliant
Temperature
Si32911-A-FS
FCC/CTR21
1
2
Yes
0 to 70 °C
Si32919-A-FS
Global
3
3
Yes
0 to 70
C


Similar Part No. - SI32911-A-FS

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI32911-A-FS SILABS-SI32911-A-FS Datasheet
91Kb / 2P
   Low power standby operation Tracking dc-dc controller Patented low-power ringing Wideband voice support
logo
Skyworks Solutions Inc.
SI32911-A-FS SKYWORKS-SI32911-A-FS Datasheet
1Mb / 50P
   PROSLIC® SINGLE-CHIP FXS SOLUTION WITH FXO OPTION
Rev. 1.5 August 12, 2021
More results

Similar Description - SI32911-A-FS

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI3217XB SKYWORKS-SI3217XB Datasheet
1Mb / 50P
   PROSLIC® SINGLE-CHIP FXS SOLUTION WITH FXO OPTION
Rev. 1.5 August 12, 2021
logo
Silicon image
SI32178-B-FM SILICONIMAGE-SI32178-B-FM Datasheet
91Kb / 2P
   ProSLIC짰 Single-Chip FXS Solution with FXO Option
logo
Skyworks Solutions Inc.
SI3217X-C SKYWORKS-SI3217X-C Datasheet
653Kb / 47P
   PROSLIC® SINGLE-CHIP FXS SOLUTION
Rev. 1.1 August 31, 2021
SI3219X SKYWORKS-SI3219X Datasheet
1Mb / 32P
   ProSLIC® Single FXS Solution
Rev. 1.0 October 6, 2021
SI3228X SKYWORKS-SI3228X Datasheet
1Mb / 42P
   ProSLIC® Single-Chip Dual FXS Solution
Rev. 1.0 August 11, 2021
SI3229X SKYWORKS-SI3229X Datasheet
1Mb / 43P
   ProSLIC® Single-Chip Dual FXS Solution
Rev. 1.1 July 26, 2021
SI32172 SKYWORKS-SI32172 Datasheet
616Kb / 46P
   PROSLIC® SINGLE-CHIP FXS SOLUTION WITH INTEGRATED SERIAL INTERFACE (ISI)
Rev. 1.0 August 31, 2021
logo
Silicon Laboratories
SI3228X SILABS-SI3228X Datasheet
319Kb / 3P
   ProSLIC짰 Single-Chip Dual FXS Solution
logo
Skyworks Solutions Inc.
SI3218X SKYWORKS-SI3218X Datasheet
1Mb / 43P
   ProSLIC® Single-Channel FXS Solutions
Rev. 1.0 October 6, 2021
logo
Silicon Laboratories
SI3219X SILABS-SI3219X Datasheet
287Kb / 3P
   ProSLIC짰 Single FXS Solution
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com