Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BNX024H01B Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd.

Part # BNX024H01B
Description  SMD/BLOCK Type EMI Suppression Filters
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

BNX024H01B Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd.

  BNX024H01B Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. BNX024H01B Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. BNX024H01B Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. BNX024H01B Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. BNX024H01B Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. BNX024H01B Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. BNX024H01B Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. BNX024H01B Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. BNX024H01B Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
C31E.pdf
Mar.28,2011
190
BNX Series
EMI
Suppression
Effect
Example of Impulse Noise Suppression
Type of Filter
EMI Suppression Effect
Suppression of Ripple Noise of DC Side in the Switching Power Supply
Type of Filter
EMI Suppression Effect / Description
Impulse Noise
2000V/50ns
Y-axis: 500V/div
X-axis: 10ns/sec
Y-axis: 500V/div
X-axis: 10ns/sec
Without Filter
When
BNX002
is used
Without Filter
When
BNX002-01
is used
There is high frequency noise
of 0.5V maximum.
BNX002-01 can suppress most of noise.
+5.0V
50
µs/div
0.2V/div
+5.0V
50
µs/div
0.2V/div
+5V
CG
BNX002-01
Test Circuit
Switching Power Supply


Similar Part No. - BNX024H01B

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BNX024H01B MURATA1-BNX024H01B Datasheet
319Kb / 4P
   Supporting large current (20A)
08/24/2022
More results

Similar Description - BNX024H01B

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLM21AJ601SH1D MURATA-BLM21AJ601SH1D Datasheet
3Mb / 89P
   SMD/BLOCK Type EMI Suppression Filters
DLW5BSN302SQ2L MURATA-DLW5BSN302SQ2L Datasheet
1Mb / 40P
   SMD/BLOCK Type EMI Suppression Filters
BLM18G MURATA-BLM18G Datasheet
2Mb / 88P
   SMD/BLOCK Type EMI Suppression Filters
BLM31PG601SH1L MURATA-BLM31PG601SH1L Datasheet
2Mb / 88P
   SMD/BLOCK TYPE EMI SUPPRESSION FILTERS
BLM31PG330SH1L MURATA-BLM31PG330SH1L Datasheet
2Mb / 88P
   smd/block type emi suppression filters
DLM11GN601SD2D MURATA-DLM11GN601SD2D Datasheet
1Mb / 39P
   smd/block type emi suppression filters
BLM15BD601SH1D MURATA-BLM15BD601SH1D Datasheet
2Mb / 88P
   SMD/BLOCK Type EMI Suppression Filters
BLM41AF800SN1L MURATA-BLM41AF800SN1L Datasheet
2Mb / 88P
   SMD/BLOCK Type EMI Suppression Filters
DLW21SN371SQ2L MURATA-DLW21SN371SQ2L Datasheet
1Mb / 39P
   SMD/BLOCK TYPE EMI Suppression Filters
NFM55PC155F1H4L MURATA-NFM55PC155F1H4L Datasheet
1Mb / 48P
   SMD/BLOCK Type EMI Suppression Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com