Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BNX024H01B Datasheet(PDF) 9 Page - Murata Manufacturing Co., Ltd.

Part # BNX024H01B
Description  SMD/BLOCK Type EMI Suppression Filters
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

BNX024H01B Datasheet(HTML) 9 Page - Murata Manufacturing Co., Ltd.

Back Button BNX024H01B Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. BNX024H01B Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. BNX024H01B Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. BNX024H01B Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. BNX024H01B Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. BNX024H01B Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. BNX024H01B Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. BNX024H01B Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. BNX024H01B Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
C31E.pdf
Mar.28,2011
194
Low profile version of BNX series.
BNX01pSeries
BNX Series
Power Lines Type Block Type EMIFILr
s Dimensions
s Equivalent Circuit
s Packaging
s Insertion Loss Characteristics
s Rated Value
s Notice (Rating)
Refer to pages from p.197 to p.200 for mounting information.
BNX01p
Code
Packaging
Minimum Quantity
-
Box
150
Part Number
Rated Voltage
Withstand Voltage
Rated Current
Insulation Resistance
(min.)
Insertion Loss
(20 to 25 degrees C line impedance=50 ohm)
BNX012-01
50Vdc
125Vdc
15A
500M ohm
1MHz to 1GHz:40dB min.
BNX016-01
25Vdc
62.5Vdc
15A
50M ohm
100kHz to 1GHz:40dB min.
Operating Temperature Range: -40
°C to +125°C
12.0
±0.2
2.5
±0.2
0.6
±0.1
ø0.8
±0.1
ø0.8
±0.1
0.8
±0.1
0.8
±0.1
2.5
±0.2
7.5
±0.2
11.0
±0.2
BNX***
*** : 012/016
(in mm)
PSG: Power supply ground
CG: Load circuit ground
CB: Load circuit + Bias
CG
CB
CG
B
PSG
Frequency (MHz)
(50
Ω - 50Ω)
80
100
60
40
20
0
0.001
0.01
0.1
1
10
100
1000
BNX012-01
BNX016-01
In operating temperatures exceeding
+85
°C, derating of current is necessary for
BNX01p series. Please apply the derating
curve shown in chart according to the
operating temperature.
15
10
5
0
1
85
-40
125
102.5 120
Operating Temperature [
°C]
Derating
" Connecting ± power line
In case of using
± power line, please
connect to each terminal as shown.
Power Supply
(BNX Input)
Circuit
BNX
PSG
B
CG
CB
PSG
B
CG
CB
Power Supply Ground
Power Supply +Bias
Power Supply Ground
Power Supply -Bias
(BNX Output)
Load Circuit Ground
Load Circuit +Bias
Load Circuit Ground
Load Circuit -Bias
L2
C2
L1
L3
C1
B
PSG
CB
CG
(1)-(4): Terminal Number
PSG: Power Supply Ground
CG: Circuit Ground
CB: Circuit+B
(1)
(2)
(3)
(4)


Similar Part No. - BNX024H01B

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BNX024H01B MURATA1-BNX024H01B Datasheet
319Kb / 4P
   Supporting large current (20A)
08/24/2022
More results

Similar Description - BNX024H01B

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLM21AJ601SH1D MURATA-BLM21AJ601SH1D Datasheet
3Mb / 89P
   SMD/BLOCK Type EMI Suppression Filters
DLW5BSN302SQ2L MURATA-DLW5BSN302SQ2L Datasheet
1Mb / 40P
   SMD/BLOCK Type EMI Suppression Filters
BLM18G MURATA-BLM18G Datasheet
2Mb / 88P
   SMD/BLOCK Type EMI Suppression Filters
BLM31PG601SH1L MURATA-BLM31PG601SH1L Datasheet
2Mb / 88P
   SMD/BLOCK TYPE EMI SUPPRESSION FILTERS
BLM31PG330SH1L MURATA-BLM31PG330SH1L Datasheet
2Mb / 88P
   smd/block type emi suppression filters
DLM11GN601SD2D MURATA-DLM11GN601SD2D Datasheet
1Mb / 39P
   smd/block type emi suppression filters
BLM15BD601SH1D MURATA-BLM15BD601SH1D Datasheet
2Mb / 88P
   SMD/BLOCK Type EMI Suppression Filters
BLM41AF800SN1L MURATA-BLM41AF800SN1L Datasheet
2Mb / 88P
   SMD/BLOCK Type EMI Suppression Filters
DLW21SN371SQ2L MURATA-DLW21SN371SQ2L Datasheet
1Mb / 39P
   SMD/BLOCK TYPE EMI Suppression Filters
NFM55PC155F1H4L MURATA-NFM55PC155F1H4L Datasheet
1Mb / 48P
   SMD/BLOCK Type EMI Suppression Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com