Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECK-N3D102KBP Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ECK-N3D102KBP
Description  High voltage ceramic disc capacitors (low loss type)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECK-N3D102KBP Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ECK-N3D102KBP Datasheet HTML 1Page - Panasonic Semiconductor ECK-N3D102KBP Datasheet HTML 2Page - Panasonic Semiconductor ECK-N3D102KBP Datasheet HTML 3Page - Panasonic Semiconductor ECK-N3D102KBP Datasheet HTML 4Page - Panasonic Semiconductor ECK-N3D102KBP Datasheet HTML 5Page - Panasonic Semiconductor ECK-N3D102KBP Datasheet HTML 6Page - Panasonic Semiconductor ECK-N3D102KBP Datasheet HTML 7Page - Panasonic Semiconductor ECK-N3D102KBP Datasheet HTML 8Page - Panasonic Semiconductor ECK-N3D102KBP Datasheet HTML 9Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
High Voltage Ceramic Disc Capacitors (Low loss type)
D
T
F
d
±0.05
D
fd
fD0
∆h1
∆h2
T
P
P0
P2
P1
F
fd
P
D
P1
P2
P0
F
Dimensions in mm (not to scale)
Standard lead styles are available in Kinked Lead and Kinked Lead Taping shown below.
● Kinked Lead Type
Note:Tolerance of Lead Space
Dim. F
(Nominal)
Tolerance
of Dim. F
5.0
±1.0
7.5
±1.5
10.0
±1.5
● Kinked Lead Taping
Type N0, N1
Type N2
Same dimensions as Type N0, N1 except for special dimensions.
Taping
Type
Symbol
N0
N1
N2
P
12.7±1.0
15.0±2.0
30.0±2.0
P0
12.7±0.3
15.0±0.3
15.0±0.3
F
5.0±0.8
7.5±1.0
7.5±1.0
P1
3.85±0.70
3.75±0.80
3.75±0.80
P2
6.35±1.30
7.5±1.5
7.5±1.5
D
To comply with each individual specification
W
18.0
+1.0
W0
10.0 min.
W1
9.0±0.5
W2
3.0 max.
H0
18.0
+2.0
e
4.0 max.
fD0
4.0±0.2
fd
0.60±0.05
0.65±0.05
0.65±0.05
t1
0.6±0.3
t2
1.5 max.
T
To comply with each individual specification
∆h1, ∆h2
2.0 max.
L
11.0 max.
–0
–0.5
Series / Type
Part Number
Minimum Packing
Quantity
Packing Quantity
in Carton
Carton
L W H(mm)
Temp.Char. SL/GP
1 to 6 kVDC
Series KGE
Kinked Lead Bulk
1 kVDC
ECCA3A
GE
12 to 120 pF
200
5000
365 197 126
150 to 470 pF
200
4000
Kinked Lead Bulk
2 kVDC
ECCA3D
GE
12 to
82 pF
20010000
100 to 150 pF
200
4000
180 to 220 pF
2003000
Kinked Lead Bulk
3 kVDC
ECCA3F
GE
12 to
82 pF
200
4000
100 to 150 pF
200
2000
Kinked Lead Bulk
6 kVDC
ECCA3J
GE
5 to
82 pF
200
3000
100 to 150 pF
200
2000
Kinked Lead
Taped Type
1 kVDC
ECCN3A
GE
12 to 470 pF
2000
10000
358 232 305
Kinked Lead
Taped Type
2 kVDC
ECCN3D
GE
12 to 220 pF
1000
5000
Kinked Lead
Taped Type
3 kVDC
ECCN3F
GE
12 to 150 pF
1000
5000
Kinked Lead
Taped Type
6 kVDC
ECCN3J
GE
5 to 150 pF
500
2500
Temp.Char. B/Y5P
1 to 3 kVDC
Series KBP
Kinked Lead Bulk
1 kVDC
ECKA3A
KBP
100 to 680 pF
200
5000
365 197 126
820 to 3900 pF
2004000
4700 to 5600 pF
200
2000
Kinked Lead Bulk
2 kVDC
ECKA3D
KBP
100 to 560 pF
200
4000
680 to 3900 pF
2002000
4700 to 5600 pF
100
1000
Kinked Lead Bulk
3 kVDC
ECKA3F
KBP
100 to 390 pF
200
4000
470 to 2200 pF
200
2000
2700 pF
100
1000
Kinked Lead
Taped Type
1 kVDC
ECKN3A
KBP
100 to 1000 pF
2000
10000
358 232 305
1200 to 3300 pF
1000
5000
3900 to 4700 pF
500
2500
Kinked Lead
Taped Type
2 kVDC
ECKN3D
KBP
100 to 1800 pF
1000
5000
2200 to 3900 pF
500
2500
Kinked Lead
Taped Type
3 kVDC
ECKN3F
KBP
100 to 1000 pF
1000
5000
1200 to 2700 pF
500
2500
Temp.Char. R/Y5R
1 to 3 kVDC
Series KRP
Kinked Lead Bulk
1 kVDC
ECKA3A
KRP
100 to 560 pF
200
5000
365 197 126
680 to 3900 pF
2004000
4700 pF
200
2000
Kinked Lead Bulk
2 kVDC
ECKA3D
KRP
100 to 390 pF
200
4000
470 to 2700 pF
200
2000
3300 to 4700 pF
100
1000
Kinked Lead Bulk
3 kVDC
ECKA3F
KRP
100 to 330 pF
200
4000
390 to 1500 pF
200
2000
1800, 2200 pF
2001000
Kinked Lead
Taped Type
1 kVDC
ECKN3A
KRP
100 to 820 pF
2000
10000
358 232 305
1000 to 2200 pF
1000
5000
2700 to 3900 pF
500
2500
Kinked Lead
Taped Type
2 kVDC
ECKN3D
KRP
100 to 1500 pF
1000
5000
Kinked Lead
Taped Type
3 kVDC
ECKN3F
KRP
100 to 820 pF
1000
5000
Minimum Quantity/Packing Unit
Unit (mm)
Feb. 2006
Discontinued


Similar Part No. - ECK-N3D102KBP

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECK-NVS222ME PANASONIC-ECK-NVS222ME Datasheet
345Kb / 6P
   Ceramic Disc Capacitors (Safety Regulations)
More results

Similar Description - ECK-N3D102KBP

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECK-A3D222KBP PANASONIC-ECK-A3D222KBP Datasheet
619Kb / 9P
   High Voltage Ceramic Disc Capacitors (Low loss type)
ECC-D3A270JGE PANASONIC-ECC-D3A270JGE Datasheet
426Kb / 10P
   High Voltage Ceramic Disc Capacitors (Low loss type)
ECK-A3A332KBP PANASONIC-ECK-A3A332KBP Datasheet
619Kb / 9P
   High Voltage Ceramic Disc Capacitors ( Low loss type)
ECC-D3A220JGE PANASONIC-ECC-D3A220JGE Datasheet
426Kb / 10P
   HIGH VOLTAGE CERAMIC DISC CAPACITORS (LOW LOSS TYPE)
ECK-A3D102KBP PANASONIC-ECK-A3D102KBP Datasheet
619Kb / 9P
   High Voltage Ceramic Disc Capacitors (Low loss type)
ECK-A3A151KBP PANASONIC-ECK-A3A151KBP Datasheet
619Kb / 9P
   High Voltage Ceramic Disc Capacitors (Low loss type)
ECC-A3F560JGE PANASONIC-ECC-A3F560JGE Datasheet
619Kb / 9P
   High Voltage Ceramic Disc Capacitors (Low loss type)
ECC-D3A150JGE PANASONIC-ECC-D3A150JGE Datasheet
426Kb / 10P
   High Voltage Ceramic Disc Capacitors (Low Loss type)
ECKA3D101KBP PANASONIC-ECKA3D101KBP Datasheet
579Kb / 9P
   High Voltage Ceramic Disc Capacitors (Low loss type)
ECK-A3F471KBP PANASONIC-ECK-A3F471KBP Datasheet
619Kb / 9P
   High Voltage Ceramic Disc Capacitors (Low loss type)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com