Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLP0NSN121HL2L Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # DLP0NSN121HL2L
Description  Common Mode Choke Coil Film Type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DLP0NSN121HL2L Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  DLP0NSN121HL2L Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. DLP0NSN121HL2L Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Data Sheet
!Note:
1. This datasheet is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it
may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering.
2. This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product
specifications or transact the approval sheet for product specifications before ordering.
http://www.murata.com/
1
Noise Suppression Products/EMI Suppression Filters > Common Mode Choke Coil > Film Type
2012.11.8
oThis data sheet is applied for CHIP COMMON MODE CHOKE COIL used for General Electronics equipment for your design.
Common Mode Choke Coil Film Type
DLP0NS Series (03025 Size)
c Dimensions
0.27±0.1
0.65±0.05
(2)
(3)
(1)
(4)
0.20
+0.05
–0.10
(in mm)
: Electrode
c Equivalent Circuit
(1)
(4)
(2)
(3)
No polarity.
c Impedance-Frequency Characteristics (Main Items)
DLP0NSC/DLP0NSN Series
Frequency (MHz)
1
10
100
1000
10000
1
10
100
1000
10000
Differential mode
Common mode
DLP0NSN121HL2
DLP0NSN900HL2
DLP0NSN670HL2
DLP0NSN350HL2
DLP0NSC280HL2
DLP0NSN121HL2
DLP0NSN900HL2
DLP0NSN670HL2
DLP0NSN350HL2
DLP0NSC280HL2
c Impedance-Frequency Characteristics (Main Items)
DLP0NSA Series
Frequency (MHz)
1
10
100
1000
10000
0.1
1
10
100
1000
Differential mode
Common mode
DLP0NSA150HL2
DLP0NSA070HL2
DLP0NSA150HL2
DLP0NSA070HL2
DLP0NSC Series
Frequency (MHz)
0
2
4
6
8
10
1
10
100
1000
10000
DLP0NSC280HL2
DLP0NSN Series
Frequency (MHz)
0
2
4
6
8
10
1
10
100
1000
10000
DLP0NSN280HL2
DLP0NSN350HL2
DLP0NSN670HL2
DLP0NSN900HL2
DLP0NSN121HL2
Continued on the following page.
c Differential Mode Transmission Characteristics (Typ.)
c Differential Mode Transmission Characteristics (Typ.)


Similar Part No. - DLP0NSN121HL2L

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DLP0NSN121HL2L MURATA-DLP0NSN121HL2L Datasheet
1Mb / 40P
   SMD/BLOCK Type EMI Suppression Filters
logo
Murata Manufacturing Co...
DLP0NSN121HL2L MURATA1-DLP0NSN121HL2L Datasheet
387Kb / 3P
   Small size and tight dimensional tolerance
Last updated08/01/2022
DLP0NSN121HL2L MURATA1-DLP0NSN121HL2L Datasheet
387Kb / 3P
   Small size and tight dimensional tolerance
Last updated08/01/2022
More results

Similar Description - DLP0NSN121HL2L

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DLP11SA350HL2X MURATA1-DLP11SA350HL2X Datasheet
169Kb / 3P
   Common Mode Choke Coil Film Type
2011.9.8
logo
Murata Manufacturing Co...
DLP11SN900HL2L MURATA-DLP11SN900HL2L Datasheet
137Kb / 3P
   Common Mode Choke Coil Film Type
DLP0QS MURATA-DLP0QS Datasheet
77Kb / 2P
   Common Mode Choke Coil Film Type
DLP2ADA900HL4L MURATA-DLP2ADA900HL4L Datasheet
85Kb / 2P
   Common Mode Choke Coil Film Type (Array)
DLP0NSN900HL2L MURATA-DLP0NSN900HL2L Datasheet
95Kb / 2P
   Common Mode Choke Coil Film Type DLP0NS Series (03025 Size)
logo
DONG IL TECHNOLOGY LTD.
LS6 DIT-LS6 Datasheet
1Mb / 2P
   COMMON MODE CHOKE COIL
logo
Sumida Corporation
CPFC43 SUMIDA-CPFC43 Datasheet
50Kb / 1P
   Common Mode Choke Coil
logo
DONG IL TECHNOLOGY LTD.
LS3 DIT-LS3 Datasheet
1Mb / 2P
   COMMON MODE CHOKE COIL
logo
KOA Speer Electronics, ...
SLF0905TTEB102Y KOA-SLF0905TTEB102Y Datasheet
334Kb / 1P
   common mode choke coil
logo
DONG IL TECHNOLOGY LTD.
LC4 DIT-LC4 Datasheet
1Mb / 2P
   COMMON MODE CHOKE COIL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com