Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PVZ3G332C01R02 Datasheet(PDF) 9 Page - Murata Manufacturing Co., Ltd.

Part # PVZ3G332C01R02
Description  TRIMMER POTENTIOMETER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PVZ3G332C01R02 Datasheet(HTML) 9 Page - Murata Manufacturing Co., Ltd.

Back Button PVZ3G332C01R02 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. PVZ3G332C01R02 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. PVZ3G332C01R02 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. PVZ3G332C01R02 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. PVZ3G332C01R02 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. PVZ3G332C01R02 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. PVZ3G332C01R02 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. PVZ3G332C01R02 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. PVZ3G332C01R02 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
SPECIFICATION No. JVR03Z-7148B
9/12
UNCONTROLLED
COPY
REFERENCE ONLY
9. Outline Dimensions
(Unit: mm)
(Tolerance: ±0.1)
Standard Land Pattern
#2
#1
#3
CIRCUIT
CLOCKWISE
(Wiper Contact)
(Unit: mm)
(Tolerance: ±0.3)
1.1
1.0
0.7
1.0
The resistance value should be indicated with two
digits at the OO portions above.
Resistance
value
Indicated by
2 digits
Resistance
value
Indicated by
2 digits
220 ohm
22
33k ohm
34
330 ohm
32
47k ohm
54
470 ohm
52
68k ohm
64
680 ohm
62
100k ohm
15
1k ohm
13
150k ohm
05
1.5k ohm
03
220k ohm
25
2.2k ohm
23
330k ohm
35
3.3k ohm
33
470k ohm
55
4.7k ohm
53
680k ohm
65
6.8k ohm
63
1M ohm
16
10k ohm
14
1.5M ohm
06
15k ohm
04
2.2M ohm
26
22k ohm
24
3.1
0.8
0.55
0.55
0.4
1.15±0.10
1.2
0.4
R1
.5


Similar Part No. - PVZ3G332C01R02

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PVZ3G102C01B00 MURATA-PVZ3G102C01B00 Datasheet
193Kb / 3P
   Inductance
logo
Murata Manufacturing Co...
PVZ3G102C01B00 MURATA1-PVZ3G102C01B00 Datasheet
248Kb / 3P
   Excellent solderability characteristics are achieved via special plating techniques on each termination.
09/13/2022
PVZ3G102C01B00 MURATA1-PVZ3G102C01B00_V01 Datasheet
248Kb / 3P
   Excellent solderability characteristics are achieved via special plating techniques on each termination.
09/13/2022
logo
Murata Manufacturing Co...
PVZ3G102C01R00 MURATA-PVZ3G102C01R00 Datasheet
193Kb / 3P
   Inductance
logo
Murata Manufacturing Co...
PVZ3G102C01R00 MURATA1-PVZ3G102C01R00 Datasheet
248Kb / 3P
   Excellent solderability characteristics are achieved via special plating techniques on each termination.
09/13/2022
More results

Similar Description - PVZ3G332C01R02

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WIW1012 ETC1-WIW1012 Datasheet
702Kb / 1P
   Trimmer Potentiometer
logo
Sharma Electro Componen...
WIW3269 SHARMA-WIW3269 Datasheet
693Kb / 1P
   Trimmer Potentiometer
WIW1028 SHARMA-WIW1028 Datasheet
748Kb / 1P
   Trimmer Potentiometer
WIW1036 SHARMA-WIW1036 Datasheet
713Kb / 1P
   Trimmer Potentiometer
WIW3329 SHARMA-WIW3329 Datasheet
703Kb / 1P
   Trimmer Potentiometer
logo
List of Unclassifed Man...
WIW1028 ETC1-WIW1028 Datasheet
748Kb / 1P
   Trimmer Potentiometer
logo
Sharma Electro Componen...
WIW1029 SHARMA-WIW1029 Datasheet
743Kb / 1P
   Trimmer Potentiometer
WIW3362 SHARMA-WIW3362 Datasheet
709Kb / 1P
   Trimmer Potentiometer
WIW1015 SHARMA-WIW1015 Datasheet
722Kb / 1P
   Trimmer Potentiometer
logo
Dallas Semiconductor
DS1866 DALLAS-DS1866 Datasheet
77Kb / 5P
   Log Trimmer Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com