Electronic Components Datasheet Search |
|
PVZ3G682C01R02 Datasheet(PDF) 6 Page - Murata Manufacturing Co., Ltd. |
|
PVZ3G682C01R02 Datasheet(HTML) 6 Page - Murata Manufacturing Co., Ltd. |
6 / 12 page SPECIFICATION No. JVR03Z-7148B 6/12 UNCONTROLLED COPY REFERENCE ONLY 5.12 Resistance to soldering heat 5.12.1 The trimmer potentiometer should be soldered under the soldering condition shown in Table 3. The resistance value should be measured after keeping the trimmer potentiometer in a room for 24+8/-0 hours. 5.12.2 The trimmer potentiometer should be soldered twice under the soldering condition shown in Table 4. The resistance value should be measured after keeping the trimmer potentiometer in a room for 24+8/-0 hours. 5.13 Solderability The trimmer potentiometer should be dipped into flux (Rosin type: chlorine 0.2% max., Solid content 30% max., Specific gravity 0.8 to 0.9), and dipped into solder bath at 230±5°C for 3.0±0.5 sec. 6. Caution (1) Please contact us before using our products for the applications listed below which require especially high reliability for the prevention of defects that might directly cause damage to the third party’s life, body or property. • Aircraft equipment • Aerospace equipment • Undersea equipment • Power plant equipment • Medical equipment • Transportation equipment (vehicles, trains, ships, etc.) • Traffic signal equipment • Disaster prevention / crime prevention equipment • Data-processing equipment • Applications of similar complexity and/or reliability requirements to the applications listed in the above (2) Be sure to provide an appropriate fail-safe function on your product to prevent a second damage that may be caused by an abnormality or failure related to our product. Table 4 Pre-heating temperature 150 to 180°C Pre-heating time 60 to 120 sec. Soldering temperature 220°C Soldering time 30 to 60 sec. Reflow peak temperature 260°C max. Table 3 Pre-heating temperature 130 to 160°C Pre-heating time 60 to 120 sec. Soldering temperature 200°C Soldering time 30sec. max. Reflow peak temperature 240°C max. |
Similar Part No. - PVZ3G682C01R02 |
|
Similar Description - PVZ3G682C01R02 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |