Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PVZ3G682C01R02 Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd.

Part # PVZ3G682C01R02
Description  TRIMMER POTENTIOMETER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PVZ3G682C01R02 Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd.

  PVZ3G682C01R02 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. PVZ3G682C01R02 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. PVZ3G682C01R02 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. PVZ3G682C01R02 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. PVZ3G682C01R02 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. PVZ3G682C01R02 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. PVZ3G682C01R02 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. PVZ3G682C01R02 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. PVZ3G682C01R02 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
SPECIFICATION No. JVR03Z-7148B
4/12
UNCONTROLLED
COPY
REFERENCE ONLY
AC
Amplifier
Oscilloscope
Proofread
Resistance
Constant Current Source
(Test current shown in below)
Rx
#1
#2
#3
RX:Trimmer Potentiometer
5. Test Method
5.1 Contact resistance variation (CRV)
Contact resistance variation should be measured with the measuring circuit shown below, or its equivalent.
The operating wiper should be rotated in both directions through 90% of the actual effective electrical travel
for a total of 6 cycles. The rate of rotation of the operating wiper should be such that the wiper completes
1 count in determining whether or not a contact resistance variation is observed at least twice in the same
location.
[Measurement circuit]
[Measurement wave]
[Test current for CRV]
IS : Test current for CRV
RX: Nominal total resistance of trimmer potentiometer
VN: Noise voltage (peak to peak)
5.2 Temperature coefficient of resistance
The trimmer potentiometer should be subjected to
each of the following temperatures (see Table 1)
for 30 to 45 minutes. The resistance value
should be measured in the chamber.
R2 - R1
TC =
X 10
6 (ppm/°C)
R1 (T2 - T1)
5.3 Permitted force of Driver plate
A static load of 4.9N (Ref; 500gf) should be applied on the driver plate of the trimmer potentiometer for 5+1/-0
second. The load should be applied on driver plate uniformly by the 3mm-size plate of push-pull gage.
5.4 Soldering strength
The trimmer potentiometer should be soldered under the soldering condition described in paragraph 7.2(1) on
standard land pattern described in 9. Outline dimensions. A static load of 9.8N (Ref; 1kgf) should be applied
from rear side through the hole opened in the center of PCB by the 1.0±0.1mm dia. stick for 5 second.
VN Except ineffective
variable portion
Nominal total resistance
Test current
220 ohm<=R< 10k ohm
10k ohm<=R<100k ohm
100k ohm<=R
10mA max.
1mA max.
100
µA max.
Table 1
Sequence
*1
2
*3
4
Temp. (°C) +25±2
-25±3
+25±2
+85±3
Note)*: Norm Temp.
VN
CRV =
100(%)
IS • RX
T1 : Reference temperature in degrees Celsius
T2 : Test temperature in degrees Celsius
R1 : Resistance at reference temperature in ohm
R2 : Resistance at test temperature in ohm
The tests and measurements should be conducted under the condition of 15 to 35°C of temperature,
25 to 75% of relative humidity and 86 to 106 kpa of atmospheric pressure unless otherwise specified.
If questionable results occur that have been measured in accordance with the above mentioned
conditions, the tests and measurements should be conducted under the condition of 25±2°C of
temperature and, 45 to 55% of relative humidity and 86 to 106 kpa of atmospheric pressure.
When the trimmer potentiometer is tested after soldering on PCB, it should be tested after being kept
in a room (15 to 35°C, 25 to 75%RH) over 24 hours except ” 5.12 Resistance to soldering heat“.


Similar Part No. - PVZ3G682C01R02

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PVZ3G102C01B00 MURATA-PVZ3G102C01B00 Datasheet
193Kb / 3P
   Inductance
logo
Murata Manufacturing Co...
PVZ3G102C01B00 MURATA1-PVZ3G102C01B00 Datasheet
248Kb / 3P
   Excellent solderability characteristics are achieved via special plating techniques on each termination.
09/13/2022
PVZ3G102C01B00 MURATA1-PVZ3G102C01B00_V01 Datasheet
248Kb / 3P
   Excellent solderability characteristics are achieved via special plating techniques on each termination.
09/13/2022
logo
Murata Manufacturing Co...
PVZ3G102C01R00 MURATA-PVZ3G102C01R00 Datasheet
193Kb / 3P
   Inductance
logo
Murata Manufacturing Co...
PVZ3G102C01R00 MURATA1-PVZ3G102C01R00 Datasheet
248Kb / 3P
   Excellent solderability characteristics are achieved via special plating techniques on each termination.
09/13/2022
More results

Similar Description - PVZ3G682C01R02

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WIW1012 ETC1-WIW1012 Datasheet
702Kb / 1P
   Trimmer Potentiometer
logo
Sharma Electro Componen...
WIW3269 SHARMA-WIW3269 Datasheet
693Kb / 1P
   Trimmer Potentiometer
WIW1028 SHARMA-WIW1028 Datasheet
748Kb / 1P
   Trimmer Potentiometer
WIW1036 SHARMA-WIW1036 Datasheet
713Kb / 1P
   Trimmer Potentiometer
WIW3329 SHARMA-WIW3329 Datasheet
703Kb / 1P
   Trimmer Potentiometer
logo
List of Unclassifed Man...
WIW1028 ETC1-WIW1028 Datasheet
748Kb / 1P
   Trimmer Potentiometer
logo
Sharma Electro Componen...
WIW1029 SHARMA-WIW1029 Datasheet
743Kb / 1P
   Trimmer Potentiometer
WIW3362 SHARMA-WIW3362 Datasheet
709Kb / 1P
   Trimmer Potentiometer
WIW1015 SHARMA-WIW1015 Datasheet
722Kb / 1P
   Trimmer Potentiometer
logo
Dallas Semiconductor
DS1866 DALLAS-DS1866 Datasheet
77Kb / 5P
   Log Trimmer Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com