Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECOS1CP333DA Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # ECOS1CP333DA
Description  Compact size for general purpose and industrial applications
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECOS1CP333DA Datasheet(HTML) 7 Page - Panasonic Semiconductor

  ECOS1CP333DA Datasheet HTML 1Page - Panasonic Semiconductor ECOS1CP333DA Datasheet HTML 2Page - Panasonic Semiconductor ECOS1CP333DA Datasheet HTML 3Page - Panasonic Semiconductor ECOS1CP333DA Datasheet HTML 4Page - Panasonic Semiconductor ECOS1CP333DA Datasheet HTML 5Page - Panasonic Semiconductor ECOS1CP333DA Datasheet HTML 6Page - Panasonic Semiconductor ECOS1CP333DA Datasheet HTML 7Page - Panasonic Semiconductor ECOS1CP333DA Datasheet HTML 8Page - Panasonic Semiconductor ECOS1CP333DA Datasheet HTML 9Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Aluminum Electrolytic Capacitors
TS-UP Standard Ratings (continued)
Cap.
(µF)
120Hz
10kHz~
120Hz
20kHz
560
25 x 40
2.25
3.15
0.326
0.130
25 x 45
2.25
3.15
0.326
0.130
30 x 30
2.25
3.15
0.326
0.130
30 x 35
2.25
3.15
0.326
0.130
35 x 25
2.25
3.15
0.326
0.130
680
25 x 45
2.50
3.50
0.268
0.107
25 x 50
2.50
3.50
0.268
0.107
30 x 35
2.50
3.50
0.268
0.107
30 x 40
2.50
3.50
0.268
0.107
35 x 30
2.50
3.50
0.268
0.107
820
30 x 40
2.50
3.50
0.222
0.089
30 x 45
2.77
3.88
0.222
0.089
35 x 30
2.77
3.88
0.222
0.089
35 x 35
2.77
3.88
0.243
0.109
1000
30 x 45
3.32
4.65
0.182
0.073
30 x 50
3.32
4.65
0.199
0.090
35 x 35
3.32
4.65
0.199
0.090
35 x 40
3.32
4.65
0.199
0.099
1200
35 x 40
3.53
4.94
0.166
0.083
35 x 45
3.53
4.94
0.166
0.083
1500
35 x 50
4.04
5.66
0.133
0.066
82
22 x 25
0.83
1.16
2.022
0.708
100
22 x 30
0.91
1.27
1.658
0.580
120
22 x 30
1.00
1.40
1.382
0.484
25 x 25
1.00
1.40
1.382
0.484
150
22 x 35
1.12
1.57
1.105
0.387
25 x 25
1.12
1.57
1.105
0.387
25 x 30
1.12
1.57
1.105
0.387
30 x 25
1.12
1.57
1.105
0.387
180
22 x 40
1.22
1.71
0.921
0.322
25 x 30
1.22
1.71
0.921
0.322
25 x 35
1.22
1.71
0.921
0.322
30 x 25
1.22
1.71
0.921
0.322
220
22 x 45
1.44
2.02
0.754
0.264
25 x 40
1.44
2.02
0.754
0.264
30 x 25
1.44
2.02
0.754
0.264
30 x 30
1.44
2.02
0.754
0.264
35 x 25
1.44
2.02
0.754
0.264
270
25 x 40
1.66
2.32
0.614
0.215
30 x 30
1.66
2.32
0.614
0.215
30 x 35
1.66
2.32
0.614
0.215
35 x 25
1.66
2.32
0.614
0.215
35 x 30
1.66
2.32
0.614
0.215
330
25 x 50
1.88
2.63
0.502
0.176
30 x 35
1.88
2.63
0.502
0.176
30 x 40
1.88
2.63
0.502
0.176
35 x 30
1.88
2.63
0.502
0.176
390
25 x 50
2.06
2.88
0.425
0.149
30 x 40
2.06
2.88
0.425
0.149
30 x 45
2.06
2.88
0.468
0.164
35 x 30
2.06
2.88
0.425
0.149
35 x 35
2.06
2.88
0.425
0.149
470
30 x 50
2.40
3.36
0.388
0.136
35 x 35
2.40
3.36
0.353
0.123
35 x 40
2.40
3.36
0.353
0.123
560
30 x 50
2.60
3.64
0.326
0.114
35 x 40
2.60
3.64
0.296
0.104
35 x 45
2.60
3.64
0.296
0.104
680
35 x 45
2.96
4.14
0.293
0.117
35 x 50
2.96
4.14
0.293
0.117
820
35 x 50
3.55
4.97
0.243
0.097
ECOS2VP821EX
ECEC2VP821EX
ECOS2VP681EX
ECEC2VP681EX
ECOS2VP681EA
ECEC2VP681EA
ECOS2VP561EX
ECEC2VP561EX
ECOS2VP561EA
ECEC2VP561EA
ECOS2VP471EA
ECEC2VP471EA
ECOS2VP561DX
ECEC2VP561DX
ECOS2VP471DA
ECEC2VP471DA
ECOS2VP471EX
ECEC2VP471EX
ECOS2VP391EX
ECEC2VP391EX
ECOS2VP391EA
ECEC2VP391EA
ECOS2VP391DX
ECEC2VP391DX
ECOS2VP391DA
ECEC2VP391DA
D x L
250 VDC Working, 300 VDC Surge (continued)
ECOS2VP331DX
ECOS2VP331DA
ECOS2VP331EA
ECEC2VP271EA
ECEC2VP331CA
ECEC2VP331DX
Size (mm)
Max 85°C R.C. (Arms)
20°C ESR (Ω, max.)
Panasonic Part Number (By Terminal Length)
ECOS2VP221CA
ECEC2VP331EA
ECOS2VP391CX
ECEC2VP391CX
ECEC2VP151CA
350 VDC Working, 400 VDC Surge
ECEC2VP151CX
ECOS2VP221DA
ECOS2VP181CX
ECEC2VP331DA
ECOS2VP221DX
ECOS2VP271EA
ECOS2VP331CA
20
ECOS2VP151BA
ECOS2VP151CA
ECOS2VP151DA
ECOS2VP181BA
ECOS2VP181CA
ECOS2EP102EA
ECOS2EP122EX
ECOS2VP101BA
ECOS2VP121BA
ECOS2VP151CX
ECOS2VP121CA
Part numbers shown with 2 pins
4.0mm Length Terminal
6.3mm Length Terminal
ECOS2EP561CA
ECOS2EP681DA
ECOS2EP681EA
ECOS2EP561DX
ECOS2EP561DA
ECOS2EP561EA
ECOS2VP181DA
ECOS2VP221BA
ECOS2EP102DA
ECOS2EP102EX
ECOS2EP821EX
ECOS2EP821EA
ECOS2EP821DX
ECOS2EP681CA
ECOS2EP681CX
ECOS2EP681DX
ECOS2EP561CX
ECEC2EP561CX
ECEC2EP561EA
ECEC2EP681CX
ECEC2EP102DX
ECEC2EP681EA
ECEC2EP821DX
ECEC2EP821DA
ECEC2EP561DX
ECEC2EP561DA
ECEC2EP561CA
ECEC2EP821EX
ECEC2EP681CA
ECEC2EP681DX
ECEC2EP102DA
ECOS2EP102DX
ECOS2EP122EA
ECOS2EP152EA
ECOS2EP821DA
ECEC2EP681DA
ECEC2VP181BA
ECEC2VP181CX
ECEC2VP181CA
ECEC2EP122EA
ECEC2EP152EA
ECEC2VP151DA
ECEC2VP181DA
ECOS2VP271EX
ECEC2VP221BA
ECEC2VP221CA
ECEC2VP221DX
ECEC2VP221DA
ECEC2VP221EA
ECEC2VP271CX
ECEC2VP271DX
ECOS2VP221EA
ECEC2EP102EA
ECEC2EP122EX
ECOS2VP271CX
ECOS2VP271DX
ECOS2VP271DA
ECOS2VP820BA
ECEC2EP821EA
ECEC2VP101BA
ECEC2VP121BA
ECEC2VP121CA
ECEC2VP151BA
ECEC2VP820BA
ECEC2VP271DA
ECEC2VP271EX
ECEC2EP102EX


Similar Part No. - ECOS1CP333DA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECOS1CP333DA PANASONIC-ECOS1CP333DA Datasheet
193Kb / 10P
   Aluminum Electrolytic Capacitors
ECOS1CP333DA PANASONIC-ECOS1CP333DA Datasheet
243Kb / 9P
   Aluminum Electrolytic Capacitors
ECOS1CP333DA PANASONIC-ECOS1CP333DA Datasheet
243Kb / 9P
   Aluminum Electrolytic Capacitors
ECOS1CP333DA PANASONIC-ECOS1CP333DA Datasheet
243Kb / 9P
   Aluminum Electrolytic Capacitors
ECOS1CP333DA PANASONIC-ECOS1CP333DA Datasheet
193Kb / 10P
   Panasonic Industrial Company
More results

Similar Description - ECOS1CP333DA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECO-S1JP682DA PANASONIC-ECO-S1JP682DA Datasheet
193Kb / 10P
   Compact size for general purpose and industrial applications
ECOS1CP153EL PANASONIC-ECOS1CP153EL Datasheet
193Kb / 10P
   Compact size for general purpose and industrial applications
ECOS1CP473EA PANASONIC-ECOS1CP473EA Datasheet
193Kb / 10P
   Compact size for general purpose and industrial applications
logo
List of Unclassifed Man...
PCF14JT200R ETC2-PCF14JT200R Datasheet
364Kb / 7P
   General purpose resistor ideal for commercial/industrial applications
CF18JT560R ETC2-CF18JT560R Datasheet
98Kb / 3P
   General purpose resistor ideal for commercial/industrial applications
SLS-1500 ETC2-SLS-1500 Datasheet
276Kb / 5P
   Compact Flow Meter for Industrial Applications
logo
Vishay Siliconix
SD101AWS-G VISHAY-SD101AWS-G Datasheet
85Kb / 4P
   For general purpose applications
Rev. 1.2, 14-Oct-16
SD103AW-G VISHAY-SD103AW-G Datasheet
94Kb / 4P
   For general purpose applications
Rev. 1.7, 25-Aug-16
SD101AW-G VISHAY-SD101AW-G Datasheet
86Kb / 4P
   For general purpose applications
Rev. 1.0, 25-Feb-13
logo
Fairchild Semiconductor
KSE2955T FAIRCHILD-KSE2955T Datasheet
38Kb / 4P
   General Purpose and Switching Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com