Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLM15GG221SN1 Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd.

Part # BLM15GG221SN1
Description  EMI Suppression Filters
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

BLM15GG221SN1 Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd.

  BLM15GG221SN1 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. BLM15GG221SN1 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. BLM15GG221SN1 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. BLM15GG221SN1 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. BLM15GG221SN1 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. BLM15GG221SN1 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. BLM15GG221SN1 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. BLM15GG221SN1 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. BLM15GG221SN1 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 88 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
C31E.pdf
Mar.28,2011
16
Chip Ferrite Bead
(Part Number)
eDimensions (LgW)
Code
0.4g0.2mm
0.6g0.3mm
1.0g0.5mm
1.6g0.8mm
2.0g1.0mm
2.0g1.25mm
3.2g1.6mm
4.5g1.6mm
Dimensions (LgW)
01005
0201
0402
0603
0804
0805
1206
1806
EIA
02
03
15
18
2A
21
31
41
qProduct ID
BL
Chip Ferrite Beads
Product ID
wType
A
M
Array Type
Ferrite Bead Single Type
Code
Type
rCharacteristics/Applications
Code *1
for General Use
Characteristics/Applications
tImpedance
Expressed by three figures. The unit is in ohm (
Ω) at 100MHz. The
first and second figures are significant digits, and the third figure
expresses the number of zeros which follow the two figures.
yElectrode
Expressed by a letter.
uCategory
N
Standard Type
Code
Category
S/T
A
Sn Plating
Au Plating
Code
Electrode
iNumber of Circuits
1
4
1 Circuit
4 Circuits
Code
Number of Circuits
oPackaging
K
L
B
J
D
AG
BLM02/03/15/18/21, BLA2A/31
AX
BLM03/15
TG
BLM18
for High-speed Signal Lines
for Power Supplies
for Digital Interface
BA
BLM15/18
BB
BLM03/15/18/21, BLA2A
BC
BLM03/15
BD
BLM03/15/18/21, BLA2A/31
PG
RK
BLM03/15/18/21/31/41
PX
BLM15
KG
BLM18
PD
BLM15
for Power Supplies (Low DC Resistance Type)
SG
BLM15/18
BLM03/15/18
BLM18
BLM18/21
for GHz Band General Use (Low DC Resistance Type)
for GHz Band General Use
HG
EG
BLM03/15/18
BLM15/18
for GHz Band High-speed Signal Lines
HD
HE
HB
for GHz Band Digital Interface
HK
BLM15
BLM15/18
BLM18
for High-GHz Band High-speed Signal Lines
GA
for High-GHz Band General Use
GG
BLM21 *1/31/41
All Series
BLM03/15/18 *3/21 *2, BLA2A/31
BLM02/03/15/18/21 *2, BLA2A/31
Embossed Taping (ø330mm Reel)
Embossed Taping (ø180mm Reel)
Bulk
Paper Taping (ø330mm Reel)
Paper Taping (ø180mm Reel)
Code
Packaging
Series
Series
*1 Frequency characteristics vary with each code.
*1 BLM21BD222SN1/BLM21BD272SN1 only.
*2 Except BLM21BD222SN1/BLM21BD272SN1
*3 Except BLM18T
Ex.)
Part Numbering
BLp
ty
102
q
BL
u
S
r
AG
e
18
1
o
D
w
M
i
N


Similar Part No. - BLM15GG221SN1

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLM15GG221SN1 MURATA-BLM15GG221SN1 Datasheet
1,015Kb / 39P
   DESIGN ENGINEERING KITS
BLM15GG221SN1 MURATA-BLM15GG221SN1 Datasheet
3Mb / 89P
   SMD/BLOCK Type EMI Suppression Filters
logo
Murata Manufacturing Co...
BLM15GG221SN1 MURATA1-BLM15GG221SN1 Datasheet
243Kb / 4P
   Chip ferrite beads for high frequency noise suppression over a wide frequency range.
Last updated06/30/2022
BLM15GG221SN1B MURATA1-BLM15GG221SN1B Datasheet
243Kb / 4P
   Chip ferrite beads for high frequency noise suppression over a wide frequency range.
Last updated06/30/2022
BLM15GG221SN1D MURATA1-BLM15GG221SN1D Datasheet
243Kb / 4P
   Chip ferrite beads for high frequency noise suppression over a wide frequency range.
Last updated06/30/2022
More results

Similar Description - BLM15GG221SN1

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DLP11SA900HL2 MURATA1-DLP11SA900HL2 Datasheet
368Kb / 3P
   EMI Suppression Filters
10/18/2022
logo
Murata Manufacturing Co...
C30E MURATA-C30E Datasheet
1Mb / 35P
   EMI Suppression Filters
BLM21AJ601SH1D MURATA-BLM21AJ601SH1D Datasheet
3Mb / 89P
   SMD/BLOCK Type EMI Suppression Filters
DSS6NB32A471Q55B MURATA-DSS6NB32A471Q55B Datasheet
950Kb / 40P
   EMI Suppression Filters (Lead Type EMIFIL)
logo
Taiyo Yuden (U.S.A.), I...
FK2125T167AL-T TAIYO-YUDEN-FK2125T167AL-T Datasheet
265Kb / 2P
   Multilayer EMI Suppression Filters (T series)
logo
Murata Manufacturing Co...
DLW5BSN302SQ2L MURATA-DLW5BSN302SQ2L Datasheet
1Mb / 40P
   SMD/BLOCK Type EMI Suppression Filters
BLM18G MURATA-BLM18G Datasheet
2Mb / 88P
   SMD/BLOCK Type EMI Suppression Filters
BNX024H01B MURATA-BNX024H01B Datasheet
794Kb / 18P
   SMD/BLOCK Type EMI Suppression Filters
BLM31PG601SH1L MURATA-BLM31PG601SH1L Datasheet
2Mb / 88P
   SMD/BLOCK TYPE EMI SUPPRESSION FILTERS
BLM31PG330SH1L MURATA-BLM31PG330SH1L Datasheet
2Mb / 88P
   smd/block type emi suppression filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com