Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EETHC1A273HA Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # EETHC1A273HA
Description  Long life with high capacitance (30% smaller than HB series)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EETHC1A273HA Datasheet(HTML) 4 Page - Panasonic Semiconductor

  EETHC1A273HA Datasheet HTML 1Page - Panasonic Semiconductor EETHC1A273HA Datasheet HTML 2Page - Panasonic Semiconductor EETHC1A273HA Datasheet HTML 3Page - Panasonic Semiconductor EETHC1A273HA Datasheet HTML 4Page - Panasonic Semiconductor EETHC1A273HA Datasheet HTML 5Page - Panasonic Semiconductor EETHC1A273HA Datasheet HTML 6Page - Panasonic Semiconductor EETHC1A273HA Datasheet HTML 7Page - Panasonic Semiconductor EETHC1A273HA Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Aluminum Electrolytic Capacitors
TS-HC Standard Ratings (continued)
Cap.
(µF)
120Hz
10kHz~
120Hz
20kHz
5600
25 x 40
3.30
3.80
0.059
0.044
30 x 30
3.30
3.80
0.059
0.044
35 x 25
3.30
3.80
0.059
0.044
6800
25 x 45
3.60
4.14
0.049
0.037
30 x 35
3.60
4.14
0.049
0.037
35 x 30
3.60
4.14
0.049
0.037
8200
30 x 40
3.90
4.49
0.040
0.030
35 x 35
3.90
4.49
0.040
0.030
10000
30 x 45
4.40
5.06
0.033
0.025
35 x 40
4.40
5.06
0.033
0.025
12000
30 x 50
4.80
5.52
0.028
0.021
35 x 45
4.80
5.52
0.028
0.022
15000
35 x 50
5.40
6.21
0.022
0.018
1200
22 x 25
1.50
1.73
0.235
0.176
1500
22 x 30
1.70
1.96
0.188
0.141
25 x 25
1.70
1.96
0.188
0.141
1800
22 x 35
1.80
2.07
0.157
0.117
2200
22 x 40
2.10
2.42
0.128
0.096
25 x 30
2.10
2.42
0.128
0.096
2700
22 x 45
2.40
2.76
0.104
0.078
25 x 35
2.40
2.76
0.104
0.078
30 x 25
2.40
2.76
0.104
0.078
3300
22 x 50
2.60
2.99
0.085
0.064
25 x 40
2.60
2.99
0.085
0.064
30 x 30
2.60
2.99
0.085
0.064
35 x 25
2.60
2.99
0.085
0.064
3900
25 x 45
3.00
3.45
0.072
0.054
30 x 35
3.00
3.45
0.072
0.054
4700
25 x 50
3.30
3.80
0.060
0.045
30 x 40
3.30
3.80
0.060
0.045
35 x 30
3.30
3.80
0.060
0.045
5600
30 x 45
3.70
4.26
0.050
0.038
35 x 35
3.70
4.26
0.050
0.038
6800
30 x 50
3.90
4.49
0.041
0.031
35 x 40
3.90
4.49
0.041
0.032
8200
35 x 45
4.50
5.18
0.034
0.027
820
22 x 25
1.40
1.61
0.303
0.197
1200
22 x 30
1.80
2.07
0.207
0.135
25 x 25
1.80
2.07
0.207
0.135
1500
22 x 35
2.10
2.42
0.166
0.108
25 x 30
2.10
2.42
0.166
0.108
1800
22 x 40
2.30
2.65
0.138
0.090
25 x 35
2.30
2.65
0.138
0.090
30 x 25
2.30
2.65
0.138
0.090
2200
22 x 45
2.60
2.99
0.113
0.073
25 x 40
2.60
2.99
0.113
0.073
30 x 30
2.60
2.99
0.113
0.073
35 x 25
2.60
2.99
0.113
0.073
2700
25 x 45
2.90
3.34
0.092
0.060
30 x 35
2.90
3.34
0.092
0.060
3300
25 x 50
3.20
3.68
0.075
0.049
30 x 40
3.20
3.68
0.075
0.049
35 x 30
3.20
3.68
0.075
0.049
3900
30 x 45
3.60
4.14
0.064
0.043
35 x 35
3.60
4.14
0.064
0.043
4700
30 x 50
3.80
4.37
0.053
0.038
35 x 40
3.80
4.37
0.053
0.037
5600
35 x 45
4.20
4.83
0.044
0.031
6800
35 x 50
4.70
5.41
0.037
0.027
470
22 x 25
1.40
1.96
0.423
0.190
EETHC2A272KJ
EETHC2A332JJ
160 VDC Working, 200 VDC Surge
EETHC2C471HA
EETHC2C471HJ
EETHC2A392KA
EETHC2A392LA
EETHC2A472KA
EETHC2A332LJ
EETHC2A222KA
EETHC2A222LA
EETHC2A272JA
EETHC2A272KA
Part numbers shown with 2 pins and 4.0mm length terminals
EETHC2A562LA
EETHC2A682LA
EETHC2A152HJ
EETHC2A182HJ
34
EETHC2A332JA
EETHC2A332KA
EETHC2A332LA
EETHC2A392KJ
EETHC2A392LJ
EETHC2A472KJ
EETHC2A222JA
EETHC2A222HA
EETHC2A152HA
EETHC2A182HA
EETHC2A182JA
EETHC2A182KA
EETHC2A152JA
EETHC1K562LA
EETHC1K682KA
EETHC1K682LA
EETHC2A821HA
Size (mm)
EETHC1K332KA
EETHC1K822LA
EETHC1K332LA
EETHC1K392JA
EETHC1K392KA
EETHC1K472JA
EETHC1K472KA
EETHC1K472LA
EETHC1K562KA
EETHC1K182HA
EETHC1K222HA
EETHC1K152HA
EETHC1J822LA
EETHC1K152JA
EETHC1J103KA
EETHC1J103LA
EETHC1J123KA
EETHC1J123LA
EETHC1K222JA
EETHC1J682LA
EETHC1K122HA
EETHC1J682JA
EETHC1J682KA
EETHC1K152JJ
EETHC1K182HJ
EETHC1J562KA
EETHC1K272JA
EETHC1J153LA
80 VDC Working, 100 VDC Surge
EETHC1K122HJ
EETHC1K222JJ
EETHC1J562LA
EETHC1J562KJ
EETHC1J562LJ
EETHC1J682JJ
EETHC1J562JA
EETHC1J822KA
EETHC1K472LJ
EETHC1K392JJ
EETHC1K392KJ
EETHC1K472JJ
EETHC1K472KJ
EETHC1K332HJ
EETHC1K332JJ
EETHC1K332KJ
EETHC1K332LJ
EETHC1K332JA
EETHC1K332HA
EETHC2A472LA
EETHC1J562JJ
Max 105°C R.C. (Arms)
20°C ESR ( , max.)
PVC with Top Plate
63 VDC Working, 79 VDC Surge (continued)
D x L
EETHC1K272KJ
EETHC1J682KJ
EETHC1J682LJ
EETHC1J822LJ
EETHC1J103KJ
EETHC1K152HJ
EETHC1K272HJ
EETHC1K222HJ
Panasonic Part Number (By Sleeving Style)
PET without Top Plate
EETHC1K272HA
EETHC1K272KA
EETHC1J123KJ
EETHC1J123LJ
EETHC1J153LJ
EETHC1J103LJ
EETHC1J822KJ
EETHC1K272JJ
EETHC1K562KJ
EETHC1K562LJ
EETHC1K682KJ
EETHC1K682LJ
EETHC1K822LJ
EETHC2A821HJ
EETHC2A122HJ
EETHC2A122JJ
100 VDC Working, 125 VDC Surge
EETHC2A122HA
EETHC2A122JA
EETHC2A182JJ
EETHC2A182KJ
EETHC2A152JJ
EETHC2A222HJ
EETHC2A222JJ
EETHC2A222KJ
EETHC2A222LJ
EETHC2A332KJ
EETHC2A472LJ
EETHC2A562LJ
EETHC2A682LJ
EETHC2A272JJ


Similar Part No. - EETHC1A273HA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EETHC1A273HA PANASONIC-EETHC1A273HA Datasheet
90Kb / 8P
   Long life with high capeacitance 2 and 3 pin versions available RoHS compliant PVC and RoHS compliant PETsleeve options
EETHC1A273HA PANASONIC-EETHC1A273HA Datasheet
96Kb / 8P
   Long life with high capacitance (30% smaller than HB series)
More results

Similar Description - EETHC1A273HA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EET-HC2G821LA PANASONIC-EET-HC2G821LA Datasheet
96Kb / 8P
   Long life with high capacitance (30% smaller than HB series)
EET-HC2W151CA PANASONIC-EET-HC2W151CA Datasheet
75Kb / 3P
   Highly miniaturized version (30% smaller than HB series)
EET-HC2W561EA PANASONIC-EET-HC2W561EA Datasheet
75Kb / 3P
   Highly miniaturized version (30% smaller than HB series)
EET-HC2G821EA PANASONIC-EET-HC2G821EA Datasheet
75Kb / 3P
   Highly miniaturized version (30% smaller than HB series)
EET-HC2E471CA PANASONIC-EET-HC2E471CA Datasheet
75Kb / 3P
   Highly miniaturized version (30% smaller than HB series)
EET-HC2G221DA PANASONIC-EET-HC2G221DA Datasheet
75Kb / 3P
   Highly miniaturized version (30% smaller than HB series)
logo
Panasonic Battery Group
EETHC1A123BA PANASONICBATTERY-EETHC1A123BA Datasheet
75Kb / 3P
   Highly miniaturized version (30% smaller than HB series) Can vent construction
logo
Cornell Dubilier Electr...
500C CDE-500C_17 Datasheet
1Mb / 15P
   Long Life, High Capacitance Screw Terminal Type
500C273U6R3AK2B CDE-500C273U6R3AK2B Datasheet
230Kb / 15P
   Long Life, High Capacitance Screw Terminal Type
logo
Coilcraft lnc.
0302CS-10NXJLU COILCRAFT-0302CS-10NXJLU Datasheet
149Kb / 2P
   20% smaller than our 0402CS inductors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com