Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EETHC1A473JA Datasheet(PDF) 8 Page - Panasonic Semiconductor

Part # EETHC1A473JA
Description  Long life with high capacitance (30% smaller than HB series)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EETHC1A473JA Datasheet(HTML) 8 Page - Panasonic Semiconductor

  EETHC1A473JA Datasheet HTML 1Page - Panasonic Semiconductor EETHC1A473JA Datasheet HTML 2Page - Panasonic Semiconductor EETHC1A473JA Datasheet HTML 3Page - Panasonic Semiconductor EETHC1A473JA Datasheet HTML 4Page - Panasonic Semiconductor EETHC1A473JA Datasheet HTML 5Page - Panasonic Semiconductor EETHC1A473JA Datasheet HTML 6Page - Panasonic Semiconductor EETHC1A473JA Datasheet HTML 7Page - Panasonic Semiconductor EETHC1A473JA Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Aluminum Electrolytic Capacitors
TS-HC Standard Ratings (continued)
Cap.
(µF)
120Hz
10kHz~
120Hz
20kHz
390
30 x 45
1.55
2.17
0.468
0.210
30 x 50
1.55
2.17
0.468
0.210
35 x 35
1.55
2.17
0.468
0.210
35 x 40
1.55
2.17
0.468
0.210
470
30 x 50
1.74
2.44
0.388
0.175
35 x 40
1.74
2.44
0.388
0.175
35 x 45
1.74
2.44
0.388
0.175
560
35 x 50
1.90
2.66
0.326
0.147
38
Part numbers shown with 2 pins and 4.0mm length terminals
EETHC2W391KF
EETHC2W391KC
EETHC2W391KA
EETHC2W391KJ
EETHC2W391LF
EETHC2W391LC
EETHC2W391LA
EETHC2W391LJ
EETHC2W471KF
EETHC2W471KC
EETHC2W471LF
EETHC2W471LC
EETHC2W471LA
EETHC2W471LJ
EETHC2W561LA
EETHC2W561LJ
Size (mm)
Max 105°C R.C. (Arms)
20°C ESR ( , max.)
Panasonic Part Number (By Sleeving Style)
D x L
PVC with Top Plate
PET without Top Plate
450 VDC Working, 500 VDC Surge (continued)


Similar Part No. - EETHC1A473JA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EETHC1A473JA PANASONIC-EETHC1A473JA Datasheet
90Kb / 8P
   Long life with high capeacitance 2 and 3 pin versions available RoHS compliant PVC and RoHS compliant PETsleeve options
EETHC1A473JA PANASONIC-EETHC1A473JA Datasheet
96Kb / 8P
   Long life with high capacitance (30% smaller than HB series)
More results

Similar Description - EETHC1A473JA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EET-HC2G821LA PANASONIC-EET-HC2G821LA Datasheet
96Kb / 8P
   Long life with high capacitance (30% smaller than HB series)
EET-HC2W151CA PANASONIC-EET-HC2W151CA Datasheet
75Kb / 3P
   Highly miniaturized version (30% smaller than HB series)
EET-HC2W561EA PANASONIC-EET-HC2W561EA Datasheet
75Kb / 3P
   Highly miniaturized version (30% smaller than HB series)
EET-HC2G821EA PANASONIC-EET-HC2G821EA Datasheet
75Kb / 3P
   Highly miniaturized version (30% smaller than HB series)
EET-HC2E471CA PANASONIC-EET-HC2E471CA Datasheet
75Kb / 3P
   Highly miniaturized version (30% smaller than HB series)
EET-HC2G221DA PANASONIC-EET-HC2G221DA Datasheet
75Kb / 3P
   Highly miniaturized version (30% smaller than HB series)
logo
Panasonic Battery Group
EETHC1A123BA PANASONICBATTERY-EETHC1A123BA Datasheet
75Kb / 3P
   Highly miniaturized version (30% smaller than HB series) Can vent construction
logo
Cornell Dubilier Electr...
500C CDE-500C_17 Datasheet
1Mb / 15P
   Long Life, High Capacitance Screw Terminal Type
500C273U6R3AK2B CDE-500C273U6R3AK2B Datasheet
230Kb / 15P
   Long Life, High Capacitance Screw Terminal Type
logo
Coilcraft lnc.
0302CS-10NXJLU COILCRAFT-0302CS-10NXJLU Datasheet
149Kb / 2P
   20% smaller than our 0402CS inductors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com