Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELT-5KN120C Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ELT-5KN120C
Description  Fixed Inductors (Voltage Step-up Coils)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELT-5KN120C Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ELT-5KN120C Datasheet HTML 1Page - Panasonic Semiconductor ELT-5KN120C Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Fixed Inductors (Voltage Step-up Coils)
E
1
L
2
T
3
5
4
K
5
N
6
0
7
0
8
4
9
C
φ370 Reel
Product Code
Outer size
Construction
Design No.
Packaging
C
10
6.5
±0.2
0.65
±0.10
5.2
±0.1
1
2
3
4
5
6.5
±0.2
0.65
±0.10
5.2
±0.1
1
2
3
4
5
Recommended Applications
Toys, Cameras, Pagers, PHS, cordless telephones
Features
Small and thin
High inductance
Voltage Step-up Coils
Series:
Chip
Type:
5KN
High inductance Voltage Step-up coil for the DC-DC circuitry of EL panels
Explanation of Part Numbers
ELT5KN
Standard Packing Quantity
4000 pcs./Reel
Type 5KN
Dimensions in mm (not to scale)
F
G
Part Name:
1 Core 2 Terminal 3Ring 4 Coil 5 Terminal board
Jan. 2008


Similar Part No. - ELT-5KN120C

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELT-511EWA EVERLIGHT-ELT-511EWA Datasheet
150Kb / 5P
   Technical Data Sheet 0.56inch Triple Digit Displays
ELT-511SURWA EVERLIGHT-ELT-511SURWA Datasheet
127Kb / 7P
   0.56 Triple Digit Displays
ELT-511SURWA-S530-A3 EVERLIGHT-ELT-511SURWA-S530-A3 Datasheet
149Kb / 5P
   0.56" Triple Digit Displays
ELT-511SURWA/S530-A3 EVERLIGHT-ELT-511SURWA/S530-A3 Datasheet
127Kb / 7P
   0.56 Triple Digit Displays
ELT-511SYGWA EVERLIGHT-ELT-511SYGWA Datasheet
116Kb / 6P
   0.56 Triple Digit Displays
More results

Similar Description - ELT-5KN120C

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELT-3KN118B PANASONIC-ELT-3KN118B Datasheet
148Kb / 5P
   Fixed Inductors Voltage Step-up Coils
ELT3KN004C PANASONIC-ELT3KN004C Datasheet
80Kb / 2P
   Voltage Step-up Coils
ELT3KN136C PANASONIC-ELT3KN136C Datasheet
146Kb / 5P
   VOLTAGE STEP-UP COILS
logo
YOBON TECHNOLOGIES,INC.
YB1316 YOBON-YB1316 Datasheet
173Kb / 3P
   Step-Up/ Step-Down / Fixed Output Application
logo
TECH PUBLIC Electronics...
LM2577S-ADJ TECHPUBLIC-LM2577S-ADJ Datasheet
8Mb / 18P
   Step-Up Voltage Reaulator
logo
TOKO, Inc
TK65020 TOKO-TK65020 Datasheet
94Kb / 14P
   STEP-UP VOLTAGE CONVERTER
logo
Global Mixed-mode Techn...
G5121 GMT-G5121_06 Datasheet
551Kb / 10P
   Fixed Frequency White LED Step-Up Converter
G5121 GMT-G5121 Datasheet
579Kb / 9P
   Fixed Frequency White LED Step-Up Converter
logo
Anpec Electronics Corop...
APW7217 ANPEC-APW7217 Datasheet
316Kb / 17P
   Fixed 600kHz Step-UP Converter for White LEDs
logo
Seiko Instruments Inc
S-8430AF SII-S-8430AF Datasheet
1Mb / 23P
   STEP UP & DOWN VOLTAGE REGULATOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com