Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CNY171TVM Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # CNY171TVM
Description  CNY17-1/2/3 are also available in white package by specifying -M suffix (eg. CNY17-2-M)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CNY171TVM Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button CNY171TVM Datasheet HTML 3Page - List of Unclassifed Manufacturers CNY171TVM Datasheet HTML 4Page - List of Unclassifed Manufacturers CNY171TVM Datasheet HTML 5Page - List of Unclassifed Manufacturers CNY171TVM Datasheet HTML 6Page - List of Unclassifed Manufacturers CNY171TVM Datasheet HTML 7Page - List of Unclassifed Manufacturers CNY171TVM Datasheet HTML 8Page - List of Unclassifed Manufacturers CNY171TVM Datasheet HTML 9Page - List of Unclassifed Manufacturers CNY171TVM Datasheet HTML 10Page - List of Unclassifed Manufacturers CNY171TVM Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
www.fairchildsemi.com
CNY17-1, CNY17-3, CNY17-2, CNY17-4 Rev. 1.0.2
10
100
1000
10000
100000
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
RBE- BASE RESISTANCE (k Ω)
10
100
1000
10000
100000
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
VCC = 10 V
IC = 2 mA
RL = 100 Ω
VCC = 10 V
IC = 2 mA
RL = 100 Ω
Fig. 13 Normalized toff vs. RBE
(Black Package)
RBE- BASE RESISTANCE (k Ω)
Fig. 14 Normalized toff vs. RBE
(White Package)
IF - LED FORWARD CURRENT (mA)
Fig. 16 LED Forward Voltage vs. Forward Current
(White Package)
110
100
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
TA = 25˚C
TA = 55˚C
TA = 100˚C
IF - LED FORWARD CURRENT (mA)
Fig. 15 LED Forward Voltage vs. Forward Current
(Black Package)
110
100
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
TA = 25˚C
TA = 55˚C
TA = 100˚C
Fig. 18 Dark Current vs. Ambient Temperature
(Black Package)
TA - AMBIENT TEMPERATURE (˚C)
025
50
75
100
125
10-6
10-5
10-4
10-3
10-2
10-1
100
101
VCE = 10 V
Fig. 17 Collector Current vs. Collector-Emitter Saturation Voltage
V
CESAT - (V)
0.01
0.1
1
0.01
0.1
1
10
I
F = 2.5mA
I
F = 5mA
I
F = 10mA
I
F = 20mA
I
B = 0; T A = 25
oC


Similar Part No. - CNY171TVM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
CNY171TVM FAIRCHILD-CNY171TVM Datasheet
575Kb / 14P
   Phototransistor Optocouplers
CNY171TVM FAIRCHILD-CNY171TVM Datasheet
268Kb / 10P
   Phototransistor Optocouplers
logo
ON Semiconductor
CNY171TVM ONSEMI-CNY171TVM Datasheet
372Kb / 12P
   6-Pin DIP High BVCEO Phototransistor Optocouplers
December, 2022 - Rev. 3
More results

Similar Description - CNY171TVM

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
1N4148W SUNTAN-1N4148W Datasheet
213Kb / 3P
   These diodes are also available in other case
1N4148WS SUNTAN-1N4148WS Datasheet
165Kb / 3P
   These diodes are also available in other case
logo
Micro Commercial Compon...
SR5010-TP MCC-SR5010-TP Datasheet
236Kb / 3P
   Halogen free available upon request by adding suffix
logo
List of Unclassifed Man...
B5817WS-TP ETC2-B5817WS-TP Datasheet
332Kb / 3P
   Halogen free available upon request by adding suffix
SD107WS-TP ETC2-SD107WS-TP Datasheet
171Kb / 2P
   Halogen free available upon request by adding suffix
1N5819-BP ETC1-1N5819-BP Datasheet
427Kb / 3P
   Halogen free available upon request by adding suffix
logo
Shanghai Leiditech Elec...
SMD15PL LEIDITECH-SMD15PL Datasheet
381Kb / 2P
   Halogen free available upon request by adding suffix
logo
Micro Commercial Compon...
ESDLC3603P3 MCC-ESDLC3603P3 Datasheet
394Kb / 4P
   Halogen free available upon request by adding suffix
logo
Fujitsu Component Limit...
MBM29PL3200TE FUJITSU-MBM29PL3200TE Datasheet
670Kb / 59P
   32 M (2 M X 16/1 M X 32) BIT
logo
Micro Commercial Compon...
DFLZ18-TP MCC-DFLZ18-TP Datasheet
341Kb / 4P
   Halogen free available upon request by adding suffix -HF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com