Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FGA15N120ANTDTU_F109 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # FGA15N120ANTDTU_F109
Description  Extremely enhanced avalanche capability
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FGA15N120ANTDTU_F109 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  FGA15N120ANTDTU_F109 Datasheet HTML 1Page - List of Unclassifed Manufacturers FGA15N120ANTDTU_F109 Datasheet HTML 2Page - List of Unclassifed Manufacturers FGA15N120ANTDTU_F109 Datasheet HTML 3Page - List of Unclassifed Manufacturers FGA15N120ANTDTU_F109 Datasheet HTML 4Page - List of Unclassifed Manufacturers FGA15N120ANTDTU_F109 Datasheet HTML 5Page - List of Unclassifed Manufacturers FGA15N120ANTDTU_F109 Datasheet HTML 6Page - List of Unclassifed Manufacturers FGA15N120ANTDTU_F109 Datasheet HTML 7Page - List of Unclassifed Manufacturers FGA15N120ANTDTU_F109 Datasheet HTML 8Page - List of Unclassifed Manufacturers FGA15N120ANTDTU_F109 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
www.fairchildsemi.com
FGA15N120ANTD
/ FGA15N120ANTD_F109 Rev. B1
Typical Performance Characteristics (Continued)
Figure 7. Turn-On Characteristics vs. Gate
Figure 8. Turn-Off Characteristics vs. Gate
Resistance
Resistance
0
10
2030
405060
70
1
10
100
Common Emitter
V
CC
= 600V, V
GE
= 15V
I
C
= 15A
T
C
= 25
oC
T
C
= 125
oC
td(on)
tr
Gate Resistance, R
G
[Ω]
0
10
2030
4050
6070
10
100
1000
Common Emitter
V
CC
= 600V, V
GE
= 15V
I
C
= 15A
T
C
= 25
oC
T
C
= 125
oC
td(off)
tf
Gate Resistance, R
G
[Ω]
Figure 9. Switching Loss vs. Gate Resistance
Figure 10. Turn-On Characteristics vs.
0
102030
40
50
6070
1
10
Common Emitter
V
CC
= 600V, V
GE
= 15V
I
C
= 15A
T
C
= 25
oC
T
C
= 125
oC
Eon
Eoff
Gate Resistance, R
G
[Ω]
10
15
20
25
30
10
100
Common Emitter
V
GE
= 15V, R
G
= 10Ω
T
C
= 25
oC
T
C
= 125
oC
tr
td(on)
Collector Current, I
C
[A]
Collector Current
Figure 11. Turn-Off Characteristics vs.
Figure 12. Switching Loss vs. Collector Current
Collector Current
10
15
20
25
30
10
100
Common Emitter
V
GE
= 15V, R
G
= 10Ω
T
C
= 25
oC
T
C
= 125
oC
td(off)
tf
Collector Current, I
C
[A]
5
1015
202530
0.1
1
10
Common Emitter
V
GE
= 15V, R
G
= 10Ω
T
C
= 25
oC
T
C
= 125
oC
Eon
Eoff
Collector Current, I
C
[A]


Similar Part No. - FGA15N120ANTDTU_F109

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FGA15N120ANTDTU-F109 ONSEMI-FGA15N120ANTDTU-F109 Datasheet
907Kb / 9P
   1200 V, 15 A NPT Trench IGBT
October-2017,Rev.3
More results

Similar Description - FGA15N120ANTDTU_F109

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTGN40N120 DINTEK-DTGN40N120 Datasheet
1Mb / 8P
   Extremely enhanced avalanche capability
DTGN25N120 DINTEK-DTGN25N120 Datasheet
1Mb / 8P
   Extremely enhanced avalanche capability
DTGN50N60 DINTEK-DTGN50N60 Datasheet
1Mb / 10P
   Extremely enhanced avalanche capability
logo
STMicroelectronics
STPS10LCD100C STMICROELECTRONICS-STPS10LCD100C Datasheet
102Kb / 7P
   Avalanche capability specified
May 2008 Rev 1
logo
Littelfuse
LFUSCD20120B LITTELFUSE-LFUSCD20120B Datasheet
564Kb / 4P
   Enhanced surge capability
LFUSCD10120A LITTELFUSE-LFUSCD10120A Datasheet
572Kb / 4P
   Enhanced surge capability
LFUSCD05120A LITTELFUSE-LFUSCD05120A Datasheet
567Kb / 4P
   Enhanced surge capability
LFUSCD30120B LITTELFUSE-LFUSCD30120B Datasheet
567Kb / 4P
   Enhanced surge capability
logo
Silikron Semiconductor ...
SSF2715 SILIKRON-SSF2715 Datasheet
452Kb / 6P
   Extremely high dv/dt capability
logo
STMicroelectronics
STFI10NK60Z STMICROELECTRONICS-STFI10NK60Z Datasheet
530Kb / 13P
   Extremely high dv/dt capability
March 2012 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com