Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10-01066 Datasheet(PDF) 2 Page - Tensility International Corp.

Part # 10-01066
Description  Cable, 1830 mm, 5.5x2.5x10 mm 90째 50-00129 dc plug to stripped tinned, 18 AWG, 30-00007 wire
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TENSILITY [Tensility International Corp.]
Direct Link  http://www.tensility.com
Logo TENSILITY - Tensility International Corp.

10-01066 Datasheet(HTML) 2 Page - Tensility International Corp.

  10-01066 Datasheet HTML 1Page - Tensility International Corp. 10-01066 Datasheet HTML 2Page - Tensility International Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
part number:
description:
date:
rev:
page:
June 28, 2012
A
10-01066
Cable, 1830 mm, 5.5x2.5x10 mm 90° 50-
00129 dc plug to stripped tinned, 18 AWG,
30-00007 wire
2 of 2
Spec sign-off verifies that you have reviewed the entire specification, tested a sample of the product, and confirm that it meets your
requirements. This specification reflects the part as it will be ordered. Orders will not be processed until the specification pages have
been initialed and the approval page has been signed. This specification is confidential and is not to be transmitted without prior
approval from Tensility.
Signature
Title
Name
Date
Company
Branch
Specification Approval
Revision notes:
Rev
Date
Description
A
June 28, 2012
initial release


Similar Part No. - 10-01066

ManufacturerPart #DatasheetDescription
logo
Tensility International...
10-01060 TENSILITY-10-01060 Datasheet
336Kb / 2P
   Cable, 1830 mm, 5.5x2.5x12 mm 50-00026 dc plug to stripped tinned, 18 AWG, 30-00007 wire
10-01061 TENSILITY-10-01061 Datasheet
346Kb / 2P
   Cable, 1830 mm, 5.5x2.5x12 mm 90째 50-00187 dc plug to stripped tinned, 24 AWG,30-00003 wire
10-01062 TENSILITY-10-01062 Datasheet
336Kb / 2P
   Cable, 1830 mm, 5.5x2.1x12 mm 50-00024 dc plug to stripped tinned, 24 AWG, 30-00003 wire
10-01063 TENSILITY-10-01063 Datasheet
337Kb / 2P
   Cable, 1830 mm, 5.5x2.1x12 mm 50-00024 dc plug to stripped tinned, 18 AWG, 30-00007 wire
10-01064 TENSILITY-10-01064 Datasheet
350Kb / 2P
   Cable, 1830 mm, 5.5x2.1x12 mm 90째 50-00186 dc plug to stripped tinned, 24 AWG, 30-00003 wire
More results

Similar Description - 10-01066

ManufacturerPart #DatasheetDescription
logo
Tensility International...
10-01065 TENSILITY-10-01065 Datasheet
334Kb / 2P
   Cable, 1830 mm, 5.5x2.1x10 mm 90째 50-00133 dc plug to stripped tinned, 18 AWG, 30-00007 wire
10-01063 TENSILITY-10-01063 Datasheet
337Kb / 2P
   Cable, 1830 mm, 5.5x2.1x12 mm 50-00024 dc plug to stripped tinned, 18 AWG, 30-00007 wire
10-01060 TENSILITY-10-01060 Datasheet
336Kb / 2P
   Cable, 1830 mm, 5.5x2.5x12 mm 50-00026 dc plug to stripped tinned, 18 AWG, 30-00007 wire
10-01090 TENSILITY-10-01090 Datasheet
307Kb / 2P
   Cable, 1830 mm, 5.5x2.5 mm 50-00027 dc jack to stripped tinned, 18 AWG, 30-00007 wire
10-01092 TENSILITY-10-01092 Datasheet
332Kb / 2P
   Cable, 1830 mm, 5.5x2.1 mm 50-00025 dc jack to stripped tinned, 18 AWG, 30-00007 wire
10-01061 TENSILITY-10-01061 Datasheet
346Kb / 2P
   Cable, 1830 mm, 5.5x2.5x12 mm 90째 50-00187 dc plug to stripped tinned, 24 AWG,30-00003 wire
10-01064 TENSILITY-10-01064 Datasheet
350Kb / 2P
   Cable, 1830 mm, 5.5x2.1x12 mm 90째 50-00186 dc plug to stripped tinned, 24 AWG, 30-00003 wire
CA-2200 TENSILITY-CA-2200 Datasheet
256Kb / 2P
   Cable, 1830 mm, 5.5x2.5x10 mm, right angle dc plug to stripped tinned, 18 AWG, UL2468 zip cord
10-01071 TENSILITY-10-01071 Datasheet
350Kb / 2P
   Cable, 1830 mm, 4.75x1.7x9.5 mm 90째 50- 00135 dc plug to stripped tinned, 24 AWG
10-01094 TENSILITY-10-01094 Datasheet
308Kb / 2P
   Cable, 915 mm, 5.5x2.5 mm 50-00027 dc jack to stripped tinned, 18 AWG, 30-00007 wire
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com