Electronic Components Datasheet Search |
|
EETUQ2S271B Datasheet(PDF) 1 Page - Panasonic Semiconductor |
|
EETUQ2S271B Datasheet(HTML) 1 Page - Panasonic Semiconductor |
1 / 6 page Highly miniaturized version (30% smaller than UP series) 2 and 3 pin versions available PET Sleeve Option *Use of temperature ripple current multipliers may limit life to the hours specified for the maximum operating temperature. Part Number System # of pins: 2 2 3 pin length: 6.3mm 4.0mm 4.0mm 22mm BH P 25mm CJ Q 30mm DKR 35mm EL S TS-UQ Standard Ratings (part numbers shown with 2 pins and 6.3mm length terminal) Cap. (µF) 120Hz 10kHz~ 120Hz 20kHz 12000 22 x 25 4.52 5.20 0.069 0.059 A (No suffix) J 15000 22 x 30 5.26 6.05 0.055 0.047 A (No suffix) J 18000 22 x 35 5.57 6.41 0.046 0.039 A (No suffix) J 25 x 25 5.57 6.41 0.046 0.039 A (No suffix) J 22000 22 x 40 6.10 7.02 0.038 0.032 A (No suffix) J 25 x 30 6.10 7.02 0.038 0.032 A (No suffix) J 27000 22 x 45 6.31 7.26 0.031 0.026 A (No suffix) J 25 x 35 6.31 7.26 0.031 0.026 A (No suffix) J 30 x 25 6.31 7.26 0.031 0.026 A (No suffix) J 33000 22 x 50 6.84 7.87 0.025 0.021 A (No suffix) J 25 x 40 6.84 7.87 0.025 0.021 A (No suffix) J 30 x 30 6.84 7.87 0.025 0.021 A (No suffix) J 35 x 25 6.84 7.87 0.025 0.021 A (No suffix) J 39000 25 x 45 6.94 7.98 0.024 0.020 A (No suffix) J 30 x 35 6.94 7.98 0.024 0.020 A (No suffix) J 47000 25 x 50 7.47 8.59 0.023 0.019 A (No suffix) J 30 x 40 7.47 8.59 0.023 0.019 A (No suffix) J 35 x 30 7.47 8.59 0.023 0.019 A (No suffix) J 56000 30 x 45 8.73 10.04 0.022 0.019 A (No suffix) J 35 x 35 8.73 10.04 0.022 0.018 A (No suffix) J 68000 30 x 50 9.05 10.41 0.021 0.018 A (No suffix) J 35 x 40 9.05 10.41 0.021 0.018 A (No suffix) J 82000 35 x 45 9.49 10.91 0.020 0.018 A (No suffix) J 100000 35 x 50 10.18 11.71 0.019 0.018 A (No suffix) J EETUQ1C273C_ EETUQ1C273D_ EETUQ1C333B_ EETUQ1C104E_ EETUQ1C563E_ EETUQ1C683D_ EETUQ1C183C_ EETUQ1C223B_ EETUQ1C223C_ EETUQ1C273B_ PET without Top Plate 82 ~ 1000µF 2000 hours at +85°C with maximum specified ripple current (see page 6) 3√CV (µA) max. after 5 minutes; C = Capacitance in µF, V = WV Part Number Suffix Sleeving Options Sleeving Options: See Part Number listings Diameter / Terminal Code EETUQ1C333C_ EETUQ1C333D_ EETUQ1C333E_ EETUQ1C393C_ EETUQ1C393D_ EETUQ1C683E_ EETUQ1C823E_ Size (mm) D x L Max 85°C R.C. (Arms) 20°C ESR (Ω, max.) EETUQ1C473C_ EETUQ1C123B_ EETUQ1C153B_ (Please see page 10 for details) PVC with Top Plate 16 VDC Working, 20 VDC Surge EETUQ1C183B_ PVC without Top Plate EETUQ1C473D_ EETUQ1C473E_ EETUQ1C563D_ Panasonic Part Number Capacitance Tolerance: Dissipation Factor: (120 Hz, +20°C) Leakage Current: Ripple Current Multipliers: Endurance: ± 20% TS-UQ Series 85°C, 2000 hours Nominal Capacitance: 270 ~ 100000µF 350 ~ 450 VDC Rated Working Voltage: Operating Temperature: 16 ~ 250 VDC -25 ~ +85°C -40 ~ +85°C Frequency(Hz): 16~100WV: 50 160~450WV: 0.93 0.75 0.95 0.8 1.0 1.0 1.2 1.08 1.25 1.15 1.4 Ripple Current Ambient Temperature Factors* ≤45°C 1.5 60°C 70°C 85°C Temperature (°C): Multiplier: 1.0 1.3 1.4 1.05 Working Voltage [V]: Max. D.F. (%): 16 50 25 20 160 ~ 450 15 (rated cap. [µF] - 33000 ) 1000 For capacitance values > 33000µF, add the value of: 25 40 35 35 50 30 63 80 100 20 60 100~120 500 1k 10k E E T U Q Common Code Capacitance Code Series Code Voltage Code Design and specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use. Whenever a doubt about safety arises from this product, please contact us immediately for technical consultation. Large Can Aluminum Electrolytic Capacitors |
Similar Part No. - EETUQ2S271B |
|
Similar Description - EETUQ2S271B |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |