Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EETUQ2W271C Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EETUQ2W271C
Description  Large Can Aluminum Electrolytic Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EETUQ2W271C Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EETUQ2W271C Datasheet HTML 1Page - Panasonic Semiconductor EETUQ2W271C Datasheet HTML 2Page - Panasonic Semiconductor EETUQ2W271C Datasheet HTML 3Page - Panasonic Semiconductor EETUQ2W271C Datasheet HTML 4Page - Panasonic Semiconductor EETUQ2W271C Datasheet HTML 5Page - Panasonic Semiconductor EETUQ2W271C Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TS-UQ Standard Ratings (continued)
Cap.
(µF)
120Hz
10kHz~
120Hz
20kHz
8200
22 x 25
3.57
4.11
0.081
0.065
A
(No suffix)
J
12000
22 x 30
4.10
4.72
0.055
0.044
A
(No suffix)
J
25 x 25
4.10
4.72
0.055
0.044
A
(No suffix)
J
15000
22 x 35
4.63
5.32
0.044
0.035
A
(No suffix)
J
25 x 30
4.63
5.32
0.044
0.035
A
(No suffix)
J
18000
22 x 40
5.47
6.29
0.037
0.029
A
(No suffix)
J
25 x 35
5.47
6.29
0.037
0.029
A
(No suffix)
J
30 x 25
5.47
6.29
0.037
0.029
A
(No suffix)
J
22000
22 x 45
6.10
7.02
0.030
0.024
A
(No suffix)
J
25 x 40
6.10
7.02
0.030
0.024
A
(No suffix)
J
30 x 30
6.10
7.02
0.030
0.024
A
(No suffix)
J
35 x 25
6.10
7.02
0.030
0.024
A
(No suffix)
J
27000
25 x 45
6.21
7.14
0.025
0.020
A
(No suffix)
J
30 x 35
6.21
7.14
0.025
0.020
A
(No suffix)
J
33000
25 x 50
6.84
7.87
0.020
0.016
A
(No suffix)
J
30 x 40
6.84
7.87
0.020
0.016
A
(No suffix)
J
35 x 30
6.84
7.87
0.020
0.016
A
(No suffix)
J
39000
30 x 45
7.36
8.46
0.020
0.016
A
(No suffix)
J
35 x 35
7.36
8.46
0.020
0.016
A
(No suffix)
J
47000
30 x 50
8.00
9.20
0.019
0.016
A
(No suffix)
J
35 x 40
8.00
9.20
0.019
0.015
A
(No suffix)
J
56000
35 x 45
8.91
10.25
0.019
0.016
A
(No suffix)
J
68000
35 x 50
9.79
11.26
0.018
0.016
A
(No suffix)
J
5600
22 x 25
3.36
3.86
0.104
0.078
A
(No suffix)
J
8200
22 x 30
4.00
4.60
0.071
0.053
A
(No suffix)
J
25 x 25
4.00
4.60
0.071
0.053
A
(No suffix)
J
10000
22 x 35
4.42
5.08
0.058
0.044
A
(No suffix)
J
25 x 30
4.42
5.08
0.058
0.044
A
(No suffix)
J
12000
22 x 40
5.05
5.81
0.048
0.036
A
(No suffix)
J
25 x 35
5.05
5.81
0.048
0.036
A
(No suffix)
J
30 x 25
5.05
5.81
0.048
0.036
A
(No suffix)
J
15000
22 x 45
5.57
6.41
0.039
0.029
A
(No suffix)
J
25 x 40
5.57
6.41
0.039
0.029
A
(No suffix)
J
18000
25 x 45
5.68
6.53
0.032
0.024
A
(No suffix)
J
30 x 30
5.68
6.53
0.032
0.024
A
(No suffix)
J
35 x 25
5.68
6.53
0.032
0.024
A
(No suffix)
J
22000
25 x 50
6.10
7.02
0.026
0.020
A
(No suffix)
J
30 x 35
6.10
7.02
0.026
0.020
A
(No suffix)
J
35 x 30
6.10
7.02
0.026
0.020
A
(No suffix)
J
27000
30 x 45
6.84
7.87
0.021
0.016
A
(No suffix)
J
35 x 35
6.84
7.87
0.021
0.016
A
(No suffix)
J
33000
30 x 50
7.15
8.22
0.018
0.013
A
(No suffix)
J
35 x 40
7.15
8.22
0.018
0.014
A
(No suffix)
J
39000
35 x 45
7.91
9.10
0.017
0.014
A
(No suffix)
J
47000
35 x 50
8.56
9.84
0.017
0.014
A
(No suffix)
J
3300
22 x 25
2.73
3.14
0.151
0.113
A
(No suffix)
J
4700
22 x 30
3.03
3.48
0.106
0.079
A
(No suffix)
J
25 x 25
3.03
3.48
0.106
0.079
A
(No suffix)
J
5600
22 x 35
3.42
3.93
0.089
0.067
A
(No suffix)
J
6800
22 x 40
3.85
4.43
0.073
0.055
A
(No suffix)
J
25 x 30
3.85
4.43
0.073
0.055
A
(No suffix)
J
30 x 25
3.85
4.43
0.073
0.055
A
(No suffix)
J
8200
22 x 45
4.41
5.07
0.061
0.045
A
(No suffix)
J
25 x 35
4.41
5.07
0.061
0.045
A
(No suffix)
J
10000
22 x 50
4.97
5.72
0.050
0.037
A
(No suffix)
J
25 x 40
4.97
5.72
0.050
0.037
A
(No suffix)
J
30 x 30
4.97
5.72
0.050
0.037
A
(No suffix)
J
35 x 25
4.97
5.72
0.050
0.037
A
(No suffix)
J
12000
25 x 45
5.58
6.42
0.041
0.031
A
(No suffix)
J
30 x 35
5.58
6.42
0.041
0.031
A
(No suffix)
J
35 x 30
5.58
6.42
0.041
0.031
A
(No suffix)
J
EETUQ1H123E_
EETUQ1H103D_
EETUQ1H103E_
EETUQ1H123C_
EETUQ1H123D_
EETUQ1H472C_
EETUQ1H562B_
EETUQ1H682B_
EETUQ1H682C_
EETUQ1H682D_
EETUQ1H822B_
EETUQ1H822C_
EETUQ1H103B_
EETUQ1H103C_
EETUQ1V393E_
50 VDC Working, 63 VDC Surge
EETUQ1H332B_
EETUQ1H472B_
EETUQ1V183D_
EETUQ1V183E_
EETUQ1V223C_
EETUQ1V473E_
EETUQ1V223D_
EETUQ1V223E_
EETUQ1V273D_
EETUQ1V273E_
EETUQ1V333D_
EETUQ1V333E_
EETUQ1V123D_
EETUQ1V153B_
EETUQ1V153C_
EETUQ1V183C_
EETUQ1V103B_
EETUQ1V103C_
EETUQ1V123B_
EETUQ1V123C_
EETUQ1V562B_
EETUQ1E273C_
EETUQ1E473E_
EETUQ1E473D_
EETUQ1E273D_
EETUQ1E333C_
EETUQ1E333D_
EETUQ1V822B_
EETUQ1V822C_
EETUQ1E683E_
EETUQ1E563E_
35 VDC Working, 44 VDC Surge
Part Number Suffix Sleeving Options
Panasonic
EETUQ1E333E_
EETUQ1E393D_
EETUQ1E393E_
D x L
Size (mm)
Max 85°C R.C. (Arms)
20°C ESR (Ω, max.)
PVC with Top
Plate
PVC without
Top Plate
PET without
Top Plate
Part Number
EETUQ1E183D_
EETUQ1E223B_
EETUQ1E223C_
EETUQ1E223D_
25 VDC Working, 32 VDC Surge
EETUQ1E822B_
EETUQ1E123B_
EETUQ1E123C_
EETUQ1E153B_
EETUQ1E183B_
EETUQ1E153C_
EETUQ1E183C_
EETUQ1E223E_
Design and specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please contact us immediately for technical consultation.
Large Can Aluminum Electrolytic Capacitors


Similar Part No. - EETUQ2W271C

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EETUQ2W271HJ PANASONIC-EETUQ2W271HJ Datasheet
107Kb / 10P
   Aluminum Electrolytic Capacitors/ UQ Snap-in Type
EETUQ2W271JJ PANASONIC-EETUQ2W271JJ Datasheet
107Kb / 10P
   Aluminum Electrolytic Capacitors/ UQ Snap-in Type
EETUQ2W271KJ PANASONIC-EETUQ2W271KJ Datasheet
107Kb / 10P
   Aluminum Electrolytic Capacitors/ UQ Snap-in Type
More results

Similar Description - EETUQ2W271C

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLFW NIC-NRLFW Datasheet
40Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLMW NIC-NRLMW Datasheet
57Kb / 3P
   Large Can Aluminum Electrolytic Capacitors
NRLR NIC-NRLR Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLRW NIC-NRLRW Datasheet
572Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
TS-HA PANASONIC-TS-HA Datasheet
153Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
logo
NIC-Components Corp.
NRLC NIC-NRLC_14 Datasheet
90Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
NRLF NIC-NRLF_14 Datasheet
82Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLFW NIC-NRLFW_14 Datasheet
81Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
ECO-S2GP331EX PANASONIC-ECO-S2GP331EX Datasheet
269Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
ECO-S1HA472EA PANASONIC-ECO-S1HA472EA Datasheet
224Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
EET-UQ2W331LA PANASONIC-EET-UQ2W331LA Datasheet
248Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com